Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GJ78MXX Datasheet(PDF) 3 Page - GTM CORPORATION

Part # GJ78MXX
Description  3-TERMINAL POSITIVE VOLTAGE REGULATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GJ78MXX Datasheet(HTML) 3 Page - GTM CORPORATION

  GJ78MXX Datasheet HTML 1Page - GTM CORPORATION GJ78MXX Datasheet HTML 2Page - GTM CORPORATION GJ78MXX Datasheet HTML 3Page - GTM CORPORATION GJ78MXX Datasheet HTML 4Page - GTM CORPORATION GJ78MXX Datasheet HTML 5Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
GJ78MXX
Page: 3/5
ISSUED DATE :2004/12/15
REVISED DATE :2005/12/13B
GJ78M09 (Refer to the test circuits, Ta=25 : , Io=350mA, Vin=15V, Cin=0.33 F, Co=0.1 F unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
8.64
9.0
9.36
I
o=350mA
VO
8.55
-
9.45
V
11.5V Vin 24V , 5mA Io 350mA
-
4
100
11.5V Vin 26V, Io=200mA
VO
(Line Regulation)
-
2
50
mV
12V Vin 25V, Io=200mA
-
30
180
5mA Io 500mA
VO
(Load Regulation)
-
15
90
mV
5mA Io 200mA
I
Q
-
3.5
6.0
mA
I
o=0mA
-
-
0.5
5mA Io 350mA
I
Q
-
-
0.8
mA
12V Vin 25V, Io=200mA
Vn
-
90
-
V
10Hz f 100KHz
RR
56
-
-
dB
13V Vin 23V, f=120Hz, Io=100mA,eIN=1Vrms
VD
-
2.0
-
V
I
o=500mA
I
sc
-
170
-
mA
Vin=30V
I
pk
-
700
-
mA
Tj=25 :
Vo / Tj
-
-0.5
-
mV/ :
I
o=5mA, 0 : Tj 125 :
GJ78M12 (Refer to the test circuits, Ta=25 : , Io=350mA, Vin=19V, Cin=0.33 F, Co=0.1 F unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
11.52
12.0
12.48
I
o=350mA
VO
11.40
-
12.60
V
15V Vin 27V , 5mA Io 350mA
-
5
100
14.5V Vin 30V, Io=200mA
VO
(Line Regulation)
-
3
50
mV
16V Vin 30V, Io=200mA
-
30
240
5mA Io 500mA
VO
(Load Regulation)
-
15
120
mV
5mA Io 200mA
I
Q
-
3.5
6.0
mA
I
o=0mA
-
-
0.5
5mA Io 350mA
I
Q
-
-
0.8
mA
14.5V Vin 30V, Io=200mA
Vn
-
110
-
V
10Hz f 100KHz
RR
55
-
-
dB
15V Vin 25V, f=120Hz, Io=100mA,eIN=1Vrms
VD
-
2.0
-
V
I
o=500mA
I
sc
-
170
-
mA
Vin=30V
I
pk
-
700
-
mA
Tj=25 :
Vo / Tj
-
-0.5
-
mV/ :
I
o=5mA, 0 : Tj 125 :


Similar Part No. - GJ78MXX

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GJ7805 GTM-GJ7805 Datasheet
197Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ7805 GTM-GJ7805 Datasheet
168Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ7806 GTM-GJ7806 Datasheet
197Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ7806 GTM-GJ7806 Datasheet
168Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ7808 GTM-GJ7808 Datasheet
197Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
More results

Similar Description - GJ78MXX

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H7805AE HSMC-H7805AE Datasheet
35Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AI HSMC-H7809AI Datasheet
37Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AJ HSMC-H7809AJ Datasheet
33Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Micro Electronics
ML7800 MICRO-ELECTRONICS-ML7800 Datasheet
431Kb / 11P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GM78L12 ETC2-GM78L12 Datasheet
196Kb / 2P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Continental Device Indi...
CL7824DT CDIL-CL7824DT Datasheet
338Kb / 5P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SJ78M15 SECOS-SJ78M15 Datasheet
84Kb / 2P
   3-Terminal Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
78L05U SEMTECH_ELEC-78L05U Datasheet
223Kb / 2P
   3-Terminal Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL7812XE3 CYSTEKEC-PL7812XE3 Datasheet
108Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
PL7818XE3 CYSTEKEC-PL7818XE3 Datasheet
108Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Hi-Sincerity Mocroelect...
H7812AA HSMC-H7812AA Datasheet
38Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com