Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8946 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA8946
Description  2 x 15 W stereo Bridge Tied Load BTL audio amplifier
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8946 Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA8946 Datasheet HTML 1Page - NXP Semiconductors TDA8946 Datasheet HTML 2Page - NXP Semiconductors TDA8946 Datasheet HTML 3Page - NXP Semiconductors TDA8946 Datasheet HTML 4Page - NXP Semiconductors TDA8946 Datasheet HTML 5Page - NXP Semiconductors TDA8946 Datasheet HTML 6Page - NXP Semiconductors TDA8946 Datasheet HTML 7Page - NXP Semiconductors TDA8946 Datasheet HTML 8Page - NXP Semiconductors TDA8946 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Philips Semiconductors
TDA8946J
2 x 15 W stereo BTL audio amplifier
Product specification
Rev. 02 — 14 March 2000
5 of 23
9397 750 06863
© Philips Electronics N.V. 2000. All rights reserved.
8.2 Power amplifier
The power amplifier is a Bridge Tied Load (BTL) amplifier with an all-NPN output
stage, capable of delivering a peak output current of 2 A.
The BTL principle offers the following advantages:
Lower peak value of the supply current
The ripple frequency on the supply voltage is twice the signal frequency
No expensive DC-blocking capacitor
Good low frequency performance.
8.2.1
Output power measurement
The output power as a function of the supply voltage is measured on the output pins
at THD = 10%; see Figure 8. The maximum output power is limited by the maximum
supply voltage of 18 V and the maximum available output current: 2 A repetitive peak
current.
8.2.2
Headroom
Typical CD music requires at least 12 dB (factor 15.85) dynamic headroom –
compared to the average power output – for transferring the loudest parts without
distortion. At VCC =18V, RL =8 Ω and Po = 10 W at THD = 0.1% (see Figure 6), the
Average Listening Level (ALL) – music power – without any distortion yields:
Po(ALL) = 10 W/15.85 = 631 mW.
The power dissipation can be derived from Figure 11 on page 11 for 0 dB
respectively 12 dB headroom.
For the average listening level a power dissipation of 8 W can be used for a heatsink
calculation.
8.3 Mode selection
The TDA8946J has three functional modes, which can be selected by applying the
proper DC voltage to pin MODE. See Figure 4 and 5 for the respective DC levels,
which depend on the supply voltage level. The MODE pin can be driven by a 3-state
logic output stage: e.g. a microcontroller with additional components for DC-level
shifting.
Standby — In this mode the current consumption is very low and the outputs are
floating. The device is in standby mode when (VCC − 0.5 V) < VMODE <VCC, or when
the MODE pin is left floating (high impedance). The power consumption of the
TDA8946J will be reduced to <0.18 mW.
Table 4:
Power rating as function of headroom
Headroom
Power output (THD = 0.1%)
Power dissipation (P)
0dB
Po =10W
18 W
12 dB
Po(ALL) = 631 mW
8 W


Similar Part No. - TDA8946

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8946AJ NXP-TDA8946AJ Datasheet
405Kb / 20P
   2 x 15 W BTL audio amplifier with DC gain control
Rev. 01-01 March 2002
More results

Similar Description - TDA8946

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8944J PHILIPS-TDA8944J Datasheet
580Kb / 21P
   2 x 7 W stereo Bridge Tied Load BTL audio amplifier
Rev. 02 -14 February 2000
TDA8942P PHILIPS-TDA8942P Datasheet
395Kb / 23P
   2 x 1.5 W stereo Bridge Tied Load BTL audio amplifier
Rev. 02 -14 March 2000
TDA8945S PHILIPS-TDA8945S Datasheet
363Kb / 21P
   15 W mono Bridge Tied Load BTL audio amplifier
Rev. 02 -7 April 2000
TDA8943SF PHILIPS-TDA8943SF Datasheet
358Kb / 20P
   6 W mono Bridge Tied Load BTL audio amplifier
Rev. 02 -7 April 2000
TDA8941P PHILIPS-TDA8941P Datasheet
370Kb / 21P
   1.5 W mono Bridge Tied Load BTL audio amplifier
Rev. 02 -7 April 2000
TDA7057Q PHILIPS-TDA7057Q Datasheet
56Kb / 9P
   2 x 3 W stereo BTL audio output amplifier
May 1992
TFA9810 NXP-TFA9810 Datasheet
148Kb / 29P
   Stereo full-bridge audio amplifier 2 x 12 W
Rev. 02-30 August 2007
TFA9815 NXP-TFA9815 Datasheet
139Kb / 26P
   Stereo full-bridge audio amplifier 2 x 17 W
Rev. 01-16 December 2008
SA58637 PHILIPS-SA58637_15 Datasheet
164Kb / 22P
   2 x 2.2 W BTL audio amplifier
Rev. 01-25 February 2008
TFA9810TN1 PHILIPS-TFA9810TN1 Datasheet
172Kb / 29P
   Stereo full-bridge audio amplifier 2 x 12 W
Rev. 03-20 February 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com