Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2120CTI+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX2120CTI+
Description  Complete, Direct-Conversion Tuner for DVB-S and Free-to-Air Applications
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2120CTI+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX2120CTI+ Datasheet HTML 1Page - Maxim Integrated Products MAX2120CTI+ Datasheet HTML 2Page - Maxim Integrated Products MAX2120CTI+ Datasheet HTML 3Page - Maxim Integrated Products MAX2120CTI+ Datasheet HTML 4Page - Maxim Integrated Products MAX2120CTI+ Datasheet HTML 5Page - Maxim Integrated Products MAX2120CTI+ Datasheet HTML 6Page - Maxim Integrated Products MAX2120CTI+ Datasheet HTML 7Page - Maxim Integrated Products MAX2120CTI+ Datasheet HTML 8Page - Maxim Integrated Products MAX2120CTI+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Complete, Direct-Conversion Tuner for DVB-S
and Free-to-Air Applications
4
_______________________________________________________________________________________
AC ELECTRICAL CHARACTERISTICS (continued)
MAX2120 Evaluation Kit: VCC = +3.13V to +3.47V, VGC1 = +0.5V (max gain), TA = 0°C to +70°C. Default register settings except ICP
= 1 and BBG[3:0] = 1011. Typical values measured at VCC = +3.3V, TA = +25°C, unless otherwise noted.) (Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOLTAGE-CONTROLLED OSCILLATOR AND LO GENERATION
Guaranteed LO Frequency
Range
TA = 0°C to +70°C
925
2175
MHz
fOFFSET = 10kHz
-82
fOFFSET = 100kHz
-102
LO Phase Noise
fOFFSET = 1MHz
-122
dBc/Hz
XTAL/REFERENCE OSCILLATOR INPUT AND OUTPUT BUFFER
XTAL Oscillator Frequency
Range
Parallel-resonance-mode crystal
4
8
MHz
Input Overdrive Level
AC-coupled sine wave input
0.5
1
2.0
VP-P
XTAL Output-Buffer Divider
Range
18
XTAL Output Voltage Swing
4MHz to 30MHz, CLOAD = 10pF
1
1.5
2
VP-P
XTAL Output Duty Cycle
50
%
Note 1: Min/max values are production tested at TA = +70°C. Min/max limits at TA = 0°C and TA = +25°C are guaranteed by design
and characterization.
Note 2: Gain-control range specifications met over this band.
Note 3: In-band IIP3 test conditions: GC1 set to provide the nominal baseband output drive when mixing down a -23dBm tone at
2175MHz to 5MHz baseband (fLO = 2170MHz). Baseband gain is set to its default value (BBG[3:0] = 1011). Two tones at
-26dBm each are applied at 2174MHz and 2175MHz. The IM3 tone at 3MHz is measured at baseband, but is referred to the
RF input.
Note 4: Out-of-band IIP3 test conditions: GC1 set to provide nominal baseband output drive when mixing down a -23dBm tone at
2175MHz to 5MHz baseband (fLO = 2170MHz). Baseband gain is set to its default value (BBG[3:0] = 1011). Two tones at
-20dBm each are applied at 2070MHz and 1975MHz. The IM3 tone at 5MHz is measured at baseband, but is referred to the
RF input.
Note 5: Input IP2 test conditions: GC1 set to provide nominal baseband output drive when mixing down a -23dBm tone at 2175MHz
to 5MHz baseband (fLO = 2170MHz). Baseband gain is set to its default value (BBG[3:0] = 1011). Two tones at -20dBm
each are applied at 925MHz and 1250MHz. The IM2 tone at 5MHz is measured at baseband, but is referred to the RF input.
Note 6: Adjacent channel protection test conditions: GC1 is set to provide the nominal baseband output drive with a 2110MHz
27.5Mbaud signal at -55dBm. GC2 set for mid-scale. The test signal will be set for PR = 7/8 and SNR of -8.5dB. An adjacent
channel at ±40MHz is added at -25dBm. DVB-S BER performance of 2E-4 will be maintained for the desired signal. GC2
may be adjusted for best performance.
Note 7: Guaranteed by design and characterization at TA = +25°C.


Similar Part No. - MAX2120CTI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2120CTI++ MAXIM-MAX2120CTI+ Datasheet
223Kb / 21P
   Complete, Direct-Conversion Tuner for DVB-S and Free-to-Air Applications
Rev 2; 5/10
More results

Similar Description - MAX2120CTI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2120 MAXIM-MAX2120_10 Datasheet
223Kb / 21P
   Complete, Direct-Conversion Tuner for DVB-S and Free-to-Air Applications
Rev 2; 5/10
MAX2112 MAXIM-MAX2112_10 Datasheet
207Kb / 19P
   Complete, Direct-Conversion Tuner for DVB-S2 Applications
Rev 2; 5/10
MAX2112 MAXIM-MAX2112 Datasheet
303Kb / 19P
   Complete, Direct-Conversion Tuner for DVB-S2 Applications
Rev 0; 8/07
MAX2112 MAXIM-MAX2112_V01 Datasheet
1Mb / 19P
   Complete, Direct-Conversion Tuner for DVB-S2 Applications
2020
logo
STMicroelectronics
STB6000 STMICROELECTRONICS-STB6000 Datasheet
48Kb / 2P
   QPSK DVB/DIRECTVTM direct conversion tuner IC
logo
Maxim Integrated Produc...
MAX2121_V1 MAXIM-MAX2121_V1 Datasheet
330Kb / 19P
   Complete Direct-Conversion L-Band Tuner
Rev 1; 7/12
logo
Infineon Technologies A...
TUA9001 INFINEON-TUA9001 Datasheet
186Kb / 2P
   RF Silicon Tuner for for DVB-H/T and CMMB (Direct Conversion Receiver)
logo
Maxim Integrated Produc...
MAX2104 MAXIM-MAX2104 Datasheet
148Kb / 9P
   Direct-Conversion Tuner IC for Digital DBS Applications
19-1431; Rev 3; 12/01
MAX2102 MAXIM-MAX2102 Datasheet
151Kb / 16P
   Direct-Conversion Tuner ICs for Digital DBS Applications
19-1256; Rev 2; 10/98
MAX2104 MAXIM-MAX2104_05 Datasheet
186Kb / 9P
   Direct-Conversion Tuner IC for Digital DBS Applications
Rev 4; 6/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com