Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3420E Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX3420E
Description  USB Peripheral Controller with SPI Interface
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3420E Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX3420E Datasheet HTML 4Page - Maxim Integrated Products MAX3420E Datasheet HTML 5Page - Maxim Integrated Products MAX3420E Datasheet HTML 6Page - Maxim Integrated Products MAX3420E Datasheet HTML 7Page - Maxim Integrated Products MAX3420E Datasheet HTML 8Page - Maxim Integrated Products MAX3420E Datasheet HTML 9Page - Maxim Integrated Products MAX3420E Datasheet HTML 10Page - Maxim Integrated Products MAX3420E Datasheet HTML 11Page - Maxim Integrated Products MAX3420E Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
USB Peripheral Controller
with SPI Interface
8
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +3V to +3.6V, VL = +1.71V to +3.6V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +3.3V, VL =
+2.5V, TA = +25
°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(All voltages referenced to GND, unless otherwise noted.)
VCC ......................................................................... -0.3V to +4V
VL .............................................................................-0.3V to +4V
VBCOMP .................................................................-0.3V to +6V
D+, D-, XI, XO ............................................-0.3V to (VCC + 0.3V)
SCLK, MOSI, MISO,
SS, RES, GPOUT3–GPOUT0,
GPIN3–GPIN0, GPX, INT ..........................-0.3V to (VL + 0.3V)
Continuous Power Dissipation (TA = +70°C)
24-Pin TQFN (derate 20.8mW/°C above +70°C) .......1667mW
32-Pin LQFP (derate 20.7mW/°C above +70°C)........1653mW
Operating Temperature Range ...........................-40
°C to +85°C
Junction Temperature ......................................................+150
°C
Storage Temperature Range .............................-65
°C to +150°C
Lead Temperature (soldering, 10s) .................................+300
°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC CHARACTERISTICS
Supply Voltage VCC
VCC
3.0
3.3
3.6
V
Logic-Core Supply and Logic-
Interface Voltage VL
VL
1.71
3.60
V
VCC Supply Current
ICC
Continuously transmitting on D+ and D- at
12Mbps, CL = 50pF on D+ and D- to GND,
CONNECT = 0
15
30
mA
VL Supply Current
IL
SCLK toggling at 20MHz,
SS = low,
GPIN3–GPIN0 = 0
620
mA
VCC Supply Current During Idle
ICCID
D+ = high, D- = low
1.5
5
mA
VCC Suspend Supply Current
ICCSUS
CONNECT = 0, PWRDOWN = 1
33
100
µA
VL Suspend Supply Current
ILSUS
CONNECT = 0, PWRDOWN = 1
15
50
µA
LOGIC-SIDE I/O
ILOAD = +5mA, VL < 2.5V
VL - 0.45
MISO, GPOUT3–GPOUT0, GPX,
INT Output High Voltage
VOH
ILOAD = +10mA, VL
≥ 2.5V
VL - 0.4
V
ILOAD = -20mA, VL < 2.5V
0.6
MISO, GPOUT3–GPOUT0, GPX,
INT Output Low Voltage
VOL
ILOAD = -20mA, VL
≥ 2.5V
0.4
V
SCLK, MOSI, GPIN3–GPIN0,
SS,
RES Input High Voltage
VIH
2/3 x VL
V
SCLK, MOSI, GPIN3–GPIN0,
SS,
RES Input Low Voltage
VIL
0.4
V
SCLK, MOSI,
SS, RES Input
Leakage Current
IIL
1µA
GPIN3–GPIN0 Pullup Resistor to VL
RGPIN
10
20
30
k
Ω
TRANSCEIVER SPECIFICATIONS
Differential-Receiver Input
Sensitivity
|VD+ - VD-|
0.2
V
Differential-Receiver Common-
Mode Voltage
0.8
2.5
V


Similar Part No. - MAX3420E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3420E MAXIM-MAX3420E Datasheet
509Kb / 23P
   USB Peripheral Controller with SPI Interface
Rev 0; 8/05
MAX3420E MAXIM-MAX3420E Datasheet
203Kb / 9P
   Mates to Keil MCB2130 Development Board
Rev 0; 12/06
MAX3420E MAXIM-MAX3420E Datasheet
179Kb / 10P
   Four GPI Port-Connected Pushbuttons
Rev 0; 12/06
MAX3420EEC MAXIM-MAX3420EEC Datasheet
509Kb / 23P
   USB Peripheral Controller with SPI Interface
Rev 0; 8/05
MAX3420EETG MAXIM-MAX3420EETG Datasheet
509Kb / 23P
   USB Peripheral Controller with SPI Interface
Rev 0; 8/05
More results

Similar Description - MAX3420E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3420E MAXIM-MAX3420E Datasheet
509Kb / 23P
   USB Peripheral Controller with SPI Interface
Rev 0; 8/05
MAX3420E MAXIM-MAX3420E_15 Datasheet
1Mb / 22P
   USB Peripheral Controller with SPI Interface
Rev 5; 11/15
MAX3421E MAXIM-MAX3421E_14 Datasheet
260Kb / 28P
   USB Peripheral/Host Controller with SPI Interface
Rev 4; 7/13
MAX3421E MAXIM-MAX3421E_13 Datasheet
290Kb / 28P
   USB Peripheral/Host Controller with SPI Interface
Rev 4; 7/13
MAX3421E MAXIM-MAX3421E_07 Datasheet
371Kb / 32P
   USB Peripheral/Host Controller with SPI Interface
Rev 3; 7/07
MAX3421E MAXIM-MAX3421E Datasheet
359Kb / 29P
   USB Peripheral/Host Controller with SPI Interface
Rev 0; 2/06
logo
ATMEL Corporation
AT25020A ATMEL-AT25020A_14 Datasheet
469Kb / 17P
   Serial Peripheral Interface (SPI) Compatible
AT45DB041B ATMEL-AT45DB041B_14 Datasheet
610Kb / 35P
   Serial Peripheral Interface (SPI) Compatible
AT25040A ATMEL-AT25040A_14 Datasheet
469Kb / 17P
   Serial Peripheral Interface (SPI) Compatible
AT25256A ATMEL-AT25256A_14 Datasheet
291Kb / 18P
   Serial Peripheral Interface (SPI) Compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com