Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3420E Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3420E
Description  USB Peripheral Controller with SPI Interface
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3420E Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3420E Datasheet HTML 1Page - Maxim Integrated Products MAX3420E Datasheet HTML 2Page - Maxim Integrated Products MAX3420E Datasheet HTML 3Page - Maxim Integrated Products MAX3420E Datasheet HTML 4Page - Maxim Integrated Products MAX3420E Datasheet HTML 5Page - Maxim Integrated Products MAX3420E Datasheet HTML 6Page - Maxim Integrated Products MAX3420E Datasheet HTML 7Page - Maxim Integrated Products MAX3420E Datasheet HTML 8Page - Maxim Integrated Products MAX3420E Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Register Description
The SPI master controls the MAX3420E by reading and
writing 21 registers (Table 1). For a complete descrip-
tion of register contents, please refer to the “MAX3420E
Programming Guide.” A register access consists of the
SPI master first writing an SPI command byte, followed
by reading or writing the contents of the addressed
register. All SPI transfers are MSB first. The command
byte contains the register address, a direction bit (read
= 0, write = 1), and the ACKSTAT bit (Figure 4). The SPI
master addresses the MAX3420E registers by writing
the binary value of the register number in the Reg4
through Reg0 bits of the command byte. For example,
to access the IOPINS (R20) register, the Reg4 through
Reg0 bits would be as follows: Reg4 = 1, Reg3 = 0,
Reg2 = 1, Reg1 = 0, Reg0 = 0. The DIR (direction) bit
determines the direction for the data transfer. DIR = 1
means the data byte(s) will be written to the register,
and DIR = 0 means the data byte(s) will be read from
the register. The ACKSTAT bit sets the ACKSTAT bit in
the EPSTALLS (R9) register. The SPI master sets this
bit to indicate that it has finished servicing a CONTROL
transfer. Since the bit is frequently used, having it in the
SPI command byte improves firmware efficiency. In SPI
full-duplex mode, the MAX3420E clocks out eight USB
status bits as the command byte is clocked in (Figure
5). In half-duplex mode, these status bits are accessed
in the normal way, as register bits.
USB Peripheral Controller
with SPI Interface
_______________________________________________________________________________________
5
Pin Description (continued)
PIN
TQFN
LQFP
NAME
INPUT/
OUTPUT
FUNCTION
16
21
D+
Input/
Output
USB D+ Signal. Connect D+ to a USB “B” connector through a 33
Ω ±1% series
resistor. The 1.5k
Ω D+ pullup resistor is internal to the device.
17
22, 23
VCC
Input
USB Transceiver Power-Supply Input. Connect VCC to a positive 3.3V power
supply. Bypass VCC to ground with a 1.0µF ceramic capacitor as close to the VCC
pin as possible.
18
24
VBCOMP
Input
VBUS Comparator Input. VBCOMP is internally connected to a voltage comparator
to allow the SPI master to detect (through an interrupt or checking a register bit)
the presence or loss of power on VBUS. Bypass VBCOMP to ground with a 1.0µF
ceramic capacitor.
19
26
XI
Input
Crystal Oscillator Input. Connect XI to one side of a parallel resonant 12MHz
±0.25% crystal and a capacitor to GND. XI can also be driven by an external
clock referenced to VCC.
20
27
XO
Output
Crystal Oscillator Output. Connect XO to the other side of a parallel resonant
12MHz ±0.25% crystal and a capacitor to GND. Leave XO unconnected if XI is
driven with an external source.
21
29
GPIN0
22
30
GPIN1
23
31
GPIN2
24
32
GPIN3
Input
General-Purpose Inputs. GPIN3–GPIN0 are connected to VL with internal pullup
resistors. GPIN3–GPIN0 logic levels are referenced to the voltage on VL. The SPI
master samples GPIN3–GPIN0 states by reading bit 7 through bit 4 of the IOPINS
(R20) register. Writing to these bits has no effect.
9, 16, 25, 28
N.C.
No Internal Connection
EP
GND
Input
Exposed Paddle on the Bottom of the TQFN Package. Connect EP to GND.
Figure 4. SPI Command Byte
b7
b6
b5
b4
b3
b2
b1
b0
Reg4
Reg3
Reg2
Reg1
Reg0
0
DIR
ACKSTAT
Figure 5. USB Status Bits Clocked Out as First Byte of Every Transfer (Full-Duplex Mode Only)
b7
b6
b5
b4
b3
b2
b1
b0
SUSPIRQ
URESIRQ
SUDAVIRQ
IN3BAVIRQ
IN2BAVIRQ
OUT1DAVIRQ
OUT0DAVIRQ
IN0BAVIRQ


Similar Part No. - MAX3420E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3420E MAXIM-MAX3420E Datasheet
509Kb / 23P
   USB Peripheral Controller with SPI Interface
Rev 0; 8/05
MAX3420E MAXIM-MAX3420E Datasheet
203Kb / 9P
   Mates to Keil MCB2130 Development Board
Rev 0; 12/06
MAX3420E MAXIM-MAX3420E Datasheet
179Kb / 10P
   Four GPI Port-Connected Pushbuttons
Rev 0; 12/06
MAX3420EEC MAXIM-MAX3420EEC Datasheet
509Kb / 23P
   USB Peripheral Controller with SPI Interface
Rev 0; 8/05
MAX3420EETG MAXIM-MAX3420EETG Datasheet
509Kb / 23P
   USB Peripheral Controller with SPI Interface
Rev 0; 8/05
More results

Similar Description - MAX3420E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3420E MAXIM-MAX3420E Datasheet
509Kb / 23P
   USB Peripheral Controller with SPI Interface
Rev 0; 8/05
MAX3420E MAXIM-MAX3420E_15 Datasheet
1Mb / 22P
   USB Peripheral Controller with SPI Interface
Rev 5; 11/15
MAX3421E MAXIM-MAX3421E_14 Datasheet
260Kb / 28P
   USB Peripheral/Host Controller with SPI Interface
Rev 4; 7/13
MAX3421E MAXIM-MAX3421E_13 Datasheet
290Kb / 28P
   USB Peripheral/Host Controller with SPI Interface
Rev 4; 7/13
MAX3421E MAXIM-MAX3421E_07 Datasheet
371Kb / 32P
   USB Peripheral/Host Controller with SPI Interface
Rev 3; 7/07
MAX3421E MAXIM-MAX3421E Datasheet
359Kb / 29P
   USB Peripheral/Host Controller with SPI Interface
Rev 0; 2/06
logo
ATMEL Corporation
AT25020A ATMEL-AT25020A_14 Datasheet
469Kb / 17P
   Serial Peripheral Interface (SPI) Compatible
AT45DB041B ATMEL-AT45DB041B_14 Datasheet
610Kb / 35P
   Serial Peripheral Interface (SPI) Compatible
AT25040A ATMEL-AT25040A_14 Datasheet
469Kb / 17P
   Serial Peripheral Interface (SPI) Compatible
AT25256A ATMEL-AT25256A_14 Datasheet
291Kb / 18P
   Serial Peripheral Interface (SPI) Compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com