Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2314EEI Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX2314EEI
Description  CDMA IF VGAs and I/Q Demodulators with VCO and Synthesizer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2314EEI Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX2314EEI Datasheet HTML 6Page - Maxim Integrated Products MAX2314EEI Datasheet HTML 7Page - Maxim Integrated Products MAX2314EEI Datasheet HTML 8Page - Maxim Integrated Products MAX2314EEI Datasheet HTML 9Page - Maxim Integrated Products MAX2314EEI Datasheet HTML 10Page - Maxim Integrated Products MAX2314EEI Datasheet HTML 11Page - Maxim Integrated Products MAX2314EEI Datasheet HTML 12Page - Maxim Integrated Products MAX2314EEI Datasheet HTML 13Page - Maxim Integrated Products MAX2314EEI Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
CDMA IF VGAs and I/Q Demodulators
with VCO and Synthesizer
10
______________________________________________________________________________________
MAX2312
BYP
BYP
STBY
CDMA+
3-WIRE
DAC
0.01
μF
0.01
μF
47pF
1.5pF
12pF
3300pF
10k
Ω
10k
Ω
12pF
47pF
18nH
0.01
μF
680
Ω
CDMA-
LOCK
VGC
VCC
VCC
VCC
VCC
VCC
VCC
DATA
CLK
QOUT+
QOUT-
EN
BUFEN
IOUT-
IOUT+
REF
GND
VCC
LOOUT
TANKH-
TANKH+
GND
CPOUT
BYP
SHDN
DIVSEL
47pF
10k
Ω
47k
Ω
10k
Ω
0.033
μF
10k
Ω
Q
I
CDMA
Figure 2a. MAX2312 Typical Operating Circuit


Similar Part No. - MAX2314EEI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2314EEI MAXIM-MAX2314EEI Datasheet
342Kb / 22P
   CDMA IF VGAs and I/Q Demodulators with VCO and Synthesizer
Rev 1; 3/03
More results

Similar Description - MAX2314EEI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2310 MAXIM-MAX2310 Datasheet
342Kb / 22P
   CDMA IF VGAs and I/Q Demodulators with VCO and Synthesizer
Rev 1; 3/03
MAX2306 MAXIM-MAX2306 Datasheet
295Kb / 20P
   CDMA IF VGAs and I/Q Demodulators with VCO and Synthesizer
19-2014; Rev 2; 7/01
logo
Intersil Corporation
HFA3783 INTERSIL-HFA3783 Datasheet
608Kb / 34P
   I/Q Modulator/Demodulator and Synthesizer
March 2000
logo
Analog Devices
ADF4360-8 AD-ADF4360-8 Datasheet
570Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-0 AD-ADF4360-0 Datasheet
315Kb / 24P
   Integrated Synthesizer and VCO
REV. B
ADF4360-5 AD-ADF4360-5 Datasheet
480Kb / 24P
   Integrated Synthesizer and VCO
REV. A
ADF4360-7 AD-ADF4360-7 Datasheet
336Kb / 28P
   Integrated Synthesizer and VCO
REV. B
ADF4360-2 AD-ADF4360-2 Datasheet
336Kb / 20P
   Integrated Synthesizer and VCO
REV. B
ADF4360-8 AD-ADF4360-8_15 Datasheet
716Kb / 24P
   Integrated Synthesizer and VCO
REV. C
ADF4360-2 AD-ADF4360-2_15 Datasheet
589Kb / 24P
   Integrated Synthesizer and VCO
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com