Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9800T Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA9800T
Description  VIF-PLL demodulator and FM-PLL detector
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9800T Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA9800T Datasheet HTML 1Page - NXP Semiconductors TDA9800T Datasheet HTML 2Page - NXP Semiconductors TDA9800T Datasheet HTML 3Page - NXP Semiconductors TDA9800T Datasheet HTML 4Page - NXP Semiconductors TDA9800T Datasheet HTML 5Page - NXP Semiconductors TDA9800T Datasheet HTML 6Page - NXP Semiconductors TDA9800T Datasheet HTML 7Page - NXP Semiconductors TDA9800T Datasheet HTML 8Page - NXP Semiconductors TDA9800T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
July 1994
4
Philips Semiconductors
Preliminary specification
VIF-PLL demodulator and FM-PLL detector
TDA9800
PINNING
SYMBOL
PIN
DESCRIPTION
Vi IF
1
vision IF differential input signal
2
TADJ
3
tuner AGC take-over adjust (TOP)
φADJ
4
phase detector adjust
MUTE
5
sound mute switch
TPLL
6
PLL time constant of phase detector
Vo CVBS
7
CVBS (positive) output signal
n.c.
8
not connected
Vo AF
9
audio frequency output signal
CAF
10
decoupling capacitor of audio frequency amplifier
Vi IC
11
sound intercarrier input signal
TAGC
12
tuner AGC output
Vo VID
13
video and sound intercarrier output signal
Vi VID
14
video input signal to buffer amplifier
AFC
15
automatic frequency control output
VCO1
16
VCO reference circuit for 2 fPC
VCO2
17
GND
18
ground (0 V)
CAGC
19
AGC capacitor
VP
20
positive supply voltage
Fig.2 Pin configuration.
handbook, halfpage
Vi VIF1
Vi VIF2
TOP
CCS
MUTE
TPLL
Vo CVBS
n.c.
Vo AF
CAF
VP
CAGC
GND
VCO2
AFC
Vi(vid)
VCO1
Vo(vid)
TAGC
Vi IC
1
2
3
4
5
6
7
8
9
10
11
12
20
19
18
17
16
15
14
13
TDA9800
MED330


Similar Part No. - TDA9800T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9801 PHILIPS-TDA9801 Datasheet
152Kb / 32P
   Single standard VIF-PLL demodulator and FM-PLL detector
1999 Aug 26
TDA9801T PHILIPS-TDA9801T Datasheet
152Kb / 32P
   Single standard VIF-PLL demodulator and FM-PLL detector
1999 Aug 26
TDA9802 PHILIPS-TDA9802 Datasheet
196Kb / 23P
   Multistandard VIF-PLL demodulator and FM-PLL detector
November 1992
TDA9802T PHILIPS-TDA9802T Datasheet
196Kb / 23P
   Multistandard VIF-PLL demodulator and FM-PLL detector
November 1992
TDA9806 PHILIPS-TDA9806 Datasheet
193Kb / 24P
   Multistandard VIF-PLL and FM-PLL demodulator
1995 Sep 05
More results

Similar Description - TDA9800T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9802 PHILIPS-TDA9802 Datasheet
196Kb / 23P
   Multistandard VIF-PLL demodulator and FM-PLL detector
November 1992
TDA9801 PHILIPS-TDA9801 Datasheet
152Kb / 32P
   Single standard VIF-PLL demodulator and FM-PLL detector
1999 Aug 26
TDA9806 PHILIPS-TDA9806 Datasheet
193Kb / 24P
   Multistandard VIF-PLL and FM-PLL demodulator
1995 Sep 05
TDA9812 PHILIPS-TDA9812 Datasheet
272Kb / 32P
   Multistandard VIF-PLL and FM-PLL/AM demodulator
1995 Mar 21
TDA9813T PHILIPS-TDA9813T Datasheet
160Kb / 32P
   VIF-PLL with QSS-IF and dual FM-PLL demodulator
1999 Sep 16
TDA9808 PHILIPS-TDA9808 Datasheet
218Kb / 36P
   Single standard VIF-PLL with QSS-IF and FM-PLL demodulator
1999 Jun 04
TDA9814T PHILIPS-TDA9814T Datasheet
249Kb / 36P
   Multistandard VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
1998 Feb 09
logo
TEMIC Semiconductors
TDA4454 TEMIC-TDA4454 Datasheet
150Kb / 11P
   Multistandard VIF Amplifier and PLL Demodulator
logo
NXP Semiconductors
TDA9815 PHILIPS-TDA9815 Datasheet
265Kb / 40P
   Multistandard/MAC VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
1998 Feb 11
logo
TEMIC Semiconductors
TDA4455 TEMIC-TDA4455 Datasheet
158Kb / 12P
   Multistandard VIF Amplifier and PLL Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com