Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC555QDRQ1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLC555QDRQ1
Description  LinCMOS??TIMER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC555QDRQ1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLC555QDRQ1 Datasheet HTML 4Page - Texas Instruments TLC555QDRQ1 Datasheet HTML 5Page - Texas Instruments TLC555QDRQ1 Datasheet HTML 6Page - Texas Instruments TLC555QDRQ1 Datasheet HTML 7Page - Texas Instruments TLC555QDRQ1 Datasheet HTML 8Page - Texas Instruments TLC555QDRQ1 Datasheet HTML 9Page - Texas Instruments TLC555QDRQ1 Datasheet HTML 10Page - Texas Instruments TLC555QDRQ1 Datasheet HTML 11Page - Texas Instruments TLC555QDRQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
2
1
−75 − 50
− 25
0
25
75
125
DISCHARGE SWITCH ON-STATE RESISTANCE
vs
FREE-AIR TEMPERATURE
50
100
10
4
20
100
40
7
70
TA − Free-Air Temperature − °C
VDD = 2 V, IO = 1 mA
VDD = 5 V, IO = 10 mA
VDD = 15 V, IO = 100 mA
100
0
0
2
4
6
8
12
16
PROPAGATION DELAY TIMES TO DISCHARGE
OUTPUT FROM TRIGGER AND THRESHOLD
SHORTED TOGETHER
vs
SUPPLY VOLTAGE
10
14
400
200
500
600
300
VDD − Supply Voltage − V
20
18
tPLH
(see Note A)
IO(on) ≥ 1 mA
CL ≈ 0
TA = 25°C
tPHL
TLC555-Q1
LinCMOS™ TIMER
SLFS078 – OCTOBER 2006
Figure 1.
A.
The effects of the load resistance on these values must be taken into account separately.
Figure 2.
8
Submit Documentation Feedback


Similar Part No. - TLC555QDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC555QDRQ1 TI1-TLC555QDRQ1 Datasheet
475Kb / 25P
[Old version datasheet]   LinCMOS TIMER
More results

Similar Description - TLC555QDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC555-Q1 TI1-TLC555-Q1 Datasheet
475Kb / 25P
[Old version datasheet]   LinCMOS TIMER
TLC555-DIE TI1-TLC555-DIE Datasheet
71Kb / 5P
[Old version datasheet]   LinCMOS??TIMER
TLC555 TI-TLC555_V01 Datasheet
1Mb / 42P
[Old version datasheet]   TLC555 LinCMOS??Timer
TLC555 TI1-TLC555_V02 Datasheet
992Kb / 42P
[Old version datasheet]   TLC555 LinCMOS™ Timer
REVISED JULY 2019
TLC254 TI1-TLC254_15 Datasheet
535Kb / 28P
[Old version datasheet]   LinCMOS QUAD OPERATIONAL AMPLIFIERS
TLC372 TI-TLC372_V01 Datasheet
1Mb / 29P
[Old version datasheet]   LinCMOS DUAL DIFFERENTIAL COMPARATORS
TLC374 TI-TLC374_V01 Datasheet
1Mb / 28P
[Old version datasheet]   LinCMOS QUADRUPLE DIFFERENTIAL COMPARATORS
TLC352CDRG4 TI1-TLC352CDRG4 Datasheet
864Kb / 16P
[Old version datasheet]   LinCMOS DUAL DIFFERENTAL COMPARATOR
TLC374 TI-TLC374 Datasheet
771Kb / 28P
[Old version datasheet]   LinCMOS QUADRUPLE DIFFERENTIAL COMPARATORS
TLC372-EP TI1-TLC372-EP_14 Datasheet
770Kb / 18P
[Old version datasheet]   LinCMOS??DUAL DIFFERENTIAL COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com