Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6204A202 Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC6204A202
Description  High Speed LDO Regulators
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6204A202 Datasheet(HTML) 3 Page - Torex Semiconductor

  XC6204A202 Datasheet HTML 1Page - Torex Semiconductor XC6204A202 Datasheet HTML 2Page - Torex Semiconductor XC6204A202 Datasheet HTML 3Page - Torex Semiconductor XC6204A202 Datasheet HTML 4Page - Torex Semiconductor XC6204A202 Datasheet HTML 5Page - Torex Semiconductor XC6204A202 Datasheet HTML 6Page - Torex Semiconductor XC6204A202 Datasheet HTML 7Page - Torex Semiconductor XC6204A202 Datasheet HTML 8Page - Torex Semiconductor XC6204A202 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Dropout Voltage
* Since the operation of this IC is only guaranteed from VIN=2V and above, it is essential that when using with applications
where VOUT=2V or less, the difference between VIN and VOUT be at least equal to 2V-VOUT(T).
"Marking Rule
! Represents the product name
SOT-25
" Represents the type of regulator
# Represents the Output Voltage
$ Represents the assembly lot no.
0~9, A~Z repeated (G, I, J, O, Q, W excepted)
XC6204 Series
Voltage (V)
TYP
MAX
MIN
300
400
MIN
MAX
Vdif1
Vdif2
TYP
280
380
200
200
100
120
150
100
210
200
-80
120
-
240
310
-80
120
-
240
350
240
330
220
290
-80
-70
100
-
120
-
-70
100
-
-
220
270
200
270
200
250
-
-
180
230
-60
-60
80
-
90
3.00~3.05
-50
70
-60
90
High Speed LDO Regulators
160
210
1.80~1.85
1.90~1.95
2.00~2.05
2.10~2.25
2.30~2.45
2.50~2.75
2.80~2.95
3.65
3.10~3.95
4.00~4.95
5.00~6.00
SYMBOL
PRODUCT NAME
K
3.55
4.25
4.35
4.45
4.55
3.85
3.95
4.05
4.15
5.75
5.85
5.95
6.05
5.35
5.45
5.55
5.65
4.75
4.85
4.95
5.25
5.05
5.15
3.25
3.35
3.45
4.8
1.85
4.9
1.95
M
3-
M
P
YC
H
ZD
N
SYMBOL
0
2-
3.15
SYMBOL
OUTPUT VOLTAGE (V)
OUTPUT VOLTAGE (V)
4.65
-
3.1
-
F
-
4.6
-
1
-
3.2
-
H
-
4.7
-
3.3
-
K
1.8
3.4
-
L
1.9
4
-
3.5
-
2.0
5.0
2.05
5
-
3.6
-
N
2.1
5.1
2.15
6
-
3.7
-
P
2.2
5.2
2.25
3.75
7
-
3.8
-
R
2.3
5.3
2.35
8
-
3.9
-
S
2.4
5.4
2.45
XC6204B(((M(
XC6204C(((M(
Name
4
XC6204))))M)
VOLTAGE(V)
0.1~3.0
3.1~6.0 0.15~3.05
XC6204D(((M(
SYMBOL
Product
XB
F
VAE
3.15~6.05
L
XC6204A(((M(
9
-
4.0
-
T
2.5
5.5
2.55
A
-
4.1
-
Y
2.6
5.6
2.65
B
-
4.2
-
V
2.7
5.7
2.75
C
-
4.3
-
X
2.8
5.8
2.85
D
-
4.4
-
Y
2.9
5.9
2.95
E
-
4.5
-
Z
3.0
6.0
3.05
!"#$
3


Similar Part No. - XC6204A202

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6204A202DL TOREX-XC6204A202DL Datasheet
1Mb / 28P
   (Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators
XC6204A202DL TOREX-XC6204A202DL Datasheet
1Mb / 49P
   High Speed LDO Regulators Output ON-OFF Control
XC6204A202DR TOREX-XC6204A202DR Datasheet
1Mb / 28P
   (Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators
XC6204A202DR TOREX-XC6204A202DR Datasheet
1Mb / 49P
   High Speed LDO Regulators Output ON-OFF Control
XC6204A202ML TOREX-XC6204A202ML Datasheet
1Mb / 28P
   (Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators
More results

Similar Description - XC6204A202

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML6204 MINILOGIC-ML6204 Datasheet
973Kb / 19P
   High Speed LDO Regulators
logo
Torex Semiconductor
XC6413 TOREX-XC6413 Datasheet
132Kb / 13P
   High Speed LDO Regulators
XC6213 TOREX-XC6213 Datasheet
70Kb / 5P
   High Speed LDO Regulators
logo
Minilogic Device Corpor...
ML6209 MINILOGIC-ML6209 Datasheet
476Kb / 14P
   High Speed LDO Regulators
logo
Torex Semiconductor
XC6210 TOREX-XC6210_2 Datasheet
1Mb / 22P
   High Current, High Speed LDO Regulators
XC6210 TOREX-XC6210_1 Datasheet
1Mb / 21P
   High Current, High Speed LDO regulators
XC6210 TOREX-XC6210 Datasheet
307Kb / 10P
   High Current, High Speed LDO Regulators
logo
Bookly Micro electronic
BM1117N BOOKLY-BM1117N Datasheet
599Kb / 7P
   1A Voltage High Speed LDO Regulators
logo
Torex Semiconductor
XC6207 TOREX-XC6207_1 Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217_2 Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com