Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F21274JFP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R5F21274JFP
Description  SINGLE-CHIP 16-BIT CMOS MCU
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F21274JFP Datasheet(HTML) 4 Page - Renesas Technology Corp

  R5F21274JFP Datasheet HTML 1Page - Renesas Technology Corp R5F21274JFP Datasheet HTML 2Page - Renesas Technology Corp R5F21274JFP Datasheet HTML 3Page - Renesas Technology Corp R5F21274JFP Datasheet HTML 4Page - Renesas Technology Corp R5F21274JFP Datasheet HTML 5Page - Renesas Technology Corp R5F21274JFP Datasheet HTML 6Page - Renesas Technology Corp R5F21274JFP Datasheet HTML 7Page - Renesas Technology Corp R5F21274JFP Datasheet HTML 8Page - Renesas Technology Corp R5F21274JFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 73 page
background image
R8C/26 Group, R8C/27 Group
1. Overview
Rev.2.10
Sep 26, 2008
Page 4 of 69
REJ03B0168-0210
1.3
Block Diagram
Figure 1.1 shows a Block Diagram.
Figure 1.1
Block Diagram
R8C CPU core
A/D converter
(10 bits
× 12 channels)
UART or
clock synchronous serial I/O
(8 bits
× 2 channels)
Memory
Watchdog timer
(15 bits)
ROM(1)
RAM(2)
Multiplier
R0H
R0L
R1H
R2
R3
R1L
A0
A1
FB
SB
USP
ISP
INTB
PC
FLG
I/O ports
NOTES:
1. ROM size varies with MCU type.
2. RAM size varies with MCU type.
3. XCIN, XCOUT can be used only for N or D version.
I2C bus interface or clock synchronous
serial I/O with chip select
(8 bits
× 1 channel)
LIN module
(1 channel)
System clock
generation circuit
XIN-XOUT
High-speed on-chip oscillator
Low-Speed on-chip oscillator
XCIN-XCOUT(3)
Timers
Timer RA (8 bits)
Timer RB (8 bits)
Timer RC
(16 bits
× 1 channel)
Timer RE (8 bits)
8
Port P0
8
Port P1
6
Port P3
1
3
Port P4
2
Port P5
Peripheral functions


Similar Part No. - R5F21274JFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21274JFP RENESAS-R5F21274JFP Datasheet
4Mb / 485P
   RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
More results

Similar Description - R5F21274JFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8C28 RENESAS-R8C28 Datasheet
585Kb / 71P
   SINGLE-CHIP 16-BIT CMOS MCU
R8C-24 RENESAS-R8C-24 Datasheet
518Kb / 59P
   SINGLE-CHIP 16-BIT CMOS MCU
R8C26 RENESAS-R8C26_10 Datasheet
635Kb / 75P
   SINGLE-CHIP 16-BIT CMOS MCU
R8C-18 RENESAS-R8C-18 Datasheet
675Kb / 41P
   SINGLE-CHIP 16-BIT CMOS MCU
R8C24 RENESAS-R8C24 Datasheet
518Kb / 59P
   SINGLE-CHIP 16-BIT CMOS MCU
R8C28 RENESAS-R8C28_10 Datasheet
625Kb / 73P
   SINGLE-CHIP 16-BIT CMOS MCU
R5F21256SNFPU0 RENESAS-R5F21256SNFPU0 Datasheet
540Kb / 61P
   SINGLE-CHIP 16-BIT CMOS MCU
logo
Hitachi Semiconductor
HD63705V0 HITACHI-HD63705V0 Datasheet
1Mb / 35P
   8-BIT CMOS SINGLE CHIP MICROCOMPUTER UNIT(MCU)
logo
Mitsubishi Electric Sem...
M37705M2AXXXSP MITSUBISHI-M37705M2AXXXSP Datasheet
1Mb / 20P
   SINGLE CHIP 16 BIT CMOS MICROCOMPUTER
logo
Siemens Semiconductor G...
C163-L SIEMENS-C163-L Datasheet
625Kb / 68P
   16-bit CMOS Single-Chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com