Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELJND220DF Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # ELJND220DF
Description  Chip inductors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJND220DF Datasheet(HTML) 6 Page - Panasonic Semiconductor

Back Button ELJND220DF Datasheet HTML 2Page - Panasonic Semiconductor ELJND220DF Datasheet HTML 3Page - Panasonic Semiconductor ELJND220DF Datasheet HTML 4Page - Panasonic Semiconductor ELJND220DF Datasheet HTML 5Page - Panasonic Semiconductor ELJND220DF Datasheet HTML 6Page - Panasonic Semiconductor ELJND220DF Datasheet HTML 7Page - Panasonic Semiconductor ELJND220DF Datasheet HTML 8Page - Panasonic Semiconductor ELJND220DF Datasheet HTML 9Page - Panasonic Semiconductor ELJND220DF Datasheet HTML 10Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Chip Inductors
s Examples : Type 2520(1008)NC
nH
10
2500
0.32
280
12
10
2200
0.34
270
15
±10 %
1800
0.38
255
18
1550
0.40
250
22
1350
0.43
240
27
100
1150
0.47
230
33
1000
0.51
220
39
15
890
0.55
215
47
770
0.59
205
56
670
0.63
200
68
590
0.68
190
82
520
0.73
185
100
460
0.80
175
120
400
0.87
170
150
±10 %
340
0.98
160
180
± 5 %
300
1.05
155
220
260
1.15
145
270
10
25.2
230
1.25
140
330
200
1.37
135
390
180
1.47
130
470
160
1.58
125
560
145
1.70
120
680
130
1.85
110
820
100
2.10
100
Tolerance
Q
min.
ELJNC10NKF
ELJNC12NKF
ELJNC15NKF
ELJNC18NKF
ELJNC22NKF
ELJNC27NKF
ELJNC33NK/JF
ELJNC39NK/JF
ELJNC47NK/JF
ELJNC56NK/JF
ELJNC68NK/JF
ELJNC82NK/JF
ELJNCR10K/JF
ELJNCR12K/JF
ELJNCR15K/JF
ELJNCR18K/JF
ELJNCR22K/JF
ELJNCR27K/JF
ELJNCR33K/JF
ELJNCR39K/JF
ELJNCR47K/JF
ELJNCR56K/JF
ELJNCR68K/JF
ELJNCR82K/JF
s Examples : Type 3225(1210)NA
µH
0.047
680
0.20
450
0.056
600
0.22
420
0.068
100
100
540
0.25
400
0.082
±20 %
500
0.27
380
450
0.30
360
0.12
400
0.67
240
0.15
25.2
350
0.72
230
0.18
10
320
0.81
220
0.22
280
0.90
210
0.27
250
1.0
200
0.33
25.2
220
1.1
190
0.39
±10 %
200
1.2
180
0.47
180
1.4
175
0.56
160
1.5
170
0.68
150
1.7
155
0.82
135
1.9
145
1.0
120
2.1
125
1.2
1.0
110
2.3
120
1.5
95
2.7
115
1.8
85
3.0
110
2.2
80
3.2
110
2.7
± 5 %
13
7.96
70
3.6
105
3.3
62
4.2
100
3.9
57
4.4
95
4.7
52
7.7
70
5.6
46
8.7
65
6.8
42
10
60
8.2
38
11
60
Freq. (MHz) Tolerance
min.
Freq. (MHz)
ELJNA47NMF
ELJNA56NMF
ELJNA68NMF
ELJNA82NMF
ELJNAR10MF
ELJNAR12MF
ELJNAR15MF
ELJNAR18MF
ELJNAR22KF
ELJNAR27KF
ELJNAR33KF
ELJNAR39KF
ELJNAR47KF
ELJNAR56KF
ELJNAR68KF
ELJNAR82KF
ELJNA1R0JF
ELJNA1R2JF
ELJNA1R5JF
ELJNA1R8JF
ELJNA2R2JF
ELJNA2R7JF
ELJNA3R3JF
ELJNA3R9JF
ELJNA4R7JF
ELJNA5R6JF
ELJNA6R8JF
ELJNA8R2JF
Q
0.10
L , Q Test
Freq.( MHz)
DCR V2
max.(Ω)
SRF V1
min.(MHz)
Part No.
Inductance
SRF V1
min.(MHz)
DCR V2
max.(Ω)
Part No.
Inductance
DC Current
max.(mA)
DC Current
max.(mA)
V
1 : Self Resonant Frequency V2 : DC Resistance
V
1 : Self Resonant Frequency V2 : DC Resistance


Similar Part No. - ELJND220DF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJND22NF PANASONIC-ELJND22NF Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJND22NKF PANASONIC-ELJND22NKF Datasheet
1Mb / 15P
   Chip Inductors
ELJND22NKF PANASONIC-ELJND22NKF Datasheet
135Kb / 13P
   Chip Inductors
More results

Similar Description - ELJND220DF

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
   CHIP COIL(CHIP INDUCTORS) Inductors
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com