Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELJND220DF Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part # ELJND220DF
Description  Chip inductors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJND220DF Datasheet(HTML) 9 Page - Panasonic Semiconductor

Back Button ELJND220DF Datasheet HTML 5Page - Panasonic Semiconductor ELJND220DF Datasheet HTML 6Page - Panasonic Semiconductor ELJND220DF Datasheet HTML 7Page - Panasonic Semiconductor ELJND220DF Datasheet HTML 8Page - Panasonic Semiconductor ELJND220DF Datasheet HTML 9Page - Panasonic Semiconductor ELJND220DF Datasheet HTML 10Page - Panasonic Semiconductor ELJND220DF Datasheet HTML 11Page - Panasonic Semiconductor ELJND220DF Datasheet HTML 12Page - Panasonic Semiconductor ELJND220DF Datasheet HTML 13Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Chip Inductors
s Examples : Type 3225(1210)SA
µH
10
30
1.8
18
12
28
2.0
17
15
25
2.2
15
18
23
2.5
13
22
5.0
20
2.8
12
27
18
3.2
10
33
1.0
17
3.5
10
39
15
3.8
9
47
±10 %
40
14
4.0
8
56
13
4.5
7
68
12
5.0
6
82
11
6.0
6
100
10
7.0
5
120
1.5
9
8.0
5
150
5
9.0
5
180
0.1
511
5
220
4
12
5
270
4
14
5
Freq. (MHz) Tolerance
min.
Freq. (MHz)
ELJSA100KF
ELJSA120KF
ELJSA150KF
ELJSA180KF
ELJSA220KF
ELJSA270KF
ELJSA330KF
ELJSA390KF
ELJSA470KF
ELJSA560KF
ELJSA680KF
ELJSA820KF
ELJSA101KF
ELJSA121KF
ELJSA151KF
ELJSA181KF
ELJSA221KF
ELJSA271KF
s Examples : Type 4532(1812)FB
µH
100
2.52
6.7
8.8
105
120
6.1
10
100
150
1.5
5.5
11
95
180
40
5.1
13
85
220
4.5
13
85
270
±10 %
4.1
14
80
330
0.1
±5 %
3.7
16
75
390
3.3
19
70
470
0.796
3.3
31
55
560
2.7
35
50
680
30
2.5
39
50
820
2.4
45
45
1000
2.1
53
40
Freq. (MHz) Tolerance
min.
Freq. (MHz)
ELJFB101K/JF
ELJFB121K/JF
ELJFB151K/JF
ELJFB181K/JF
ELJFB221K/JF
ELJFB271K/JF
ELJFB331K/JF
ELJFB391K/JF
ELJFB471K/JF
ELJFB561K/JF
ELJFB681K/JF
ELJFB821K/JF
ELJFB102K/JF
Q
SRF V1
min.(MHz)
DCR V2
max.(Ω)
Part No.
Inductance
V
1 : Self Resonant Frequency V2 : DC Resistance
DC Current
max.(mA)
V
1 : Self Resonant Frequency V2 : DC Resistance
Q
SRF V1
min.(MHz)
DCR V2
max.(Ω)
Part No.
Inductance
DC Current
max.(mA)


Similar Part No. - ELJND220DF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJND22NF PANASONIC-ELJND22NF Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJND22NKF PANASONIC-ELJND22NKF Datasheet
1Mb / 15P
   Chip Inductors
ELJND22NKF PANASONIC-ELJND22NKF Datasheet
135Kb / 13P
   Chip Inductors
More results

Similar Description - ELJND220DF

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
   CHIP COIL(CHIP INDUCTORS) Inductors
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com