Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9815 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA9815
Description  Multistandard/MAC VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9815 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA9815 Datasheet HTML 3Page - NXP Semiconductors TDA9815 Datasheet HTML 4Page - NXP Semiconductors TDA9815 Datasheet HTML 5Page - NXP Semiconductors TDA9815 Datasheet HTML 6Page - NXP Semiconductors TDA9815 Datasheet HTML 7Page - NXP Semiconductors TDA9815 Datasheet HTML 8Page - NXP Semiconductors TDA9815 Datasheet HTML 9Page - NXP Semiconductors TDA9815 Datasheet HTML 10Page - NXP Semiconductors TDA9815 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
1998 Feb 11
7
Philips Semiconductors
Product specification
Multistandard/MAC VIF-PLL with QSS-IF
and dual FM-PLL/AM demodulator
TDA9815
The demodulator output signal is fed via an integrated
low-pass filter for attenuation of the carrier harmonics to
the video amplifier. The video amplifier is realized by an
operational amplifier with internal feedback and high
bandwidth. A low-pass filter is integrated to achieve an
attenuation of the carrier harmonics for B/G and
L standard. The standard dependent level shift in this
stage delivers the same sync level for positive and
negative modulation. The video output signal is 1 V (p-p)
for nominal vision IF modulation.
Video buffer
For an easy adaption of the sound traps an operational
amplifier with internal feedback is used in the event of B/G
and L standard. This amplifier is featured with a high
bandwidth and 7 dB gain. The input impedance is adapted
for operating in combination with ceramic sound traps. The
output stage delivers a nominal 2 V (p-p) positive video
signal. Noise clipping is provided.
For MAC standard a second buffer amplifier with 6 dB gain
is used. This buffer amplifier is selected by the standard
switch.
SIF amplifier and AGC
The sound IF amplifier consists of two AC-coupled
differential amplifier stages. Each differential stage
comprises a controlled feedback network provided by
emitter degeneration.
The SIF AGC detector is related to the SIF input signals
(average level of AM or FM carriers) and controls the SIF
amplifier to provide a constant SIF signal to the AM
demodulator and single reference QSS mixer. The SIF
AGC reaction time is set to ‘slow’ for nominal video
conditions. But with a decreasing VIF amplitude step the
SIF AGC is set to ‘fast’ mode controlled by the VIF-AGC
detector. In FM mode this reaction time is also set to ‘fast’
controlled by the standard switch.
Single reference QSS mixer
The single reference QSS mixer is realized by a multiplier.
The SIF amplifier output signal is fed to the single
reference QSS mixer and converted to intercarrier
frequency by the regenerated picture carrier (VCO). The
mixer output signal is fed via a high-pass for attenuation of
the video signal components to the output pin 20. With this
system a high performance hi-fi stereo sound processing
can be achieved.
AM demodulator
The AM demodulator is realized by a multiplier. The
modulated SIF amplifier output signal is multiplied in
phase with the limited (AM is removed) SIF amplifier
output signal. The demodulator output signal is fed via an
integrated low-pass filter for attenuation of the carrier
harmonics to the AF amplifier.
FM-PLL demodulator
Each FM-PLL demodulator consists of a limiter, an
FM-PLL and an AF amplifier. The limiter provides the
amplification and limitation of the FM sound intercarrier
signal before demodulation. The result is high sensitivity
and AM suppression. The amplifier consists of 7 stages
which are internally AC-coupled in order to minimize the
DC offset and to save pins for DC decoupling.
At the input of one limiter a signal switch is available for
selecting one of the two intercarrier signals. Controlled by
the voltage at pin 11, either the input pin 17 or pin 18 is
active for handling different intercarrier frequencies.
The other limiter is extended with an additional level
detector consisting of a rectifier and a comparator. By
means of this the AF2 signal is set to mute and the
PLL VCO is switched off, if the intercarrier signal at pin 16
is below 1 mV (RMS) in order to avoid false identification
of a stereo decoder. Note that noise at pin 16 disables the
mute state (at low SIF input signal), but this will not lead to
false identification. This ‘auto-mute’ function can be
disabled by connecting a 5.6 k
Ω resistor from pin 16 to V
P
(see Fig.13).
Furthermore the AF output signals can be muted by
connecting a resistor between the limiter inputs pin 16 or
pin 17 and ground.
The FM-PLL consists of an integrated relaxation oscillator,
an integrated loop filter and a phase detector. The
oscillator is locked to the FM intercarrier signal, output
from the limiter. As a result of locking, the oscillator
frequency tracks with the modulation of the input signal
and the oscillator control voltage is superimposed by the
AF voltage. The FM-PLL operates as an FM-demodulator.


Similar Part No. - TDA9815

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9810 PHILIPS-TDA9810 Datasheet
225Kb / 32P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1999 May 07
TDA9810T PHILIPS-TDA9810T Datasheet
225Kb / 32P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1999 May 07
TDA9811 PHILIPS-TDA9811 Datasheet
228Kb / 36P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1998 Feb 09
TDA9812 PHILIPS-TDA9812 Datasheet
272Kb / 32P
   Multistandard VIF-PLL and FM-PLL/AM demodulator
1995 Mar 21
TDA9812T PHILIPS-TDA9812T Datasheet
272Kb / 32P
   Multistandard VIF-PLL and FM-PLL/AM demodulator
1995 Mar 21
More results

Similar Description - TDA9815

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9814T PHILIPS-TDA9814T Datasheet
249Kb / 36P
   Multistandard VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
1998 Feb 09
TDA9811 PHILIPS-TDA9811 Datasheet
228Kb / 36P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1998 Feb 09
TDA9810 PHILIPS-TDA9810 Datasheet
225Kb / 32P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1999 May 07
TDA9813T PHILIPS-TDA9813T Datasheet
160Kb / 32P
   VIF-PLL with QSS-IF and dual FM-PLL demodulator
1999 Sep 16
TDA9812 PHILIPS-TDA9812 Datasheet
272Kb / 32P
   Multistandard VIF-PLL and FM-PLL/AM demodulator
1995 Mar 21
TDA9808 PHILIPS-TDA9808 Datasheet
218Kb / 36P
   Single standard VIF-PLL with QSS-IF and FM-PLL demodulator
1999 Jun 04
TDA9806 PHILIPS-TDA9806 Datasheet
193Kb / 24P
   Multistandard VIF-PLL and FM-PLL demodulator
1995 Sep 05
TDA9802 PHILIPS-TDA9802 Datasheet
196Kb / 23P
   Multistandard VIF-PLL demodulator and FM-PLL detector
November 1992
TDA9817 PHILIPS-TDA9817 Datasheet
240Kb / 41P
   Single/multistandard VIF/SIF-PLL and FM-PLL/AM demodulators
2004 Jun 29
TDA9882 NXP-TDA9882 Datasheet
236Kb / 45P
   Alignment-free multistandard vision and QSS FM sound IF PLL demodulator
Rev. 01-16 November 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com