Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6204B60AM Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC6204B60AM
Description  High Speed LDO Regulators
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6204B60AM Datasheet(HTML) 1 Page - Torex Semiconductor

  XC6204B60AM Datasheet HTML 1Page - Torex Semiconductor XC6204B60AM Datasheet HTML 2Page - Torex Semiconductor XC6204B60AM Datasheet HTML 3Page - Torex Semiconductor XC6204B60AM Datasheet HTML 4Page - Torex Semiconductor XC6204B60AM Datasheet HTML 5Page - Torex Semiconductor XC6204B60AM Datasheet HTML 6Page - Torex Semiconductor XC6204B60AM Datasheet HTML 7Page - Torex Semiconductor XC6204B60AM Datasheet HTML 8Page - Torex Semiconductor XC6204B60AM Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
! CMOS Low Power Consumption
" Applications
! Dropout Voltage :
# Mobile phones
60mV @ 30mA, 200mV @ 100mA
# Cordless phones
! Maximum Output Current : 150mA
# Cameras, video recorders
! Highly Accurate : ± 2%
# Portable games
! Output Voltage Range : 1.8V ~ 6.0V
# Portable AV equipment
! Low ESR capacitor compatible
# Reference voltage
# Battery powered equipment
" General Description
" Features
The XC6204 series are highly precise, low noise, positive voltage LDO regulators
Maximum Output Current : 150mA
manufactured using CMOS processes. The series achieves high ripple rejection
Dropout Voltage : 200mV (IOUT = 100mA)
and low dropout and consists of a standard voltage source, an error correction,
Maximum Operating Voltage : 10V
current limiter and a phase compensation circuit plus a driver transistor.
Output Voltage Range : 1.8V ~ 6.0V in 50mV increments
Output voltage is selectable in 50mV increments within a range of 1.8V ~ 6.0V.
Highly Accurate : ± 2%
The series is also compatible with low ESR ceramic capacitors which give added
Low Power Consumption : TYP 75
µA
output stability. This stability can be maintained even during load fluctuations due
Standby Current : less than 0.1
µA
to the excellent transient response of the series.
High Ripple Rejection : 70dB (10 kHz)
The current limiter's foldback circuit also operates as a short protect for the output
Low Output Noise : 30
µVrms
current limiter and the output pin.
Operating Temperature Range : -40
OC ~ +85OC
The CE function enables the output to be turned off, resulting in greatly reduced
Low ESR Capacitor Compatible : Ceramic capacitor
power consumption.
" Pin Configuration
" Pin Assignment
SOT-23-5
USB-6B
PIN NAME
1
1
VIN
2
5
VSS
36
CE
4
2, 4
NC
5
3
VOUT
" Selection Guide
The following options for the CE pin logic and internal pull-up/down are available:
Active 'High' + no pull-down resistor built-in (standard)
Active 'High' + 300k
Ω pull-down resistor built-in <between CE-VSS> (semi-custom)
Active 'Low' + no pull-up resistor built-in (semi-custom)
Active 'Low' + 300k
Ω pull-up resistor built-in <between CE-VSS> (semi-custom)
Note: *With the pull-up resistor or pull-down resistor built-in types, the supply current during operation will increase by VIN / 300k
Ω (TYP.)
" Ordering Information
XC6204
!"#$%&
DESIGNATOR
SYMBOL
DESIGNATOR
SYMBOL
Output Voltage : 100mV increments
A
Active 'High' (pull-down resistor built in)
e.g.
"=3, #=8, $=2 ⇒ 3.8V
B
Active 'High' (no pull-down resistor built in)
Output Voltage : 50mV increments
C
Active 'Low' (pull-up resistor built in)
e.g.
"=3, #=8, $=A ⇒ 3.85V
D
Active 'Low' (no pull-up resistor built in)
Output Voltage :
M
e.g. 20 = 2.0V
D
30 = 3.0V etc.
R
L
Please note that the "B" version is the standard part. The A, C, & D versions are semi-custom parts.
High Speed LDO Regulators
Output On/Off Control
XC6204 Series
DESCRIPTION
CE Pin Logic :
Package Type :
Feb. 13. 01 Ver.IV
ON/OFF Control
No Connection
Output
DESCRIPTION
PIN NUMBER
Input
FUNCTION
Ground
SOT-23-5
USP - 6B
Embossed Tape : Standard Feed
Embossed Tape : Reverse Feed
Device Orientation :
18~60
2
A
!
"'#
$
%
&
6
5
4
1
2
3
VIN
NC
VOUT
CE
VSS
NC
USP-6B
(TOP VIEW)
4
2
5
13
CE
(NC)
VIN
VSS
VOUT
SOT-23-5
(TOP VIEW)
1


Similar Part No. - XC6204B60AM

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6204B60AML TOREX-XC6204B60AML Datasheet
1Mb / 28P
   (Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators
XC6204B60AML TOREX-XC6204B60AML Datasheet
1Mb / 49P
   High Speed LDO Regulators Output ON-OFF Control
XC6204B60AMR TOREX-XC6204B60AMR Datasheet
1Mb / 28P
   (Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators
XC6204B60AMR TOREX-XC6204B60AMR Datasheet
1Mb / 49P
   High Speed LDO Regulators Output ON-OFF Control
More results

Similar Description - XC6204B60AM

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML6204 MINILOGIC-ML6204 Datasheet
973Kb / 19P
   High Speed LDO Regulators
logo
Torex Semiconductor
XC6413 TOREX-XC6413 Datasheet
132Kb / 13P
   High Speed LDO Regulators
XC6213 TOREX-XC6213 Datasheet
70Kb / 5P
   High Speed LDO Regulators
logo
Minilogic Device Corpor...
ML6209 MINILOGIC-ML6209 Datasheet
476Kb / 14P
   High Speed LDO Regulators
logo
Torex Semiconductor
XC6210 TOREX-XC6210_2 Datasheet
1Mb / 22P
   High Current, High Speed LDO Regulators
XC6210 TOREX-XC6210_1 Datasheet
1Mb / 21P
   High Current, High Speed LDO regulators
XC6210 TOREX-XC6210 Datasheet
307Kb / 10P
   High Current, High Speed LDO Regulators
logo
Bookly Micro electronic
BM1117N BOOKLY-BM1117N Datasheet
599Kb / 7P
   1A Voltage High Speed LDO Regulators
logo
Torex Semiconductor
XC6207 TOREX-XC6207_1 Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217_2 Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com