Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z4D-A01 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # Z4D-A01
Description  Micro-displacement Sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

Z4D-A01 Datasheet(HTML) 2 Page - Omron Electronics LLC

  Z4D-A01 Datasheet HTML 1Page - Omron Electronics LLC Z4D-A01 Datasheet HTML 2Page - Omron Electronics LLC Z4D-A01 Datasheet HTML 3Page - Omron Electronics LLC Z4D-A01 Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Z4D-A01
Z4D-A01
Characteristics (Ta = --10°Cto55°C)
Item
Values (see note 2)
Remarks
Operating distance
6.5±1mm
From the reference mounting surface
Variation of sensitivity
±10%
(see note 3)
Resolution
±10 µm
(see note 4)
Operable ambient illumination
3,000 ℓxmax.
2,000 ℓxmax.
Under sunlight
Under fluorescent lamp
Note: 1. As measured between sensor and microprocessor.
2. The values are measured with a white paper having a 90% reflection factor.
3. Defined as the variation of sensitivity between products. The variation is the change of the calculated analog output by distance
(slope of the straight output line.) Refer to “Microprocessor Divided Output vs. Distance” graph in Engineering Data.
4. The resolution means the electrical noise width on the calculated analog output converted into distance when using a 10-bit or more
A/D converter.
Circuit Diagram


Similar Part No. - Z4D-A01

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
Z4D-B01 OMRON-Z4D-B01 Datasheet
326Kb / 6P
   Micro-displacement Sensor
Z4D-C01 OMRON-Z4D-C01 Datasheet
123Kb / 4P
   Micro-displacement Sensor
More results

Similar Description - Z4D-A01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EE-SY190 ETC1-EE-SY190 Datasheet
349Kb / 3P
   Micro-displacement Sensor
logo
Omron Electronics LLC
Z4D-C01 OMRON-Z4D-C01 Datasheet
123Kb / 4P
   Micro-displacement Sensor
Z4D-B01 OMRON-Z4D-B01 Datasheet
326Kb / 6P
   Micro-displacement Sensor
E4PA-N OMRON-E4PA-N Datasheet
316Kb / 9P
   Ultrasonic Displacement Sensor
logo
SICK AG
OD1000 SICK-OD1000 Datasheet
5Mb / 68P
   Displacement measurement sensor
logo
Littelfuse
55250 LITTELFUSE-55250 Datasheet
2Mb / 2P
   55250 Angular Displacement Sensor
logo
Vishay Siliconix
RP12 VISHAY-RP12 Datasheet
109Kb / 4P
   Analog Linear Displacement Sensor
Revision: 25-Jan-18
RP12 VISHAY-RP12_V01 Datasheet
131Kb / 4P
   Analog Linear Displacement Sensor
01-Jan-2022
PORH12 VISHAY-PORH12_V01 Datasheet
164Kb / 8P
   Analog Rectilinear Displacement Sensor
01-Jan-2022
RH28 VISHAY-RH28 Datasheet
105Kb / 4P
   Analog Linear Displacement Sensor
Revision: 09-Sep-15
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com