Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRG4BC30WPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRG4BC30WPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)max.=2.70V, @Vge=15V, Ic=12A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4BC30WPBF Datasheet(HTML) 1 Page - International Rectifier

  IRG4BC30WPBF Datasheet HTML 1Page - International Rectifier IRG4BC30WPBF Datasheet HTML 2Page - International Rectifier IRG4BC30WPBF Datasheet HTML 3Page - International Rectifier IRG4BC30WPBF Datasheet HTML 4Page - International Rectifier IRG4BC30WPBF Datasheet HTML 5Page - International Rectifier IRG4BC30WPBF Datasheet HTML 6Page - International Rectifier IRG4BC30WPBF Datasheet HTML 7Page - International Rectifier IRG4BC30WPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Parameter
Max.
Units
VCES
Collector-to-Emitter Breakdown Voltage
600
V
IC @ TC = 25°C
Continuous Collector Current
23
IC @ TC = 100°C
Continuous Collector Current
12
A
ICM
Pulsed Collector Current
Q
92
ILM
Clamped Inductive Load Current
R
92
VGE
Gate-to-Emitter Voltage
± 20
V
EARV
Reverse Voltage Avalanche Energy
S
180
mJ
PD @ TC = 25°C
Maximum Power Dissipation
100
PD @ TC = 100°C
Maximum Power Dissipation
42
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (0.063 in. (1.6mm from case )
°C
Mounting torque, 6-32 or M3 screw.
10 lbf•in (1.1N•m)
IRG4BC30WPbF
INSULATEDGATEBIPOLARTRANSISTOR
PD - 95173
E
C
G
n-channel
Features
• Designed expressly for Switch-Mode Power
Supply and PFC (power factor correction)
applications
• Industry-benchmark switching losses improve
efficiency of all power supply topologies
• 50% reduction of Eoff parameter
• Low IGBT conduction losses
• Latest-generation IGBT design and construction offers
tighter parameters distribution, exceptional reliability
• Lower switching losses allow more cost-effective
operation than power MOSFETs up to 150 kHz
("hard switched" mode)
• Of particular benefit to single-ended converters and
boost PFC topologies 150W and higher
• Low conduction losses and minimal minority-carrier
recombination make these an excellent option for
resonant mode switching as well (up to >>300 kHz)
Benefits
VCES = 600V
VCE(on) max. = 2.70V
@VGE = 15V, IC = 12A
04/23/04
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
1.2
RθCS
Case-to-Sink, Flat, Greased Surface
0.50
–––
°C/W
RθJA
Junction-to-Ambient, typical socket mount
–––
80
Wt
Weight
1.44
–––
g
Thermal Resistance
Absolute Maximum Ratings
W
TO-220AB
www.irf.com
1
• Lead-Free


Similar Part No. - IRG4BC30WPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC30WPBF IRF-IRG4BC30WPBF Datasheet
287Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4BC30WPBF IRF-IRG4BC30WPBF_15 Datasheet
287Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
More results

Similar Description - IRG4BC30WPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC30W IRF-IRG4BC30W Datasheet
139Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)max.=2.70V, @Vge=15V, Ic=12A)
IRG4PC30W IRF-IRG4PC30W Datasheet
123Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)max.=2.70V, @Vge=15V, Ic=12A)
IRG4BC30U IRF-IRG4BC30U Datasheet
167Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.95V, @Vge=15V, Ic=12A)
IRGBC30U IRF-IRGBC30U Datasheet
244Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=12A)
IRG4PC30U IRF-IRG4PC30U Datasheet
145Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.95V, @Vge=15V, Ic=12A)
IRG4BC30WS IRF-IRG4BC30WS Datasheet
188Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.10V, @Vge=15V, Ic=12A)
IRG4RC20F IRF-IRG4RC20F Datasheet
264Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.82V, @Vge=15V, Ic=12A)
IRGPC30U IRF-IRGPC30U Datasheet
248Kb / 6P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=12A)
IRG4PC50W IRF-IRG4PC50W Datasheet
157Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)max.=2.30V, @Vge=15V, Ic=27A)
IRG4BC20U IRF-IRG4BC20U Datasheet
167Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=6.5A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com