Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9817 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA9817
Description  Single/multistandard VIF/SIF-PLL and FM-PLL/AM demodulators
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9817 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA9817 Datasheet HTML 5Page - NXP Semiconductors TDA9817 Datasheet HTML 6Page - NXP Semiconductors TDA9817 Datasheet HTML 7Page - NXP Semiconductors TDA9817 Datasheet HTML 8Page - NXP Semiconductors TDA9817 Datasheet HTML 9Page - NXP Semiconductors TDA9817 Datasheet HTML 10Page - NXP Semiconductors TDA9817 Datasheet HTML 11Page - NXP Semiconductors TDA9817 Datasheet HTML 12Page - NXP Semiconductors TDA9817 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
2004 Jun 29
9
Philips Semiconductors
Product specification
Single/multistandard VIF/SIF-PLL and
FM-PLL/AM demodulators
TDA9817; TDA9818
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Notes
1. IP = 104 mA; Tamb =70 °C; Rth(j-a) = 65 K/W for TDA9818, Rth(j-a) = 85 K/W for TDA9817T and TDA9818T,
Rth(j-a) = 110 K/W for TDA9817TS and TDA9818TS.
2. Machine model class B (L = 2.5
µH).
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VP
supply voltage
TDA9817T, TDA9818 and
TDA9818T: maximum chip
temperature of 120
°C;
note 1
5.5
V
TDA9817TS and
TDA9818TS: maximum chip
temperature of 130
°C;
note 1
5.5
V
Vn
voltage at pins VIF1, VIF2, STD, CVAGC,
CSAGC, TPLL, Vde-em, Cde-em, CDEC, FMin,
TAGC, CBL, AFC, VP, TOP, SIF1 and SIF2
0VP
V
tsc(max)
maximum short-circuit time to ground or VP
10
s
VTAGC
tuner automatic gain control output voltage
0
13.2
V
Tstg
storage temperature
−25
+150
°C
Tamb
ambient temperature
−20
+70
°C
Vesd
electrostatic handling voltage
note 2
−300
+300
V
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient in free air
TDA9818
65
K/W
TDA9817T; TDA9818T
85
K/W
TDA9817TS; TDA9818TS
110
K/W


Similar Part No. - TDA9817

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9810 PHILIPS-TDA9810 Datasheet
225Kb / 32P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1999 May 07
TDA9810T PHILIPS-TDA9810T Datasheet
225Kb / 32P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1999 May 07
TDA9811 PHILIPS-TDA9811 Datasheet
228Kb / 36P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1998 Feb 09
TDA9812 PHILIPS-TDA9812 Datasheet
272Kb / 32P
   Multistandard VIF-PLL and FM-PLL/AM demodulator
1995 Mar 21
TDA9812T PHILIPS-TDA9812T Datasheet
272Kb / 32P
   Multistandard VIF-PLL and FM-PLL/AM demodulator
1995 Mar 21
More results

Similar Description - TDA9817

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9812 PHILIPS-TDA9812 Datasheet
272Kb / 32P
   Multistandard VIF-PLL and FM-PLL/AM demodulator
1995 Mar 21
TDA9806 PHILIPS-TDA9806 Datasheet
193Kb / 24P
   Multistandard VIF-PLL and FM-PLL demodulator
1995 Sep 05
TDA9802 PHILIPS-TDA9802 Datasheet
196Kb / 23P
   Multistandard VIF-PLL demodulator and FM-PLL detector
November 1992
TDA9814T PHILIPS-TDA9814T Datasheet
249Kb / 36P
   Multistandard VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
1998 Feb 09
TDA9815 PHILIPS-TDA9815 Datasheet
265Kb / 40P
   Multistandard/MAC VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
1998 Feb 11
TDA9811 PHILIPS-TDA9811 Datasheet
228Kb / 36P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1998 Feb 09
TDA9810 PHILIPS-TDA9810 Datasheet
225Kb / 32P
   Multistandard VIF-PLL with QSS-IF and AM demodulator
1999 May 07
logo
Mitsubishi Electric Sem...
M52313SP MITSUBISHI-M52313SP Datasheet
413Kb / 7P
   STANDARD PLL VIF/SIF
logo
NXP Semiconductors
TDA9801 PHILIPS-TDA9801 Datasheet
152Kb / 32P
   Single standard VIF-PLL demodulator and FM-PLL detector
1999 Aug 26
logo
Mitsubishi Electric Sem...
M52768FP MITSUBISHI-M52768FP Datasheet
242Kb / 14P
   PLL-INTER VIF/SIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com