Electronic Components Datasheet Search |
|
SN74ALS240ADWR Datasheet(PDF) 3 Page - Texas Instruments |
|
|
SN74ALS240ADWR Datasheet(HTML) 3 Page - Texas Instruments |
3 / 21 page SN54ALS240A, SN54AS240A, SN74ALS240A, SN74AS240A OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS SDAS214E – DECEMBER 1982 – REVISED AUGUST 2002 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 logic diagram (positive logic) 1 2 4 6 8 19 11 13 15 17 3 5 7 9 12 14 16 18 1A1 1A2 1A3 1A4 1Y1 2A1 2A2 2A3 2A4 2Y1 1Y2 1Y3 1Y4 2Y2 2Y3 2Y4 1OE 2OE absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage, VCC 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage, VI 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Voltage applied to a disabled 3-state output 5.5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Package thermal impedance, θJA (see Note 1): DB package 70 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . DW package 58 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . N package 70 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . NS package 60 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg – 65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTE 1: The package thermal impedance is calculated in accordance with JESD 51-7. |
Similar Part No. - SN74ALS240ADWR |
|
Similar Description - SN74ALS240ADWR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |