Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELJPCR22JF Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ELJPCR22JF
Description  Chip inductors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJPCR22JF Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ELJPCR22JF Datasheet HTML 1Page - Panasonic Semiconductor ELJPCR22JF Datasheet HTML 2Page - Panasonic Semiconductor ELJPCR22JF Datasheet HTML 3Page - Panasonic Semiconductor ELJPCR22JF Datasheet HTML 4Page - Panasonic Semiconductor ELJPCR22JF Datasheet HTML 5Page - Panasonic Semiconductor ELJPCR22JF Datasheet HTML 6Page - Panasonic Semiconductor ELJPCR22JF Datasheet HTML 7Page - Panasonic Semiconductor ELJPCR22JF Datasheet HTML 8Page - Panasonic Semiconductor ELJPCR22JF Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Chip Inductors
s Q-Frequency Characteristics
Type: 1608 (0603) RE
s Examples : Type 1608(0603)RE
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
Q
min.
47
47
47
45
35
35
35
36
36
36
36
36
37
37
38
39
40
41
40
39
38
35
35
33
30
25
22
20
Ñ
6000
6000
6000
6000
6000
6000
5500
5500
4800
4600
3550
3500
2800
2800
2500
2300
2000
2000
1800
1800
1800
1800
1500
1500
1300
1200
1100
1000
900
0.05
0.06
0.07
0.08
0.09
0.10
0.12
0.15
0.17
0.18
0.20
0.28
0.32
0.35
0.41
0.45
0.50
0.55
0.60
0.80
0.95
1.2
1.3
1.5
1.8
3.0
4.5
6.5
7.5
500
500
500
500
500
500
500
450
450
430
430
400
400
400
350
350
300
300
300
300
250
250
250
250
200
130
100
80
70
ELJRE1N0DF2
ELJRE1N2DF2
ELJRE1N5DF2
ELJRE1N8DF2
ELJRE2N2DF2
ELJRE2N7DF2
ELJRE3N3DF2
ELJRE3N9JF2
ELJRE4N7JF2
ELJRE5N6JF2
ELJRE6N8JF2
ELJRE8N2JF2
ELJRE10NJF2
ELJRE12NJF2
ELJRE15NJF2
ELJRE18NJF2
ELJRE22NJF2
ELJRE27NJF2
ELJRE33NJF2
ELJRE39NJF2
ELJRE47NJF2
ELJRE56NJF3
ELJRE68NJF3
ELJRE82NJF3
ELJRER10JF3
ELJRER12JF3
ELJRER15JF3
ELJRER18JF3
ELJRER22JF3
7
8
9
10
11
12
5
4
nH
Tolerance
25.2
±0.3 nH
± 5 %
100.
L , Q
Test-Freq.
( MHz)
DCR V2
max.(Ω)
DC Current
max.(mA)
SRF V1
min.(MHz)
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
Part No.
Inductance
Q
Typical
(800 MHz)
V
1 : Self Resonant Frequency V2 : DC Resistance


Similar Part No. - ELJPCR22JF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJPCR22JF PANASONIC-ELJPCR22JF Datasheet
236Kb / 7P
   High Power Type PF, PE, PC, PA, PB
More results

Similar Description - ELJPCR22JF

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
   CHIP COIL(CHIP INDUCTORS) Inductors
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com