Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9830 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA9830
Description  TV sound AM-demodulator and audio source switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9830 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA9830 Datasheet HTML 3Page - NXP Semiconductors TDA9830 Datasheet HTML 4Page - NXP Semiconductors TDA9830 Datasheet HTML 5Page - NXP Semiconductors TDA9830 Datasheet HTML 6Page - NXP Semiconductors TDA9830 Datasheet HTML 7Page - NXP Semiconductors TDA9830 Datasheet HTML 8Page - NXP Semiconductors TDA9830 Datasheet HTML 9Page - NXP Semiconductors TDA9830 Datasheet HTML 10Page - NXP Semiconductors TDA9830 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
June 1994
7
Philips Semiconductors
Product specification
TV sound AM-demodulator and audio source switch
TDA9830
Notes to the characteristics
1. In the power supply voltage range VP1 = 5.0 V up to 8.0 V the performance will not change essentially.
With power supply from VP2 = 12.0 V the performance will be comparable with the performance at VP1 = 5.0 V up to
8.0 V.
The unused power supply pin must be not connected.
2. Start of gain control (low IF input signal) at
−3 dB AF signal reduction at pin 6.
3. End of gain control (high IF input signal) at +1 dB AF signal expansion at pin 6.
4. This state is also valid for pin left open-circuit.
5. If a DC-plop of about maximum 100 mV is acceptable when switching from internal to external audio-signal or from
internal to mute state or vice versa, the capacitor between pin 6 and 7 can be omitted and pin 6 can be connected
to pin 7.
6. Measured with Vripple = 200 mV(p-p) at 70 Hz superimposed on supply voltage VP.
7. Dependent on value of AGC capacitor.
V8−13
crosstalk and mute attenuation
20 Hz to 20 kHz
80
90
dB
V7,8,9−13
DC-potential
2.00
2.15
2.30
V
R7,9−13
input resistance
40
50
60
k
G7,9−8
gain of audio switch
−0.5
0
+0.5
dB
V10−13
audio switching voltage to activate pin 7
0
0.8
V
V10−13
audio switching voltage to activate pin 9
note 4
1.5
VP
V
V12−13
input voltage for MUTE-ON
0
0.8
V
input voltage for MUTE-OFF
note 4
1.5
VP
V
I10, 12
output current of switching-pins at
V10, 12-13 = 0 V
−110
−145
−185
µA
V8-13
DC-plop at AF output pin with switching
from internal to external audio signal or
to mute-state or vice-versa
note 5
510
mV
R8
output resistance
70
100
150
Ripple rejection note 6
RR
AF signal output:
αRR =Vripple on VP /Vripple on Vout
26
30
dB
AF signal output with AF signal from
external source
40
44
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Similar Part No. - TDA9830

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9800 PHILIPS-TDA9800 Datasheet
177Kb / 23P
   VIF-PLL demodulator and FM-PLL detector
July 1994
TDA9800T PHILIPS-TDA9800T Datasheet
177Kb / 23P
   VIF-PLL demodulator and FM-PLL detector
July 1994
TDA9801 PHILIPS-TDA9801 Datasheet
152Kb / 32P
   Single standard VIF-PLL demodulator and FM-PLL detector
1999 Aug 26
TDA9801T PHILIPS-TDA9801T Datasheet
152Kb / 32P
   Single standard VIF-PLL demodulator and FM-PLL detector
1999 Aug 26
TDA9802 PHILIPS-TDA9802 Datasheet
196Kb / 23P
   Multistandard VIF-PLL demodulator and FM-PLL detector
November 1992
More results

Similar Description - TDA9830

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV82X6 STMICROELECTRONICS-STV82X6 Datasheet
1Mb / 95P
   Multistandard TV Audio Processor and Digital Sound Demodulator
STV8206 STMICROELECTRONICS-STV8206 Datasheet
1Mb / 97P
   Multistandard TV Audio Processor and Digital Sound Demodulator
logo
TEMIC Semiconductors
U4488B TEMIC-U4488B Datasheet
272Kb / 9P
   Quasi-Split Sound Circuit and AM Demodulator
U4454B TEMIC-U4454B Datasheet
107Kb / 7P
   Quasi-Split-Sound Processing and AM-Demodulator
logo
NXP Semiconductors
TDA3845 PHILIPS-TDA3845 Datasheet
137Kb / 18P
   Quasi split-sound circuit and AM demodulator
January 1993
TDA3825 PHILIPS-TDA3825 Datasheet
166Kb / 18P
   Quasi split-sound circuit and AM demodulator
January 1993
logo
STMicroelectronics
STV8203 STMICROELECTRONICS-STV8203 Datasheet
192Kb / 31P
   MULTISTANDARD TV SOUND DEMODULATOR
logo
ATMEL Corporation
U4468B ATMEL-U4468B Datasheet
188Kb / 11P
   Quasi-split Sound Circuit and AM Demodulator IC
logo
TEMIC Semiconductors
TDA4483 TEMIC-TDA4483 Datasheet
87Kb / 8P
   Intercarrier Mixer and AM-Demodulator for TV and VCR
logo
NXP Semiconductors
TDA9874H PHILIPS-TDA9874H Datasheet
254Kb / 56P
   Digital TV sound demodulator/decoder
1998 Apr 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com