Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GN2133 Datasheet(PDF) 2 Page - GTM CORPORATION

Part # GN2133
Description  CMOS POSITIVE VOLTAGE REGULATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GN2133 Datasheet(HTML) 2 Page - GTM CORPORATION

  GN2133 Datasheet HTML 1Page - GTM CORPORATION GN2133 Datasheet HTML 2Page - GTM CORPORATION GN2133 Datasheet HTML 3Page - GTM CORPORATION GN2133 Datasheet HTML 4Page - GTM CORPORATION GN2133 Datasheet HTML 5Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2/5
ISSUED DATE :2004/12/24
REVISED DATE :2006/02/13B
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Input Voltage
VIN
8
V
Output Current
IOUT
PD/(VIN-VO)
mA
Output Voltage
VOUT
1.5~3.8
V
Operating Ambient Temperature
Topr
-40 ~ +85
:
Junction Temperature
Tj
-40 ~ +125
:
Maximum Junction Temperature
Tj Max
150
:
jc
110
: /W
Thermal Resistance
ja
325
: /W
Power Dissipation( T=100 : )
PD
300
mW
EDS Classification
B
Electrical Characteristics Ta=25 ::::
Parameter
Symbol
Condition
Min
TYP
Max
Unit
Output Voltage
VOUT(E)
(Note1)
VIN=VOUT(T)+1V, IO=1mA
-1.5% VOUT(T)
(Note2)
1.5%
V
Output Current
IO
VIN=VOUT(T)+2V, VOUT VOUT(E)*0.96
300
-
-
mA
Current Limit
ILIM
VO>1.2V
300
450
-
mA
Load Regulation
REGLOAD
VIN=VOUT(T)+2V, IO=1mA to 300mA
-1
0.2
1
%
1.3V VOUT(T) 2.0V
-
-
1300
2.0V<VOUT(T) 2.8V
-
-
400
Dropout Voltage
VDROPOUT
IO=300mA
VO=VOUT(E)-2%
2.8V<VOUT(T)
-
-
300
mV
Quiescent Current
IQ
VIN= VOUT(T)+1V
-
30
50
A
1.3V VOUT(T) 1.4V
-0.2
-
0.2
1.4V<VOUT(T) 2.0V
-0.15
-
0.15
2.0V<VOUT(T)<4.0V
-0.1
0.02
0.1
Line Regulation
REGLINE
IO=1mA
VIN=VOUT(T)+1
to
VOUT(T)+2
4.0V VOUT(T)
-0.4
0.2
0.4
%
Input Voltage
VIN
Note3
-
7
V
Over Temperature Shutdown
OTS
-
150
-
:
Over Temperature Hysterisis
OTH
-
30
-
:
Output Voltage
Temperature Coefficient
TC
-
30
-
ppm/ :
Short Circuit Current(Note4)
ISC
VIN=VOUT(T)+1V VOUT=0V
-
150
300
mA
f=1kHz
-
50
-
f=10kHz
-
20
-
PSRR
Io=100mA
Co=2.2
F
f=100kHz
-
15
-
dB
Output Voltage Noise
eN
f=10Hz~100kH
z Io=10mA
Co=2.2 F
-
30
-
Vrms
Note 1: VOUT (E) =Effective Output Voltage (i.e. the output voltage when “VOUT (T) +1.0V” is provided at the VIN pin while maintaining a
certain IOUT value).
2: VOUT (T) =Specified Output Voltage
3: VIN (MIN) =VOUT+VDROPOUT
4: To prevent the Short Circuit Current protection feature from being prematurely activated, the input voltage must be applied before
a current source load is applied.


Similar Part No. - GN2133

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GN20 ETC1-GN20 Datasheet
132Kb / 4P
   GN Package XX-Lead Plastic SSOP (Narrow .150 Inch)
logo
GUANGDONG MISUN TECHNOL...
GN2012F-102Z FPE-GN2012F-102Z Datasheet
480Kb / 1P
   Common Mode Filter
GN2012F-121Z FPE-GN2012F-121Z Datasheet
481Kb / 1P
   Common Mode Filter
GN2012F-161Z FPE-GN2012F-161Z Datasheet
481Kb / 1P
   Common Mode Filter
GN2012F-181Z FPE-GN2012F-181Z Datasheet
481Kb / 1P
   Common Mode Filter
More results

Similar Description - GN2133

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GQ2123 GTM-GQ2123 Datasheet
542Kb / 7P
   CMOS POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S5M2111 SECOS-S5M2111 Datasheet
1Mb / 5P
   CMOS Positive Voltage Regulator
logo
GTM CORPORATION
G62FP GTM-G62FP Datasheet
1,002Kb / 7P
   CMOS Positive Voltage Regulator
GT2133 GTM-GT2133 Datasheet
437Kb / 7P
   CMOS POSITIVE VOLTAGE REGULATOR
GN62FP GTM-GN62FP Datasheet
944Kb / 7P
   CMOS POSITIVE VOLTAGE REGULATOR
GM62FP GTM-GM62FP Datasheet
1Mb / 7P
   CMOS POSITIVE VOLTAGE REGULATOR
GL2136 GTM-GL2136 Datasheet
331Kb / 4P
   CMOS POSITIVE VOLTAGE REGULATOR
GQ2131 GTM-GQ2131 Datasheet
417Kb / 5P
   CMOS POSITIVE VOLTAGE REGULATOR
GQ2133 GTM-GQ2133 Datasheet
498Kb / 7P
   CMOS POSITIVE VOLTAGE REGULATOR
GQ2141 GTM-GQ2141 Datasheet
767Kb / 5P
   CMOS POSITIVE VOLTAGE REGULATOR
GT2123 GTM-GT2123 Datasheet
466Kb / 8P
   CMOS POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com