Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX19707ETM Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX19707ETM
Description  10-Bit, 45Msps, Ultra-Low-Power Analog Front-End
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX19707ETM Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX19707ETM Datasheet HTML 1Page - Maxim Integrated Products MAX19707ETM Datasheet HTML 2Page - Maxim Integrated Products MAX19707ETM Datasheet HTML 3Page - Maxim Integrated Products MAX19707ETM Datasheet HTML 4Page - Maxim Integrated Products MAX19707ETM Datasheet HTML 5Page - Maxim Integrated Products MAX19707ETM Datasheet HTML 6Page - Maxim Integrated Products MAX19707ETM Datasheet HTML 7Page - Maxim Integrated Products MAX19707ETM Datasheet HTML 8Page - Maxim Integrated Products MAX19707ETM Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
General Description
The MAX19707 is an ultra-low-power, mixed-signal ana-
log front-end (AFE) designed for power-sensitive com-
munication equipment. Optimized for high dynamic
performance at ultra-low power, the device integrates a
dual, 10-bit, 45Msps receive (Rx) ADC; dual, 10-bit,
45Msps transmit (Tx) DAC; three fast-settling 12-bit
aux-DAC channels for ancillary RF front-end control;
and a 10-bit, 333ksps housekeeping aux-ADC. The typ-
ical operating power in Tx-Rx FAST mode is 84.6mW at
a 45MHz clock frequency.
The Rx ADCs feature 54.2dB SNR and 71.2dBc SFDR
at fIN = 5.5MHz and fCLK = 45MHz. The analog I/Q
input amplifiers are fully differential and accept
1.024VP-P full-scale signals. Typical I/Q channel match-
ing is ±0.03° phase and ±0.01dB gain.
The Tx DACs feature 73.2dBc SFDR at fOUT = 2.2MHz
and fCLK = 45MHz. The analog I/Q full-scale output volt-
age is ±400mV differential. The Tx DAC common-mode
DC level is programmable from 0.71V to 1.05V. The I/Q
channel offset is programmable to optimize radio lineup
sideband/carrier suppresion. The typical I/Q channel
matching is ±0.01dB gain and ±0.07° phase.
The Rx ADC and Tx DAC share a single, 10-bit parallel,
high-speed digital bus allowing half-duplex operation
for time-division duplex (TDD) applications. A 3-wire
serial interface controls power-management modes, the
aux-DAC channels, and the aux-ADC channels.
The MAX19707 operates on a single 2.7V to 3.3V ana-
log supply and 1.8V to 3.3V digital I/O supply. The
MAX19707 is specified for the extended (-40°C to
+85°C) temperature range and is available in a 48-pin,
thin QFN package. The Selector Guide at the end of the
data sheet lists other pin-compatible versions in this
AFE family.
Applications
Features
♦ Dual, 10-Bit, 45Msps Rx ADC and Dual, 10-Bit,
45Msps Tx DAC
♦ Ultra-Low Power
84.6mW at fCLK = 45MHz, Fast Mode
77.1mW at fCLK = 45MHz, Slow Mode
Low-Current Standby and Shutdown Modes
♦ Programmable Tx DAC Common-Mode DC Level
and I/Q Offset Trim
♦ Excellent Dynamic Performance
SNR = 54.2dB at fIN = 5.5MHz (Rx ADC)
SFDR = 73.2dBc at fOUT = 2.2MHz (Tx DAC)
♦ Three 12-Bit, 1µs Aux-DACs
♦ 10-Bit, 333ksps Aux-ADC with 4:1 Input Mux and
Data Averaging
♦ Excellent Gain/Phase Match
±0.03° Phase, ±0.01dB Gain (Rx ADC) at
fIN = 5.5MHz
♦ Multiplexed Parallel Digital I/O
♦ Serial-Interface Control
♦ Versatile Power-Control Circuits
Shutdown, Standby, Idle, Tx/Rx Disable
♦ Miniature 48-Pin Thin QFN Package
(7mm x 7mm x 0.8mm)
10-Bit, 45Msps, Ultra-Low-Power
Analog Front-End
________________________________________________________________ Maxim Integrated Products
1
19-3826; Rev 1; 6/07
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
Ordering Information
PART*
PIN-PACKAGE
PKG CODE
MAX19707ETM
48 Thin QFN-EP**
T4877-4
MAX19707ETM+
48 Thin QFN-EP**
T4877-4
*All devices are specified over the -40°C to +85°C operating
range.
**EP = Exposed paddle.
+Denotes lead-free package.
Functional Diagram and Selector Guide appear at end of
data sheet.
D9
D8
D6
OVDD
D4
D3
D2
D0
D1
OGND
D5
D7
VDD
IDN
IDP
GND
VDD
QDN
QDP
REFN
EXPOSED PADDLE (GND)
REFIN
DAC1
COM
DAC2
37
38
39
40
41
42
43
44
45
46
47
48
12
34
5
67
89
10
24
23
22
21
20
19
18
17
16
15
14
13
THIN QFN
MAX19707
TOP VIEW
11 12
36 35 34 33 32 31 30 29 28 27 26 25
Pin Configuration
WiMAX CPEs
802.11a/b/g WLAN
VoIP Terminals
Portable Communication
Equipment


Similar Part No. - MAX19707ETM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1970 MAXIM-MAX1970 Datasheet
371Kb / 20P
   Dual, 180째 Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
19-2297; Rev 0; 1/02
MAX1970 MAXIM-MAX1970 Datasheet
277Kb / 21P
   Dual, 180° Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
Rev 1; 2/09
MAX1970-MAX1972 MAXIM-MAX1970-MAX1972 Datasheet
371Kb / 20P
   Dual, 180째 Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
19-2297; Rev 0; 1/02
MAX19700EVCMOD2 MAXIM-MAX19700EVCMOD2 Datasheet
998Kb / 18P
   ADC/DAC Sampling Rate Up to 7.5Msps
Rev 0; 6/05
MAX19700EVKIT MAXIM-MAX19700EVKIT Datasheet
998Kb / 18P
   ADC/DAC Sampling Rate Up to 7.5Msps
Rev 0; 6/05
More results

Similar Description - MAX19707ETM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19713 MAXIM-MAX19713 Datasheet
879Kb / 37P
   10-Bit, 45Msps, Full-Duplex Analog Front-End
Rev 1; 9/06
logo
New Japan Radio
NJU9101 NJRC-NJU9101 Datasheet
1Mb / 61P
   Low Power Analog Front End
Ver.3
logo
Maxim Integrated Produc...
MAX1193 MAXIM-MAX1193 Datasheet
645Kb / 26P
   Ultra-Low-Power, 45Msps, Dual 8-Bit ADC
Rev 1; 9/03
MAX19710 MAXIM-MAX19710 Datasheet
818Kb / 37P
   10-Bit, 7.5Msps, Full-Duplex Analog Front-End
Rev 0; 5/06
MAX19712 MAXIM-MAX19712 Datasheet
770Kb / 36P
   10-Bit, 22Msps, Full-Duplex Analog Front-End
Rev 0; 5/06
MAX19711 MAXIM-MAX19711 Datasheet
957Kb / 36P
   10-Bit, 11Msps, Full-Duplex Analog Front-End
Rev 0; 5/06
logo
STMicroelectronics
STLC7550 STMICROELECTRONICS-STLC7550 Datasheet
174Kb / 17P
   LOW POWER LOW VOLTAGE ANALOG FRONT END
logo
Maxim Integrated Produc...
MAX5864 MAXIM-MAX5864 Datasheet
2Mb / 26P
   Ultra-Low-Power, High-Dynamic- Performance, 22Msps Analog Front End
19-2915; Rev 1; 10/03
logo
Texas Instruments
VSP1021 TI1-VSP1021_14 Datasheet
628Kb / 6P
[Old version datasheet]   3-V, 10-BIT,25-MSPS, LOW-POWER AREA CCD ANALOG FRONT END
logo
Maxim Integrated Produc...
MAX5863 MAXIM-MAX5863 Datasheet
1Mb / 26P
   Ultra-Low-Power, High-Dynamic Performance, 7.5Msps Analog Front End
19-2914; Rev 1; 10/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com