Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16821B Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX16821B
Description  High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16821B Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX16821B Datasheet HTML 1Page - Maxim Integrated Products MAX16821B Datasheet HTML 2Page - Maxim Integrated Products MAX16821B Datasheet HTML 3Page - Maxim Integrated Products MAX16821B Datasheet HTML 4Page - Maxim Integrated Products MAX16821B Datasheet HTML 5Page - Maxim Integrated Products MAX16821B Datasheet HTML 6Page - Maxim Integrated Products MAX16821B Datasheet HTML 7Page - Maxim Integrated Products MAX16821B Datasheet HTML 8Page - Maxim Integrated Products MAX16821B Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
High-Power Synchronous HBLED
Drivers with Rapid Current Pulsing
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 5V, VDD = VCC, TA = TJ = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
OSCILLATOR
Switching Frequency Range
125
1500
kHz
RT = 500k
120
125
130
RT = 120k
495
521
547
Switching Frequency
fSW
RT = 39.9k
1515
1620
1725
kHz
120k
Ω < RT ≤ 500kΩ
-5
+5
Switching Frequency Accuracy
40k
Ω ≤ RT ≤ 120kΩ
-8
+8
%
CLKOUT Phase Shift with
Respect to DH (Rising Edges)
fSW = 125kHz, MODE connected to SGND
180
CLKOUT Phase Shift with
Respect to DL (Rising Edges)
fSW = 125kHz, MODE connected to VCC
180
Degrees
CLKOUT Output-Voltage Low
VOL
ISINK = 2mA
0.4
V
CLKOUT Output-Voltage High
VOH
ISOURCE = 2mA
4.5
V
SYNC Input High Pulse Width
tSYNC
200
ns
SYNC Input Clock High Threshold
VSYNCH
2V
SYNC Input Clock Low Threshold
VSYNCL
0.4
V
SYNC Pullup Current
ISYNC_OUT
VRT/SYNC = 0V
250
500
µA
SYNC Power-Off Level
VSYNC_OFF
0.4
V
INDUCTOR CURRENT LIMIT
Average Current-Limit Threshold
VCL
CSP to CSN
26.4
27.5
30.0
mV
Reverse Current-Limit Threshold
VCLR
CSP to CSN
-2.0
mV
Cycle-by-Cycle Current Limit
CSP to CSN
60
mV
Cycle-by-Cycle Overload
VCSP to VCSN = 75mV
260
ns
CURRENT-SENSE AMPLIFIER
CSP to CSN Input Resistance
RCS
4k
Common-Mode Range
VCMR(CS)
VIN = 7V to 28V
0
5.5
V
Input Offset Voltage
VOS(CS)
0.1
mV
Amplifier Voltage Gain
AV(CS)
34.5
V/V
3dB Bandwidth
f3dB
4
MHz
CURRENT-ERROR AMPLIFIER (TRANSCONDUCTANCE AMPLIFIER)
Transconductance
gm
550
µS
Open-Loop Gain
AVL(CE)
50
dB


Similar Part No. - MAX16821B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16821B MAXIM-MAX16821B Datasheet
288Kb / 24P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 1; 3/09
MAX16821B MAXIM-MAX16821B Datasheet
301Kb / 24P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 2; 1/10
MAX16821B MAXIM-MAX16821B Datasheet
1Mb / 24P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 4; 4/18
MAX16821BATI++ MAXIM-MAX16821BATI+ Datasheet
288Kb / 24P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 1; 3/09
MAX16821BATI++ MAXIM-MAX16821BATI+ Datasheet
301Kb / 24P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 2; 1/10
More results

Similar Description - MAX16821B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16821 MAXIM-MAX16821 Datasheet
1Mb / 24P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 4; 4/18
MAX16821A MAXIM-MAX16821A_10 Datasheet
301Kb / 24P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 2; 1/10
MAX16821A MAXIM-MAX16821A_09 Datasheet
288Kb / 24P
   High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 1; 3/09
MAX16818 MAXIM-MAX16818_09 Datasheet
294Kb / 25P
   1.5MHz, 30A High-Efficiency, LED Driver with Rapid LED Current Pulsing
Rev 2; 3/09
MAX16818 MAXIM-MAX16818_15 Datasheet
1Mb / 25P
   1.5MHz, 30A High-Efficiency, LED Driver with Rapid LED Current Pulsing
Rev 4; 5/15
MAX16818 MAXIM-MAX16818 Datasheet
917Kb / 26P
   1.5MHz, 30A High-Efficiency, LED Driver with Rapid LED Current Pulsing
Rev 0; 10/06
logo
Diodes Incorporated
PAM2808 DIODES-PAM2808 Datasheet
494Kb / 8P
   5W HIGH POWER HBLED DRIVER
logo
Power Analog Micoelectr...
PAM2808 PAM-PAM2808 Datasheet
165Kb / 8P
   5W High Power HBLED Driver
logo
Alpha & Omega Semicondu...
AOZ1363DI AOSMD-AOZ1363DI Datasheet
1Mb / 13P
   16V High Current Load Switch with Rapid Turn-Off and Current Monitoring Protection
Rev. 1.0 July 2014
logo
National Semiconductor ...
LM2725 NSC-LM2725 Datasheet
159Kb / 9P
   High Speed Synchronous MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com