Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX19707ETM+ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX19707ETM+
Description  10-Bit, 45Msps, Ultra-Low-Power Analog Front-End
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX19707ETM+ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX19707ETM+ Datasheet HTML 7Page - Maxim Integrated Products MAX19707ETM+ Datasheet HTML 8Page - Maxim Integrated Products MAX19707ETM+ Datasheet HTML 9Page - Maxim Integrated Products MAX19707ETM+ Datasheet HTML 10Page - Maxim Integrated Products MAX19707ETM+ Datasheet HTML 11Page - Maxim Integrated Products MAX19707ETM+ Datasheet HTML 12Page - Maxim Integrated Products MAX19707ETM+ Datasheet HTML 13Page - Maxim Integrated Products MAX19707ETM+ Datasheet HTML 14Page - Maxim Integrated Products MAX19707ETM+ Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
10-Bit, 45Msps, Ultra-Low-Power
Analog Front-End
______________________________________________________________________________________
11
Rx ADC SIGNAL-TO-NOISE AND DISTORTION
RATIO vs. ANALOG INPUT AMPLITUDE
ANALOG INPUT AMPLITUDE (dBFS)
-3
-6
-9
-12
-15
-18
60
50
40
30
20
10
0
-21
0
QA
IA
fIN = 13.00155MHz
Rx ADC TOTAL HARMONIC DISTORTION
vs. ANALOG INPUT AMPLITUDE
ANALOG INPUT AMPLITUDE (dBFS)
-3
-6
-9
-12
-15
-18
-40
-45
-50
-55
-60
-65
-70
-75
-80
-21
0
fIN = 12.4980346MHz
QA
IA
Rx ADC SPURIOUS-FREE DYNAMIC RANGE
vs. ANALOG INPUT AMPLITUDE
ANALOG INPUT AMPLITUDE (dBFS)
-3
-6
-9
-12
-15
-18
75
70
65
60
55
50
45
-21
0
fIN = 12.4980346MHz
QA
IA
52
53
54
55
56
5
152535
10
20
30
40
45
Rx ADC SIGNAL-TO-NOISE RATIO
vs. SAMPLING RATE
SAMPLING RATE (MHz)
fIN = 12.4980346MHz
IA
QA
52
54
53
55
56
57
5
152535
10
20
30
40
45
Rx ADC SIGNAL-TO-NOISE AND DISTORTION
RATIO vs. SAMPLING RATE
SAMPLING RATE (MHz)
fIN = 12.4980346MHz
IA
QA
-95
-55
-60
-65
-70
-75
-80
-85
-90
5
152535
10
20
30
40
45
Rx ADC TOTAL HARMONIC DISTORTION
vs. SAMPLING RATE
SAMPLING RATE (MHz)
fIN = 12.4980346MHz
QA
IA
60
90
85
80
70
65
75
5
152535
10
20
30
40
45
Rx ADC SPURIOUS-FREE DYNAMIC
RANGE vs. SAMPLING RATE
SAMPLING RATE (MHz)
fIN = 12.4980346MHz
IA
QA
52
53
55
54
56
57
Rx ADC SIGNAL-TO-NOISE RATIO
vs. CLOCK DUTY CYCLE
CLOCK DUTY CYCLE (%)
35
55
45
65
QA
IA
fIN = 12.4980346MHz
52
53
55
54
56
57
Rx ADC SIGNAL-TO-NOISE AND DISTORTION
RATIO vs. CLOCK DUTY CYCLE
CLOCK DUTY CYCLE (%)
35
55
45
65
QA
IA
fIN = 12.4980346MHz
Typical Operating Characteristics (continued)
(VDD = 3V, OVDD = 1.8V, internal reference (1.024V), CL
≈ 10pF on all digital outputs, fCLK = 45MHz (50% duty cycle), Rx ADC input
amplitude = -0.5dBFS, Tx DAC output amplitude = 0dBFS, differential Rx ADC input, differential Tx DAC output, CREFP = CREFN =
CCOM = 0.33µF, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX19707ETM+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1970 MAXIM-MAX1970 Datasheet
371Kb / 20P
   Dual, 180째 Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
19-2297; Rev 0; 1/02
MAX1970 MAXIM-MAX1970 Datasheet
277Kb / 21P
   Dual, 180° Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
Rev 1; 2/09
MAX1970-MAX1972 MAXIM-MAX1970-MAX1972 Datasheet
371Kb / 20P
   Dual, 180째 Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
19-2297; Rev 0; 1/02
MAX19700EVCMOD2 MAXIM-MAX19700EVCMOD2 Datasheet
998Kb / 18P
   ADC/DAC Sampling Rate Up to 7.5Msps
Rev 0; 6/05
MAX19700EVKIT MAXIM-MAX19700EVKIT Datasheet
998Kb / 18P
   ADC/DAC Sampling Rate Up to 7.5Msps
Rev 0; 6/05
More results

Similar Description - MAX19707ETM+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19713 MAXIM-MAX19713 Datasheet
879Kb / 37P
   10-Bit, 45Msps, Full-Duplex Analog Front-End
Rev 1; 9/06
logo
New Japan Radio
NJU9101 NJRC-NJU9101 Datasheet
1Mb / 61P
   Low Power Analog Front End
Ver.3
logo
Maxim Integrated Produc...
MAX1193 MAXIM-MAX1193 Datasheet
645Kb / 26P
   Ultra-Low-Power, 45Msps, Dual 8-Bit ADC
Rev 1; 9/03
MAX19710 MAXIM-MAX19710 Datasheet
818Kb / 37P
   10-Bit, 7.5Msps, Full-Duplex Analog Front-End
Rev 0; 5/06
MAX19712 MAXIM-MAX19712 Datasheet
770Kb / 36P
   10-Bit, 22Msps, Full-Duplex Analog Front-End
Rev 0; 5/06
MAX19711 MAXIM-MAX19711 Datasheet
957Kb / 36P
   10-Bit, 11Msps, Full-Duplex Analog Front-End
Rev 0; 5/06
logo
STMicroelectronics
STLC7550 STMICROELECTRONICS-STLC7550 Datasheet
174Kb / 17P
   LOW POWER LOW VOLTAGE ANALOG FRONT END
logo
Maxim Integrated Produc...
MAX5864 MAXIM-MAX5864 Datasheet
2Mb / 26P
   Ultra-Low-Power, High-Dynamic- Performance, 22Msps Analog Front End
19-2915; Rev 1; 10/03
logo
Texas Instruments
VSP1021 TI1-VSP1021_14 Datasheet
628Kb / 6P
[Old version datasheet]   3-V, 10-BIT,25-MSPS, LOW-POWER AREA CCD ANALOG FRONT END
logo
Maxim Integrated Produc...
MAX5863 MAXIM-MAX5863 Datasheet
1Mb / 26P
   Ultra-Low-Power, High-Dynamic Performance, 7.5Msps Analog Front End
19-2914; Rev 1; 10/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com