Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16036 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX16036
Description  Low-Power Battery Backup Circuits in Small μDFN Packages
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16036 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX16036 Datasheet HTML 2Page - Maxim Integrated Products MAX16036 Datasheet HTML 3Page - Maxim Integrated Products MAX16036 Datasheet HTML 4Page - Maxim Integrated Products MAX16036 Datasheet HTML 5Page - Maxim Integrated Products MAX16036 Datasheet HTML 6Page - Maxim Integrated Products MAX16036 Datasheet HTML 7Page - Maxim Integrated Products MAX16036 Datasheet HTML 8Page - Maxim Integrated Products MAX16036 Datasheet HTML 9Page - Maxim Integrated Products MAX16036 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Low-Power Battery Backup
Circuits in Small µDFN Packages
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
BATTERY SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
4.5
4.0
3.0 3.5
1.0 1.5 2.0 2.5
0.5
0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
-0.25
0
5.0
VBATT = 2.8V
VTH = 2.93V
VBATT = 2.5V
VBATT = 2.3V
RESETIN THRESHOLD
vs. TEMPERATURE
TEMPERATURE (°C)
60
35
-15
10
1.215
1.220
1.225
1.230
1.235
1.240
1.245
1.250
1.210
-40
85
MAX16036/
MAX16040
RESETIN-TO-RESET PROPAGATION
DELAY vs. TEMPERATURE
TEMPERATURE (°C)
60
35
-15
10
1.3
1.5
1.8
2.0
2.3
2.5
2.8
3.0
1.0
-40
85
MAX16036/
MAX16040
VOD = 50mV
CEIN PROPAGATION DELAY
vs. CEOUT LOAD CAPACITANCE
CEOUT LOAD CAPACITANCE (pF)
150
125
100
75
50
25
0.5
1.0
1.5
2.0
2.5
3.0
0
0175
VCC = 3V
VCC = 5V
CEIN TO CEOUT ON-RESISTANCE
vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
5
10
15
20
25
30
35
0
-40
85
VCC = 3V
VCC = 5V
PFI-TO-PFO DELAY
vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
3.25
3.50
4.00
3.75
4.25
4.50
2.25
2.75
2.50
3.00
4.75
5.00
2.00
-40
85
VOD = 30mV
FALLING EDGE
PFI THRESHOLD
vs. TEMPERATURE
TEMPERATURE (°C)
60
35
-15
10
1.215
1.220
1.225
1.230
1.235
1.240
1.245
1.250
1.210
-40
85
WATCHDOG TIMEOUT PERIOD
vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
1.4
1.5
1.6
1.7
1.8
1.1
1.2
1.3
1.9
2.0
1.0
-40
85
VCC = 5V


Similar Part No. - MAX16036

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1603 MAXIM-MAX1603 Datasheet
169Kb / 12P
   Dual-Channel CardBus and PCMCIA VCC/VPP Power-Switching Networks
19-1388; Rev 0; 11/98
MAX16030 MAXIM-MAX16030 Datasheet
296Kb / 15P
   Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Rev 3; 1/07
MAX16030TG MAXIM-MAX16030TG Datasheet
296Kb / 15P
   Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Rev 3; 1/07
MAX16031 MAXIM-MAX16031 Datasheet
399Kb / 42P
   EEPROM-Based System Monitors with Nonvolatile Fault Memory
Rev 1; 10/07
MAX16031 MAXIM-MAX16031 Datasheet
1,019Kb / 18P
   LEDs Indicate Each Output is State
Rev 0; 11/07
More results

Similar Description - MAX16036

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6361 MAXIM-MAX6361_05 Datasheet
178Kb / 12P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 3; 11/05
MAX6361 MAXIM-MAX6361_11 Datasheet
124Kb / 11P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 4; 10/11
MAX6361 MAXIM-MAX6361 Datasheet
104Kb / 8P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup
Rev 0; 1/00
logo
Texas Instruments
TPS3600D20 TI-TPS3600D20 Datasheet
503Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
TPS3606-33 TI-TPS3606-33 Datasheet
388Kb / 18P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR LOW-POWER PROCESSORS
TPS3600D20 TI1-TPS3600D20_16 Datasheet
1Mb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
logo
Maxim Integrated Produc...
MAX703 MAXIM-MAX703 Datasheet
351Kb / 8P
   Low-Cost 關P Supervisory Circuits with Battery Backup
Rev 1; 4/94
MAX6782 MAXIM-MAX6782_10 Datasheet
171Kb / 17P
   Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 3; 3/10
MAX6790 MAXIM-MAX6790 Datasheet
652Kb / 20P
   Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 1; 10/06
logo
Xilinx, Inc
XC95288XV XILINX-XC95288XV_07 Datasheet
139Kb / 14P
   Available in small footprint packages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com