Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELJNA102KF Datasheet(PDF) 11 Page - Panasonic Semiconductor

Part # ELJNA102KF
Description  Chip inductors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJNA102KF Datasheet(HTML) 11 Page - Panasonic Semiconductor

Back Button ELJNA102KF Datasheet HTML 7Page - Panasonic Semiconductor ELJNA102KF Datasheet HTML 8Page - Panasonic Semiconductor ELJNA102KF Datasheet HTML 9Page - Panasonic Semiconductor ELJNA102KF Datasheet HTML 10Page - Panasonic Semiconductor ELJNA102KF Datasheet HTML 11Page - Panasonic Semiconductor ELJNA102KF Datasheet HTML 12Page - Panasonic Semiconductor ELJNA102KF Datasheet HTML 13Page - Panasonic Semiconductor ELJNA102KF Datasheet HTML 14Page - Panasonic Semiconductor ELJNA102KF Datasheet HTML 15Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Chip Inductors
s Examples : Type 3225(1210)PA
µH
1.0
150
0.15
600
1.5
110
0.18
550
2.2
±20 %
7
7.96
80
0.23
500
3.3
58
0.28
400
4.7
46
0.34
350
6.8
38
0.42
300
10
23
0.50
240
12
21
0.60
230
15
18
0.74
220
18
17
0.90
205
22
15
1.15
185
27
15
2.52
13
1.45
165
33
12
1.65
155
39
11
1.90
145
47
9.5
2.25
135
56
±10 %
8.5
3.30
110
68
7.5
3.70
105
82
7.0
4.20
100
100
6.5
5.00
90
120
6.0
7.00
75
150
5.5
8.00
70
180
20
0.796
5.0
9.50
65
220
4.0
11.0
60
270
3.5
14.5
55
330
3.0
16.0
50
Tolerance
ELJPA1R0MF
ELJPA1R5MF
ELJPA2R2MF
ELJPA3R3MF
ELJPA4R7MF
ELJPA6R8MF
ELJPA100KF
ELJPA120KF
ELJPA150KF
ELJPA180KF
ELJPA220KF
ELJPA270KF
ELJPA330KF
ELJPA390KF
ELJPA470KF
ELJPA560KF
ELJPA680KF
ELJPA820KF
ELJPA101KF
ELJPA121KF
ELJPA151KF
ELJPA181KF
ELJPA221KF
ELJPA271KF
ELJPA331KF
s Examples : Type 3225(1210)EA
µH
1.0
100
0.09
500
1.5
80
0.10
390
2.2
±20 %
7
7.96
65
0.13
350
3.3
50
0.16
270
4.7
46
0.18
240
6.8
36
0.25
200
10
29
0.34
160
15
25
0.42
145
22
18
0.65
115
33
10
2.52
16
0.91
95
47
13
1.30
80
68
±10 %
10
1.95
60
100
8.0
3.12
50
150
7.0
4.03
45
220
20
0.796
5.0
7.15
35
330
4.0
9.23
30
Tolerance
ELJEA1R0MF
ELJEA1R5MF
ELJEA2R2MF
ELJEA3R3MF
ELJEA4R7MF
ELJEA6R8MF
ELJEA100KF
ELJEA150KF
ELJEA220KF
ELJEA330KF
ELJEA470KF
ELJEA680KF
ELJEA101KF
ELJEA151KF
ELJEA221KF
ELJEA331KF
Q
min.
SRF V1
min.(MHz)
DCR V2
max.(Ω)
Part No.
Inductance
L , Q Test
Freq.( MHz)
V
1 : Self Resonant Frequency V2 : DC Resistance
V
1 : Self Resonant Frequency V2 : DC Resistance
DC Current
max.(mA)
Q
min.
SRF V1
min.(MHz)
DCR V2
max.(Ω)
Part No.
Inductance
L , Q Test
Freq.( MHz)
DC Current
max.(mA)
4. Low DC resistance Type EA


Similar Part No. - ELJNA102KF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJNA102KFB PANASONIC-ELJNA102KFB Datasheet
92Kb / 5P
   1. High Frequency Use (Non Magnetic Core) RF, ND, NC, NA
More results

Similar Description - ELJNA102KF

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
   CHIP COIL(CHIP INDUCTORS) Inductors
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com