Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELJFA102KF Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # ELJFA102KF
Description  Chip inductors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJFA102KF Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button ELJFA102KF Datasheet HTML 6Page - Panasonic Semiconductor ELJFA102KF Datasheet HTML 7Page - Panasonic Semiconductor ELJFA102KF Datasheet HTML 8Page - Panasonic Semiconductor ELJFA102KF Datasheet HTML 9Page - Panasonic Semiconductor ELJFA102KF Datasheet HTML 10Page - Panasonic Semiconductor ELJFA102KF Datasheet HTML 11Page - Panasonic Semiconductor ELJFA102KF Datasheet HTML 12Page - Panasonic Semiconductor ELJFA102KF Datasheet HTML 13Page - Panasonic Semiconductor ELJFA102KF Datasheet HTML 14Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Chip Inductors
3. High Power Types PE, PC, PA
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10.0
12.0
15.0
18.0
22.0
6000
5500
5500
5200
4800
4600
4000
3500
2800
2500
2200
2000
1800
0.030
0.030
0.040
0.040
0.050
0.055
0.055
0.060
0.065
0.080
0.100
0.120
0.150
2.1
2.1
2.1
2.1
2.1
2.1
1.9
1.7
1.4
1.3
0.9
0.8
0.7
ELJPE2N2KF
ELJPE2N7KF
ELJPE3N3KF
ELJPE3N9KF
ELJPE4N7KF
ELJPE5N6KF
ELJPE6N8KF
ELJPE8N2KF
ELJPE10NKF
ELJPE12NKF
ELJPE15NKF
ELJPE18NKF
ELJPE22NKF
8
9
nH
Tolerance
± 10 %
100.
µH
Tolerance
1.0
95
0.45
475
1.5
10
85
0.55
435
2.2
±20 %
7.96
65
0.65
390
3.3
55
0.85
340
4.7
8
43
1.2
285
6.8
8.5
44
1.3
170
10
32
2.2
210
12
±10 %
25
2.7
195
15
20
2.52
21
3.2
175
22
18
4.0
160
33
16
6.5
120
ELJPC1R0MF
ELJPC1R5MF
ELJPC2R2MF
ELJPC3R3MF
ELJPC4R7MF
ELJPC6R8KF
ELJPC100KF
ELJPC120KF
ELJPC150KF
ELJPC220KF
ELJPC330KF
s Examples : Type 2520(1008)PC
s xamples : Type 1608(0603)PE
V
1 : Self Resonant Frequency V2 : DC Resistance
V
1 : Self Resonant Frequency V2 : DC Resistance
Q
min.
SRF V1
min.(MHz)
DCR V2
max.(Ω)
Part No.
Inductance
L , Q Test
Freq.( MHz)
DC Current
max.(mA)
Q
min.
SRF V1
min.(MHz)
DCR V2
max.(Ω)
Part No.
Inductance
L , Q Test
Freq.( MHz)
DC Current
max.(mA)


Similar Part No. - ELJFA102KF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJFA102KF2 PANASONIC-ELJFA102KF2 Datasheet
76Kb / 4P
   Fixed Inductors (Chip Inductors)
ELJFA102KF2 PANASONIC-ELJFA102KF2 Datasheet
96Kb / 4P
   Fixed Inductors (Chip Inductors)
ELJFA102KF2 PANASONIC-ELJFA102KF2 Datasheet
80Kb / 4P
   3. General use FC, FA, FB
ELJFA102KF2 PANASONIC-ELJFA102KF2 Datasheet
96Kb / 4P
   Fixed Inductors (Chip Inductors)
More results

Similar Description - ELJFA102KF

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
   CHIP COIL(CHIP INDUCTORS) Inductors
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com