Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16036LLB26+T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX16036LLB26+T
Description  Low-Power Battery Backup Circuits in Small μDFN Packages
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16036LLB26+T Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX16036LLB26+T Datasheet HTML 1Page - Maxim Integrated Products MAX16036LLB26+T Datasheet HTML 2Page - Maxim Integrated Products MAX16036LLB26+T Datasheet HTML 3Page - Maxim Integrated Products MAX16036LLB26+T Datasheet HTML 4Page - Maxim Integrated Products MAX16036LLB26+T Datasheet HTML 5Page - Maxim Integrated Products MAX16036LLB26+T Datasheet HTML 6Page - Maxim Integrated Products MAX16036LLB26+T Datasheet HTML 7Page - Maxim Integrated Products MAX16036LLB26+T Datasheet HTML 8Page - Maxim Integrated Products MAX16036LLB26+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
General Description
The MAX16033–MAX16040 supervisory circuits reduce
the complexity and number of components required for
power-supply monitoring and battery control functions
in microprocessor (µP) systems. The devices signifi-
cantly improve system reliability and accuracy com-
pared to other ICs or discrete components. The
MAX16033–MAX16040 provide µP reset, backup-bat-
tery switchover, power-fail warning, watchdog, and
chip-enable gating features.
The MAX16033–MAX16040 operate from supply volt-
ages up to 5.5V. The factory-set reset threshold voltage
ranges from 2.32V to 4.63V. The devices feature a man-
ual-reset input (MAX16033/MAX16037), a watchdog
timer input (MAX16034/MAX16038), a battery-on output
(MAX16035/MAX16039), an auxiliary adjustable reset
input (MAX16036/MAX16040), and chip-enable gating
(MAX16033–MAX16036). Each device includes a
power-fail comparator and offers an active-low push-
pull reset or an active-low open-drain reset.
The MAX16033–MAX16040 are available in 2mm x
2mm, 8-pin or 10-pin µDFN packages and are fully
specified from -40°C to +85°C.
Applications
Features
♦ Low 1.2V Operating Supply Voltage
♦ Precision Monitoring of 5.0V, 3.3V, 3.0V, and 2.5V
Power-Supply Voltages
♦ Independent Power-Fail Comparator
♦ Debounced Manual-Reset Input
♦ Watchdog Timer, 1.6s Timeout
♦ Battery-On Output Indicator
♦ Auxiliary User-Adjustable RESETIN
♦ Low 13µA Quiescent Supply Current
♦ Two Available Output Structures:
Active-Low Push-Pull Reset
Active-Low Open-Drain Reset
♦ Active-Low Reset Valid Down to 1.2V
♦ Power-Supply Transient Immunity
♦ 140ms (min) Reset Timeout Period
♦ Small 2mm x 2mm, 8-Pin and 10-Pin µDFN
Packages
Low-Power Battery Backup
Circuits in Small µDFN Packages
________________________________________________________________
Maxim Integrated Products
1
19-0882; Rev 0; 7/07
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Ordering Information continued on last page.
*
These parts offer a choice of reset threshold voltages. From the
Reset Threshold Ranges table, insert the desired threshold volt-
age code in the blank to complete the part number. See Selector
Guide for a listing of device features.
+
Denotes a lead-free package.
T
= Tape and reel.
Pin Configurations and Typical Operating Circuit appear at
end of data sheet.
Ordering Information
PART*
TEMP RANGE
PIN-
PACKAGE
PKG
CODE
MAX16033LLB_ _+T
-40°C to +85°C 10 µDFN-10 L1022-1
MAX16033PLB_ _+T
-40°C to +85°C 10 µDFN-10 L1022-1
MAX16034LLB_ _+T
-40°C to +85°C 10 µDFN-10 L1022-1
MAX16034PLB_ _+T
-40°C to +85°C 10 µDFN-10 L1022-1
Note: Replace “_” with L for push-pull or P for open-drain RESET and PFO outputs.
Selector Guide
PART
MR
WATCHDOG
BATTON
RESETIN
CEIN/CEOU
PFI,
PFO
PIN-PACKAGE
MAX16033_
✓✓
10 µDFN-10
MAX16034_
✓✓
10 µDFN-10
MAX16035_
✓✓
10 µDFN-10
MAX16036_
✓✓
10 µDFN-10
MAX16037_
8 µDFN-8
MAX16038_
✓✓
8 µDFN-8
MAX16039_
✓✓
8 µDFN-8
MAX16040_
✓✓
8 µDFN-8
Portable/Battery-
Powered Equipment
POS Equipment
Critical µP/µC Power
Monitoring
Set-Top Boxes
Controllers
Computers
Fax Machines
Industrial Control
Real-Time Clocks
Intelligent Instrument


Similar Part No. - MAX16036LLB26+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1603 MAXIM-MAX1603 Datasheet
169Kb / 12P
   Dual-Channel CardBus and PCMCIA VCC/VPP Power-Switching Networks
19-1388; Rev 0; 11/98
MAX16030 MAXIM-MAX16030 Datasheet
296Kb / 15P
   Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Rev 3; 1/07
MAX16030TG MAXIM-MAX16030TG Datasheet
296Kb / 15P
   Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Rev 3; 1/07
MAX16031 MAXIM-MAX16031 Datasheet
399Kb / 42P
   EEPROM-Based System Monitors with Nonvolatile Fault Memory
Rev 1; 10/07
MAX16031 MAXIM-MAX16031 Datasheet
1,019Kb / 18P
   LEDs Indicate Each Output is State
Rev 0; 11/07
More results

Similar Description - MAX16036LLB26+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6361 MAXIM-MAX6361_05 Datasheet
178Kb / 12P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 3; 11/05
MAX6361 MAXIM-MAX6361_11 Datasheet
124Kb / 11P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 4; 10/11
MAX6361 MAXIM-MAX6361 Datasheet
104Kb / 8P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup
Rev 0; 1/00
logo
Texas Instruments
TPS3600D20 TI-TPS3600D20 Datasheet
503Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
TPS3606-33 TI-TPS3606-33 Datasheet
388Kb / 18P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR LOW-POWER PROCESSORS
TPS3600D20 TI1-TPS3600D20_16 Datasheet
1Mb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
logo
Maxim Integrated Produc...
MAX703 MAXIM-MAX703 Datasheet
351Kb / 8P
   Low-Cost 關P Supervisory Circuits with Battery Backup
Rev 1; 4/94
MAX6782 MAXIM-MAX6782_10 Datasheet
171Kb / 17P
   Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 3; 3/10
MAX6790 MAXIM-MAX6790 Datasheet
652Kb / 20P
   Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 1; 10/06
logo
Xilinx, Inc
XC95288XV XILINX-XC95288XV_07 Datasheet
139Kb / 14P
   Available in small footprint packages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com