Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16037LLA26+T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX16037LLA26+T
Description  Low-Power Battery Backup Circuits in Small μDFN Packages
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16037LLA26+T Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX16037LLA26+T Datasheet HTML 1Page - Maxim Integrated Products MAX16037LLA26+T Datasheet HTML 2Page - Maxim Integrated Products MAX16037LLA26+T Datasheet HTML 3Page - Maxim Integrated Products MAX16037LLA26+T Datasheet HTML 4Page - Maxim Integrated Products MAX16037LLA26+T Datasheet HTML 5Page - Maxim Integrated Products MAX16037LLA26+T Datasheet HTML 6Page - Maxim Integrated Products MAX16037LLA26+T Datasheet HTML 7Page - Maxim Integrated Products MAX16037LLA26+T Datasheet HTML 8Page - Maxim Integrated Products MAX16037LLA26+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Low-Power Battery Backup
Circuits in Small µDFN Packages
_______________________________________________________________________________________
5
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
11
12
13
14
15
16
17
18
19
20
10
-40
85
VCC = 5V
BATTERY SUPPLY CURRENT
(BACKUP MODE) vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
-40
85
VBATT = 3V
VCC = 0V
BATT-TO-OUT ON-RESISTANCE
vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
1
2
3
4
5
6
7
8
9
1.0
0
-40
85
VCC = 0V
VBATT = 2V
VBATT = 3V
VBATT = 5V
VCC-TO-OUT ON-RESISTANCE
vs. TEMPERATURE
TEMPERATURE (°C)
65
50
-25 -10
5
20
35
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
-40
80
VCC = 2.5V
IOUT = 25mA
VCC = 4.5V
IOUT = 150mA
VCC = 3V
IOUT = 65mA
RESET TIMEOUT PERIOD
vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
185
190
195
200
205
210
215
220
225
230
180
-40
85
VCC = 5V
VCC-TO-RESET PROPAGATION DELAY
vs. TEMPERATURE
TEMPERATURE (°C)
60
40
-20
0
20
15
30
45
60
75
90
105
120
0
-40
80
VCC FALLING
0.25V/ms
1V/ms
10V/ms
NORMALIZED RESET THRESHOLD
vs. TEMPERATURE
TEMPERATURE (°C)
60
40
20
0
-20
0.991
0.992
0.993
0.994
0.995
0.996
0.997
0.998
0.999
1.000
1.001
1.002
1.003
0.990
-40
80
MAXIMUM TRANSIENT DURATION
vs. RESET THRESHOLD OVERDRIVE
RESET THRESHOLD OVERDRIVE (VTH - VCC) (mV)
1000
100
10
50
100
150
200
250
300
0
1
10,000
MAX160_ _-29
(VTH = 2.93V)
MAX160_ _-46
(VTH = 4.63V)
RESET OCCURS
ABOVE CURVE
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX16037LLA26+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1603 MAXIM-MAX1603 Datasheet
169Kb / 12P
   Dual-Channel CardBus and PCMCIA VCC/VPP Power-Switching Networks
19-1388; Rev 0; 11/98
MAX16030 MAXIM-MAX16030 Datasheet
296Kb / 15P
   Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Rev 3; 1/07
MAX16030TG MAXIM-MAX16030TG Datasheet
296Kb / 15P
   Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Rev 3; 1/07
MAX16031 MAXIM-MAX16031 Datasheet
399Kb / 42P
   EEPROM-Based System Monitors with Nonvolatile Fault Memory
Rev 1; 10/07
MAX16031 MAXIM-MAX16031 Datasheet
1,019Kb / 18P
   LEDs Indicate Each Output is State
Rev 0; 11/07
More results

Similar Description - MAX16037LLA26+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6361 MAXIM-MAX6361_05 Datasheet
178Kb / 12P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 3; 11/05
MAX6361 MAXIM-MAX6361_11 Datasheet
124Kb / 11P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 4; 10/11
MAX6361 MAXIM-MAX6361 Datasheet
104Kb / 8P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup
Rev 0; 1/00
logo
Texas Instruments
TPS3600D20 TI-TPS3600D20 Datasheet
503Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
TPS3606-33 TI-TPS3606-33 Datasheet
388Kb / 18P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR LOW-POWER PROCESSORS
TPS3600D20 TI1-TPS3600D20_16 Datasheet
1Mb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
logo
Maxim Integrated Produc...
MAX703 MAXIM-MAX703 Datasheet
351Kb / 8P
   Low-Cost 關P Supervisory Circuits with Battery Backup
Rev 1; 4/94
MAX6782 MAXIM-MAX6782_10 Datasheet
171Kb / 17P
   Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 3; 3/10
MAX6790 MAXIM-MAX6790 Datasheet
652Kb / 20P
   Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 1; 10/06
logo
Xilinx, Inc
XC95288XV XILINX-XC95288XV_07 Datasheet
139Kb / 14P
   Available in small footprint packages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com