Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58WR016KU60ZA6U Datasheet(PDF) 6 Page - STMicroelectronics

Part # M58WR016KU60ZA6U
Description  16- or 32-Mbit (횞16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR016KU60ZA6U Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M58WR016KU60ZA6U Datasheet HTML 2Page - STMicroelectronics M58WR016KU60ZA6U Datasheet HTML 3Page - STMicroelectronics M58WR016KU60ZA6U Datasheet HTML 4Page - STMicroelectronics M58WR016KU60ZA6U Datasheet HTML 5Page - STMicroelectronics M58WR016KU60ZA6U Datasheet HTML 6Page - STMicroelectronics M58WR016KU60ZA6U Datasheet HTML 7Page - STMicroelectronics M58WR016KU60ZA6U Datasheet HTML 8Page - STMicroelectronics M58WR016KU60ZA6U Datasheet HTML 9Page - STMicroelectronics M58WR016KU60ZA6U Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Package mechanical
M58WRxxxKU, M58WRxxxKL
6/10
2
Package mechanical
In order to meet environmental requirements, ST offers the M58WRxxxKU/L in ECOPACK®
packages. These packages have a Lead-free second-level interconnect. The category of
Second-Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97.
The maximum ratings related to soldering conditions are also marked on the inner box label.
ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.
Figure 3.
VFBGA44 7.5 × 5 mm, 10 × 4 ball array, 0.50 mm pitch, bottom view
package outline
1.
Drawing is not to scale.
A2
A1
BGA-Z52
D
D1
FD
b
E
E1
ddd
SD
SE
FE
A
BALL "A1"
E2
D2
FD1
FE1
e


Similar Part No. - M58WR016KU60ZA6U

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M58WR016KU60ZA6U NUMONYX-M58WR016KU60ZA6U Datasheet
2Mb / 123P
   16-, 32- and 64-Mbit (x 16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
More results

Similar Description - M58WR016KU60ZA6U

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M58WR016KU NUMONYX-M58WR016KU Datasheet
2Mb / 123P
   16-, 32- and 64-Mbit (x 16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
M58WT032KT NUMONYX-M58WT032KT Datasheet
2Mb / 117P
   32- and 64-Mbit (횞16, multiple bank, burst) 1.8 V core, 3.0 V I/O supply Flash memories
M58LR128KT NUMONYX-M58LR128KT Datasheet
1Mb / 110P
   128 or 256 Mbit (횞16, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
M58LR128KC NUMONYX-M58LR128KC Datasheet
1Mb / 108P
   128 or 256 Mbit (x16, mux I/O, multiple bank, multilevel interface, burst) 1.8 V supply Flash memories
logo
STMicroelectronics
M58LR128HT STMICROELECTRONICS-M58LR128HT Datasheet
844Kb / 112P
   128 Mbit (8 Mb 횞16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply Flash memories
logo
Numonyx B.V
M58WR064HU NUMONYX-M58WR064HU Datasheet
2Mb / 114P
   64 Mbit (4Mb x16, Mux I/O, Multiple Bank, Burst) 1.8V supply Flash memories
logo
STMicroelectronics
M58PR256J STMICROELECTRONICS-M58PR256J Datasheet
842Kb / 114P
   256 Mbit or 512 Mbit (x16, Multiple Bank, Multilevel, Burst) 1.8 V supply Flash memories
M58LT128HST STMICROELECTRONICS-M58LT128HST Datasheet
816Kb / 110P
   128-Mbit (8 Mb 횞16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply, Secure Flash memories
logo
Numonyx B.V
M58LT128HST NUMONYX-M58LT128HST Datasheet
1Mb / 110P
   128 Mbit (8 Mb 횞16, multiple bank, multilevel interface, burst) 1.8 V supply, secure Flash memories
M58PR512LE NUMONYX-M58PR512LE Datasheet
2Mb / 123P
   512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com