Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16037PLA26+T Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX16037PLA26+T
Description  Low-Power Battery Backup Circuits in Small μDFN Packages
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16037PLA26+T Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX16037PLA26+T Datasheet HTML 1Page - Maxim Integrated Products MAX16037PLA26+T Datasheet HTML 2Page - Maxim Integrated Products MAX16037PLA26+T Datasheet HTML 3Page - Maxim Integrated Products MAX16037PLA26+T Datasheet HTML 4Page - Maxim Integrated Products MAX16037PLA26+T Datasheet HTML 5Page - Maxim Integrated Products MAX16037PLA26+T Datasheet HTML 6Page - Maxim Integrated Products MAX16037PLA26+T Datasheet HTML 7Page - Maxim Integrated Products MAX16037PLA26+T Datasheet HTML 8Page - Maxim Integrated Products MAX16037PLA26+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Low-Power Battery Backup
Circuits in Small µDFN Packages
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 2.25V to 5.5V, VBATT = 3V, RESET not asserted, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA =
+25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RESET OUTPUT
MAX160_ _ _L_46
4.50
4.63
4.75
MAX160_ _ _L_44
4.25
4.38
4.50
MAX160_ _ _L_31
3.00
3.08
3.15
MAX160_ _ _L_29
2.85
2.93
3.00
MAX160_ _ _L_26
2.55
2.63
2.70
Reset Threshold
VTH
MAX160_ _ _L_23
2.25
2.32
2.38
V
VCC Falling Reset Delay
VCC falling at 10V/ms
25
µs
Reset Active Timeout Period
tRP
140
280
ms
ISINK = 1.6mA, VCC > 2.1V
0.3
RESET Output Low Voltage
VOL
RESET asserted
ISINK = 100µA, VCC > 1.2V
0.4
V
RESET Output High Voltage
VOH
MAX160_ _L only (push-pull), RESET not
asserted, ISOURCE = 500µA, VCC > VTH(MAX)
0.8 x
VCC
V
RESET Output Leakage
Current
ILKG
MAX160_ _P only (open drain), not asserted
1
µA
POWER-FAIL COMPARATOR
PFI Input Threshold
VPFI
VPFI falling
1.185
1.235
1.285
V
PFI Hysteresis
1%
PFI Input Current
VPFI = 0V or VCC
-100
+100
nA
VCC > 2.1V, ISINK = 1.6mA
0.3
PFO Output Low Voltage
VOL
Output asserted
VCC > 1.2V, ISINK = 100µA
0.4
V
PFO Output High Voltage
VOH
MAX160_ _L only (push-pull), VCC > VTH(MAX),
ISOURCE = 500µA, output not asserted
0.8 x
VCC
V
PFO Leakage Current
MAX160_ _P only (open drain), VPFO = 5.5V,
not asserted
1µA
PFO Delay Time
VPFI + 100mV to VPFI - 100mV
4
µs
MANUAL RESET (MAX16033/MAX16037)
VIL
0.3 x
VCC
MR Input Voltage
VIH
0.7 x
VCC
V
Pullup Resistance to VCC
20
165
k
Minimum Pulse Width
1µs
Glitch Immunity
VCC = 3.3V
100
ns
MR to Reset Delay
120
ns


Similar Part No. - MAX16037PLA26+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1603 MAXIM-MAX1603 Datasheet
169Kb / 12P
   Dual-Channel CardBus and PCMCIA VCC/VPP Power-Switching Networks
19-1388; Rev 0; 11/98
MAX16030 MAXIM-MAX16030 Datasheet
296Kb / 15P
   Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Rev 3; 1/07
MAX16030TG MAXIM-MAX16030TG Datasheet
296Kb / 15P
   Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Rev 3; 1/07
MAX16031 MAXIM-MAX16031 Datasheet
399Kb / 42P
   EEPROM-Based System Monitors with Nonvolatile Fault Memory
Rev 1; 10/07
MAX16031 MAXIM-MAX16031 Datasheet
1,019Kb / 18P
   LEDs Indicate Each Output is State
Rev 0; 11/07
More results

Similar Description - MAX16037PLA26+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6361 MAXIM-MAX6361_05 Datasheet
178Kb / 12P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 3; 11/05
MAX6361 MAXIM-MAX6361_11 Datasheet
124Kb / 11P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 4; 10/11
MAX6361 MAXIM-MAX6361 Datasheet
104Kb / 8P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup
Rev 0; 1/00
logo
Texas Instruments
TPS3600D20 TI-TPS3600D20 Datasheet
503Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
TPS3606-33 TI-TPS3606-33 Datasheet
388Kb / 18P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR LOW-POWER PROCESSORS
TPS3600D20 TI1-TPS3600D20_16 Datasheet
1Mb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
logo
Maxim Integrated Produc...
MAX703 MAXIM-MAX703 Datasheet
351Kb / 8P
   Low-Cost 關P Supervisory Circuits with Battery Backup
Rev 1; 4/94
MAX6782 MAXIM-MAX6782_10 Datasheet
171Kb / 17P
   Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 3; 3/10
MAX6790 MAXIM-MAX6790 Datasheet
652Kb / 20P
   Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 1; 10/06
logo
Xilinx, Inc
XC95288XV XILINX-XC95288XV_07 Datasheet
139Kb / 14P
   Available in small footprint packages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com