Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9873 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA9873
Description  Multistandard dual carrier stereo sound decoder
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9873 Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA9873 Datasheet HTML 1Page - NXP Semiconductors TDA9873 Datasheet HTML 2Page - NXP Semiconductors TDA9873 Datasheet HTML 3Page - NXP Semiconductors TDA9873 Datasheet HTML 4Page - NXP Semiconductors TDA9873 Datasheet HTML 5Page - NXP Semiconductors TDA9873 Datasheet HTML 6Page - NXP Semiconductors TDA9873 Datasheet HTML 7Page - NXP Semiconductors TDA9873 Datasheet HTML 8Page - NXP Semiconductors TDA9873 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
2000 Apr 04
5
Philips Semiconductors
Product specification
Multistandard dual carrier stereo sound decoder
TDA9873H
PINNING
SYMBOL
PIN
DESCRIPTION
OUTL
1
left audio output
OUTR
2
right audio output
CDE1
3
de-emphasis 1 capacitor
n.c.
4
not connected
n.c.
5
not connected
CDE2
6
de-emphasis 2 capacitor
AGND
7
analog ground
AF1I
8
audio 1 input
n.c.
9
not connected
AF1O
10
audio 1 output
n.c.
11
not connected
n.c.
12
not connected
AFR
13
AF1 and AF2 signal return
LF1
14
loop filter 1
XTAL
15
4 MHz reference input
n.c.
16
not connected
n.c.
17
not connected
LF2
18
loop filter 2
n.c.
19
not connected
n.c.
20
not connected
MAD
21
programmable address bit
(module address)
n.c.
22
not connected
n.c.
23
not connected
CAF1
24
audio 1 (AF1) capacitor
IFINT
25
IF intercarrier input
CAF2
26
audio 2 (AF2) capacitor
DGND
27
digital ground
VCC
28
supply voltage (+5 V)
SCL
29
serial clock input (I2C-bus)
SDA
30
serial data input/output (I2C-bus)
LPF
31
pilot loop filter
AF2O
32
audio 2 output
AF2I
33
audio 2 input
CTRIG
34
trigger capacitor
CID
35
identification capacitor
n.c.
36
not connected
P1
37
output port 1
EXTM
38
external audio input mono
EXTR
39
external audio input right
EXTL
40
external audio input left
Vref
41
reference voltage (1
2VCC)
P2
42
output port 2
OUTM
43
mono output
n.c.
44
not connected
SYMBOL
PIN
DESCRIPTION


Similar Part No. - TDA9873

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9870A PHILIPS-TDA9870A Datasheet
362Kb / 88P
   Digital TV Sound Processor DTVSP
1998 Aug 10
TDA9874A PHILIPS-TDA9874A Datasheet
231Kb / 68P
   Digital TV sound demodulator/decoder
1999 Dec 03
TDA9874AH PHILIPS-TDA9874AH Datasheet
231Kb / 68P
   Digital TV sound demodulator/decoder
1999 Dec 03
TDA9874APS PHILIPS-TDA9874APS Datasheet
231Kb / 68P
   Digital TV sound demodulator/decoder
1999 Dec 03
TDA9874H PHILIPS-TDA9874H Datasheet
254Kb / 56P
   Digital TV sound demodulator/decoder
1998 Apr 27
More results

Similar Description - TDA9873

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3803A PHILIPS-TDA3803A Datasheet
95Kb / 11P
   Stereo/dual TV sound decoder circuit
November 1987
TDA2795 PHILIPS-TDA2795 Datasheet
236Kb / 6P
   TV STEREO / DUAL SOUND IDENTIFICATION DECODER
March 1986
TDA4557 PHILIPS-TDA4557 Datasheet
88Kb / 11P
   Multistandard decoder
March 1991
TDA4555 PHILIPS-TDA4555 Datasheet
107Kb / 11P
   Multistandard decoder
November 1984
logo
Micronas
MSP3410B MICRONAS-MSP3410B Datasheet
1Mb / 68P
   Multistandard Sound Processor
MSP44X8G MICRONAS-MSP44X8G Datasheet
665Kb / 85P
   Multistandard Sound Processor
logo
List of Unclassifed Man...
MSP3405D ETC-MSP3405D Datasheet
472Kb / 71P
   Multistandard Sound Processors
logo
Siemens Semiconductor G...
TDA6160-2X SIEMENS-TDA6160-2X Datasheet
361Kb / 17P
   Multistandard Sound IF
logo
Micronas
MSP3400C MICRONAS-MSP3400C Datasheet
659Kb / 73P
   Multistandard Sound Processor
MSP3400D MICRONAS-MSP3400D Datasheet
1Mb / 83P
   Multistandard Sound Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com