Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6204A602ML Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC6204A602ML
Description  High Speed LDO Regulators
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6204A602ML Datasheet(HTML) 4 Page - Torex Semiconductor

  XC6204A602ML Datasheet HTML 1Page - Torex Semiconductor XC6204A602ML Datasheet HTML 2Page - Torex Semiconductor XC6204A602ML Datasheet HTML 3Page - Torex Semiconductor XC6204A602ML Datasheet HTML 4Page - Torex Semiconductor XC6204A602ML Datasheet HTML 5Page - Torex Semiconductor XC6204A602ML Datasheet HTML 6Page - Torex Semiconductor XC6204A602ML Datasheet HTML 7Page - Torex Semiconductor XC6204A602ML Datasheet HTML 8Page - Torex Semiconductor XC6204A602ML Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
USP-6A
! Represents the product name
# Represents the type of regulator
$ Represents the integers of Output Voltage
Example
% Represents the decimals of Output Voltage
& Represents the assembly lot no.
0~9, A~Z repeated (G, I, J, O, Q, W excepted)
5
5.X
XC6204 Series
High Speed LDO Regulators
XC6204)3))D)
XC6204))))D)
SYMBOL
!
0
"
SYMBOL VOLTAGE(V)
3
3.X
PRODUCT NAME
Active 'High' (pull-down resistor built in)
XC6204A)))D)
A
SYMBOL
TYPE
XC6204B)))D)
XC6204C)))D)
XC6204D)))D)
B
C
Active 'High' (no pull-down resistor built in)
Active 'Low' (pull-up resistor built in)
D
Active 'Low' (no pull-up resistor built in)
PRODUCT NAME
PRODUCT NAME
SYMBOL VOLTAGE(V)
PRODUCT NAME
SYMBOL VOLTAGE(V)
PRODUCT NAME
4
XC6204)5))D)
0
X.0
XC6204))0)D)
1
X.1
XC6204))1)D)
2
X.2
XC6204))2)D)
3
X.3
XC6204))3)D)
4
X.4
XC6204))4)D)
5
X.5
XC6204))5)D)
6
X.6
XC6204))6)D)
7
X.7
XC6204))7)D)
8
X.8
XC6204))8)D)
9
X.9
XC6204))9)D)
A
X.05
XC6204))0AD)
B
X.15
XC6204))1AD)
C
X.25
XC6204))2AD)
D
X.35
XC6204))3AD)
E
X.45
XC6204))4AD)
F
X.55
XC6204))5AD)
H
X.65
XC6204))6AD)
K
X.75
XC6204))7AD)
L
X.85
XC6204))8AD)
M
X.95
XC6204))9AD)
3
2
1
4
5
6
4


Similar Part No. - XC6204A602ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6204A602ML TOREX-XC6204A602ML Datasheet
1Mb / 28P
   (Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators
XC6204A602ML TOREX-XC6204A602ML Datasheet
1Mb / 49P
   High Speed LDO Regulators Output ON-OFF Control
More results

Similar Description - XC6204A602ML

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML6204 MINILOGIC-ML6204 Datasheet
973Kb / 19P
   High Speed LDO Regulators
logo
Torex Semiconductor
XC6413 TOREX-XC6413 Datasheet
132Kb / 13P
   High Speed LDO Regulators
XC6213 TOREX-XC6213 Datasheet
70Kb / 5P
   High Speed LDO Regulators
logo
Minilogic Device Corpor...
ML6209 MINILOGIC-ML6209 Datasheet
476Kb / 14P
   High Speed LDO Regulators
logo
Torex Semiconductor
XC6210 TOREX-XC6210_2 Datasheet
1Mb / 22P
   High Current, High Speed LDO Regulators
XC6210 TOREX-XC6210_1 Datasheet
1Mb / 21P
   High Current, High Speed LDO regulators
XC6210 TOREX-XC6210 Datasheet
307Kb / 10P
   High Current, High Speed LDO Regulators
logo
Bookly Micro electronic
BM1117N BOOKLY-BM1117N Datasheet
599Kb / 7P
   1A Voltage High Speed LDO Regulators
logo
Torex Semiconductor
XC6207 TOREX-XC6207_1 Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217_2 Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com