Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16038LLA31+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX16038LLA31+
Description  Low-Power Battery Backup Circuits in Small μDFN Packages
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16038LLA31+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX16038LLA31+ Datasheet HTML 3Page - Maxim Integrated Products MAX16038LLA31+ Datasheet HTML 4Page - Maxim Integrated Products MAX16038LLA31+ Datasheet HTML 5Page - Maxim Integrated Products MAX16038LLA31+ Datasheet HTML 6Page - Maxim Integrated Products MAX16038LLA31+ Datasheet HTML 7Page - Maxim Integrated Products MAX16038LLA31+ Datasheet HTML 8Page - Maxim Integrated Products MAX16038LLA31+ Datasheet HTML 9Page - Maxim Integrated Products MAX16038LLA31+ Datasheet HTML 10Page - Maxim Integrated Products MAX16038LLA31+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Low-Power Battery Backup
Circuits in Small µDFN Packages
_______________________________________________________________________________________
7
Pin Description
PIN
MAX16033–
MAX16036
(10-pin µDFN)
MAX16037–
MAX16040
(8-pin µDFN)
NAME
FUNCTION
11
RESET
Active-Low Reset Output. RESET remains low when VCC is below the reset
threshold (VTH), the manual-reset input is low, or RESETIN is low. It asserts low in
pulses when the internal watchdog times out. RESET remains low for the reset
timeout period (tRP) after VCC rises above the reset threshold, after the manual-reset
input goes from low to high, after RESETIN goes high, or after the watchdog triggers
a reset event. The MAX160_ _L is an active-low push-pull output, while the
MAX160_ _P is an active-low open-drain output.
2—
CEIN
Chip-Enable Input. The input to the chip-enable gating circuit. Connect to GND or
OUT if not used.
3
2
PFI
Power-Fail Input. PFO goes low when VPFI falls below 1.235V.
4
3
GND
Ground
MR
Manual-Reset Input (MAX16033/MAX16037). Driving MR low asserts RESET. RESET
remains asserted as long as MR is low and for the reset timeout period (tRP) after
MR transitions from low to high. Leave unconnected, or connect to VCC if not used.
MR has an internal 20k
Ω pullup to VCC.
WDI
Watchdog Input (MAX16034/MAX16038). If WDI remains high or low for longer than
the watchdog timeout period (tWD), the internal watchdog timer runs out and a reset
pulse is triggered for the reset timeout period (tRP). The internal watchdog clears
whenever RESET asserts or whenever WDI sees a rising or falling edge (Figure 2).
BATTON
Battery-On Output (MAX16035/MAX16039). BATTON goes high during battery
backup mode.
54
RESETIN
Reset Input (MAX16036/MAX16040). When RESETIN falls below 1.235V, RESET
asserts. RESET remains asserted as long as RESETIN is low and for at least tRP
after RESETIN goes high.
65
PFO
Active-Low Power-Fail Output. PFO goes low when VPFI falls below 1.235V. PFO
stays low until VPFI goes above 1.235V. PFO also goes low when VCC falls below
the reset threshold voltage.
76
VCC
Supply Voltage, 1.2V to 5.5V
8
7
OUT
Output. OUT sources from VCC when RESET is not asserted and from the greater of
VCC or BATT when VCC is below the reset threshold voltage.
9
8
BATT
Backup Battery Input. When VCC falls below the reset threshold, OUT switches to
BATT if VBATT is 40mV greater than VCC. When VCC rises above VBATT, OUT
switches to VCC. The 40mV hysteresis prevents repeated switching if VCC falls
slowly.
10
CEOUT
Chip-Enable Output. CEOUT goes low only when CEIN is low and reset is not
asserted. When CEOUT is disconnected from CEIN, CEOUT is actively pulled up to
OUT.


Similar Part No. - MAX16038LLA31+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1603 MAXIM-MAX1603 Datasheet
169Kb / 12P
   Dual-Channel CardBus and PCMCIA VCC/VPP Power-Switching Networks
19-1388; Rev 0; 11/98
MAX16030 MAXIM-MAX16030 Datasheet
296Kb / 15P
   Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Rev 3; 1/07
MAX16030TG MAXIM-MAX16030TG Datasheet
296Kb / 15P
   Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Rev 3; 1/07
MAX16031 MAXIM-MAX16031 Datasheet
399Kb / 42P
   EEPROM-Based System Monitors with Nonvolatile Fault Memory
Rev 1; 10/07
MAX16031 MAXIM-MAX16031 Datasheet
1,019Kb / 18P
   LEDs Indicate Each Output is State
Rev 0; 11/07
More results

Similar Description - MAX16038LLA31+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6361 MAXIM-MAX6361_05 Datasheet
178Kb / 12P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 3; 11/05
MAX6361 MAXIM-MAX6361_11 Datasheet
124Kb / 11P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 4; 10/11
MAX6361 MAXIM-MAX6361 Datasheet
104Kb / 8P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup
Rev 0; 1/00
logo
Texas Instruments
TPS3600D20 TI-TPS3600D20 Datasheet
503Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
TPS3606-33 TI-TPS3606-33 Datasheet
388Kb / 18P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR LOW-POWER PROCESSORS
TPS3600D20 TI1-TPS3600D20_16 Datasheet
1Mb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
logo
Maxim Integrated Produc...
MAX703 MAXIM-MAX703 Datasheet
351Kb / 8P
   Low-Cost 關P Supervisory Circuits with Battery Backup
Rev 1; 4/94
MAX6782 MAXIM-MAX6782_10 Datasheet
171Kb / 17P
   Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 3; 3/10
MAX6790 MAXIM-MAX6790 Datasheet
652Kb / 20P
   Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 1; 10/06
logo
Xilinx, Inc
XC95288XV XILINX-XC95288XV_07 Datasheet
139Kb / 14P
   Available in small footprint packages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com