Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16040LLA44+T Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX16040LLA44+T
Description  Low-Power Battery Backup Circuits in Small μDFN Packages
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16040LLA44+T Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX16040LLA44+T Datasheet HTML 1Page - Maxim Integrated Products MAX16040LLA44+T Datasheet HTML 2Page - Maxim Integrated Products MAX16040LLA44+T Datasheet HTML 3Page - Maxim Integrated Products MAX16040LLA44+T Datasheet HTML 4Page - Maxim Integrated Products MAX16040LLA44+T Datasheet HTML 5Page - Maxim Integrated Products MAX16040LLA44+T Datasheet HTML 6Page - Maxim Integrated Products MAX16040LLA44+T Datasheet HTML 7Page - Maxim Integrated Products MAX16040LLA44+T Datasheet HTML 8Page - Maxim Integrated Products MAX16040LLA44+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Low-Power Battery Backup
Circuits in Small µDFN Packages
4
_______________________________________________________________________________________
Note 1: All devices are 100% production tested at TA = +25°C. All overtemperature limits are guaranteed by design.
Note 2: VBATT can be 0V any time, or VCC can go down to 0V if VBATT is active (except at startup).
Note 3: Positive current flows into BATT.
Note 4: Guaranteed by design.
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 2.25V to 5.5V, VBATT = 3V, RESET not asserted, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA =
+25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
WATCHDOG (MAX16034/MAX16038)
Watchdog Timeout Period
tWD
1.00
1.65
2.25
s
Minimum WDI Input Pulse Width
tWDI
(Note 4)
100
ns
VIL
0.3 x
VCC
WDI Input Voltage
VIH
0.7 x
VCC
V
WDI Input Current
-1.0
+1.0
µA
BATTON (MAX16035/MAX16039)
Output Voltage
VOL
ISINK = 3.2mA, VBATT = 2.1V
0.4
V
Sink current, VCC = 5V
60
mA
Output Short-Circuit Current
Source current, VBATT > 2V
10
30
120
µA
RESETIN (MAX16036/MAX16040)
RESETIN Threshold
VRTH
1.185
1.235
1.285
V
RESETIN Input Current
0.01
25
nA
RESETIN to Reset Delay
(VRTH + 100mV) to (VRTH - 100mV)
1.5
µs
CHIP-ENABLE GATING (MAX16033–MAX16036)
CEIN Leakage Current
RESET asserted
±1
µA
CEIN to CEOUT Resistance
RESET not asserted, VCC = VTH(MAX),
VCEIN = VCC / 2, ISINK = 10mA
100
CEOUT Short-Circuit Current
RESET asserted, VCEOUT = 0V
1
2.0
mA
VCC = 4.75V
1.5
7
CEIN to CEOUT Propagation
Delay (Note 4)
50
Ω source impedance driver,
CLOAD = 50pF
VCC = 3.15V
2
9
ns
VCC = 5V, VCC > VBATT, ISOURCE = 100µA
0.7 x
VCC
CEOUT Output-Voltage High
VCC = 0V, VBATT > 2.2V, ISOURCE = 1µA
VBATT
- 0.1
V
RESET to CEOUT Delay
1µs


Similar Part No. - MAX16040LLA44+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1604 MAXIM-MAX1604 Datasheet
190Kb / 16P
   Dual-Channel CardBus and PCMCIA Power Switches with SMBus??Serial Interface
19-1085; Rev 1; 10/96
MAX16041 MAXIM-MAX16041 Datasheet
275Kb / 15P
   Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Rev 0; 8/06
MAX16041TE MAXIM-MAX16041TE Datasheet
275Kb / 15P
   Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Rev 0; 8/06
MAX16042 MAXIM-MAX16042 Datasheet
275Kb / 15P
   Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Rev 0; 8/06
MAX16042TP MAXIM-MAX16042TP Datasheet
275Kb / 15P
   Dual-/Triple-/Quad-Voltage, Capacitor-Adjustable, Sequencing/Supervisory Circuits
Rev 0; 8/06
More results

Similar Description - MAX16040LLA44+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6361 MAXIM-MAX6361_05 Datasheet
178Kb / 12P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 3; 11/05
MAX6361 MAXIM-MAX6361_11 Datasheet
124Kb / 11P
   SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 4; 10/11
MAX6361 MAXIM-MAX6361 Datasheet
104Kb / 8P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup
Rev 0; 1/00
logo
Texas Instruments
TPS3600D20 TI-TPS3600D20 Datasheet
503Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
TPS3606-33 TI-TPS3606-33 Datasheet
388Kb / 18P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR LOW-POWER PROCESSORS
TPS3600D20 TI1-TPS3600D20_16 Datasheet
1Mb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
logo
Maxim Integrated Produc...
MAX703 MAXIM-MAX703 Datasheet
351Kb / 8P
   Low-Cost 關P Supervisory Circuits with Battery Backup
Rev 1; 4/94
MAX6782 MAXIM-MAX6782_10 Datasheet
171Kb / 17P
   Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 3; 3/10
MAX6790 MAXIM-MAX6790 Datasheet
652Kb / 20P
   Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 1; 10/06
logo
Xilinx, Inc
XC95288XV XILINX-XC95288XV_07 Datasheet
139Kb / 14P
   Available in small footprint packages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com