Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6204A18ADL Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC6204A18ADL
Description  High Speed LDO Regulators
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6204A18ADL Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC6204A18ADL Datasheet HTML 2Page - Torex Semiconductor XC6204A18ADL Datasheet HTML 3Page - Torex Semiconductor XC6204A18ADL Datasheet HTML 4Page - Torex Semiconductor XC6204A18ADL Datasheet HTML 5Page - Torex Semiconductor XC6204A18ADL Datasheet HTML 6Page - Torex Semiconductor XC6204A18ADL Datasheet HTML 7Page - Torex Semiconductor XC6204A18ADL Datasheet HTML 8Page - Torex Semiconductor XC6204A18ADL Datasheet HTML 9Page - Torex Semiconductor XC6204A18ADL Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
" Operational Explanation
Output voltage control with the XC6204 series :
Low ESR Capacitors
With the XC6204 series, a stable output voltage is achievable even if used with low ESR capacitors as a phase compensation
circuit is built-in. In order to ensure the effectiveness of the phase compensation, we suggest that an output capacitor (CL) is
connected as close as possible to the output pin (VOUT) and the VSS pin. Please use an output capacitor with a capacitance
value of at least 1
µF. Also, please connect an input capacitor (CIN) of 0.1µF between the VIN pin and the VSS pin in order to
ensure a stable power input.
Current Limiter, Short-Circuit Protection
The XC6204 series includes a combination of a fixed current limiter circuit & a foldback circuit which aid the operations of the
current limiter and circuit protection. When the load current reaches the current limit level, the fixed current limiter circuit operates
and output voltage drops. As a result of this drop in output voltage, the foldback circuit operates, output voltage drops further and
output current decreases (refer to the data on page 5). When the output pin is shorted, a current of about 60mA flows.
CE Pin
The IC's internal circuitry can be shutdown via the signal from the CE pin with the XC6204 series. In shutdown mode, output at the
VOUT pin will be pulled down to the VSS level via R1 & R2. The operational logic of the IC's CE pin is selectable (please refer to
the selection guide on page 2). Note that as the standard XC6204B type is
' High Active/No Pull Down' , operations will become
unstable with the CE pin open. Although the CE pin is equal to an inverter input with CMOS hysteresis, with either the pull-up or
pull-down options, the CE pin input current will increase when the IC is in operation.
We suggest that you use this IC with either a VIN voltage or a VSS voltage input at the CE pin. If this IC is used with the correct
specifications for the CE pin, the IC will operatenormally. However, supply current may increase as a result of through current in
the IC's internal circuitry if a voltage between 0.25V and 1.5V is input.
" Notes on Use
1. Please use this IC within the stated absolute maximum ratings. The IC is liable to malfunction should the ratings be exceeded.
2. Where wiring impedence is high, operations may become unstable due to noise and/or phase lag depending on output current.
Please strengthen VIN and VSS wiring in particular.
3. Please wire the input capacitor (CIN) and the output capacitor (CL) as close to the IC as possible.
High Speed LDO Regulators
XC6204 Series
Current
Limit
ON/OFF
Control
Voltage
Reference
each circuit
CE
VSS
VOUT
VIN
R2
R1
The voltage divided by resistors R1 & R2 is compared with
the internal reference voltage by the error amplifier.
The P-Channel MOSFET, which is connected to the VOUT
pin, is then driven by the subsequent output signal. The
ouput voltage at the VOUT pin is controlled & stabilised by
a system of negative feedback.
The current limit circuit and short protect circuit operate in
relation to the level of output current. Further, the IC's
internal circuitry can be shutdown via the CE pin's signal.
0. 01
0. 1
1
10
10 0
0
2 0
4 06 08 0
1 0 0
IO U T(m A )
To p r = 2 5 O C
VIN = ~ 1 0 V,VO U T = 1.8~ 6.0 V
C IN = 1 .0 u F(ce ra m i c) ,C L = 1 .0 u F ( ce r a m i c)
S TAB L E R EG IO N
6


Similar Part No. - XC6204A18ADL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6204A18ADL TOREX-XC6204A18ADL Datasheet
1Mb / 28P
   (Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators
XC6204A18ADL TOREX-XC6204A18ADL Datasheet
1Mb / 49P
   High Speed LDO Regulators Output ON-OFF Control
More results

Similar Description - XC6204A18ADL

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML6204 MINILOGIC-ML6204 Datasheet
973Kb / 19P
   High Speed LDO Regulators
logo
Torex Semiconductor
XC6413 TOREX-XC6413 Datasheet
132Kb / 13P
   High Speed LDO Regulators
XC6213 TOREX-XC6213 Datasheet
70Kb / 5P
   High Speed LDO Regulators
logo
Minilogic Device Corpor...
ML6209 MINILOGIC-ML6209 Datasheet
476Kb / 14P
   High Speed LDO Regulators
logo
Torex Semiconductor
XC6210 TOREX-XC6210_2 Datasheet
1Mb / 22P
   High Current, High Speed LDO Regulators
XC6210 TOREX-XC6210_1 Datasheet
1Mb / 21P
   High Current, High Speed LDO regulators
XC6210 TOREX-XC6210 Datasheet
307Kb / 10P
   High Current, High Speed LDO Regulators
logo
Bookly Micro electronic
BM1117N BOOKLY-BM1117N Datasheet
599Kb / 7P
   1A Voltage High Speed LDO Regulators
logo
Torex Semiconductor
XC6207 TOREX-XC6207_1 Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217_2 Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com