Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9962HL Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA9962HL
Description  12-bit, 3.0 V, 20 Msps analog-to-digital interface for CCD cameras
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9962HL Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA9962HL Datasheet HTML 5Page - NXP Semiconductors TDA9962HL Datasheet HTML 6Page - NXP Semiconductors TDA9962HL Datasheet HTML 7Page - NXP Semiconductors TDA9962HL Datasheet HTML 8Page - NXP Semiconductors TDA9962HL Datasheet HTML 9Page - NXP Semiconductors TDA9962HL Datasheet HTML 10Page - NXP Semiconductors TDA9962HL Datasheet HTML 11Page - NXP Semiconductors TDA9962HL Datasheet HTML 12Page - NXP Semiconductors TDA9962HL Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
2000 May 01
9
Philips Semiconductors
Objective specification
12-bit, 3.0 V, 20 Msps analog-to-digital
interface for CCD cameras
TDA9962
th(IN;SHP)
CDS input hold time
(pin IN) compared to
control pulse SHP
VCCA =VCCD = 3.0 V;
Tamb =25 °C;
see Figs 3 and 4
12
ns
th(IN;SHD)
CDS input hold time
(pin IN) compared to
control pulse SHD
VCCA =VCCD = 3.0 V;
Tamb =25 °C;
see Figs 3 and 4
12
ns
Amplifier
DRPGA
PGA dynamic range
24
dB
∆G
PGA
PGA gain step
0.08
0.10
0.12
dB
Analog-to-Digital Converter (ADC)
DNL
differential non linearity
fpix = 20 MHz; ramp input
−±0.5
±0.9
LSB
Total chain characteristics (CDS + PGA + ADC)
fpix(max)
maximum pixel frequency
20
−−
MHz
fpix(min)
minimum pixel frequency
tbf
−−
MHz
tCLKH
CLK pulse width HIGH
15
−−
ns
tCLKL
CLK pulse width LOW
15
−−
ns
td(SHD;CLK)
time delay between
SHD and CLK
see Figs 3 and 4
10
−−
ns
tsu(BLK;SHD)
set-up time of BLK
compared to SHD
see Figs 3 and 4
5
−−
ns
Vi(IN)(FS)
video input dynamic signal
for ADC full-scale output
PGA code = 00
800
−−
mV
PGA code = 255
50
−−
mV
Ntot(rms)
total noise from CDS input
to ADC output
(RMS value)
see Fig.8
PGA gain = 0 dB
1.2
LSB
PGA gain = 9 dB
2.0
LSB
Ein(rms)
equivalent input noise
voltage (RMS value)
PGA gain = 24 dB
95
−µV
PGA gain=9dB
135
−µV
OCCD(max)
maximum offset between
CCD floating level and
CCD dark pixel level
−100
+100
mV
Digital-to-analog converter (OFDOUT DAC)
VOFDOUT(p-p) additional 8-bit control
DAC (OFD) output voltage
(peak-to-peak value)
Ri =1MΩ−
1.0
V
VOFDOUT(0)
DC output voltage for
code 0
AGND
V
VOFDOUT(255) DC output voltage for
code 255
AGND + 1.0
V
TCDAC
DAC output range
temperature coefficient
250
ppm/
°C
ZOFDOUT
DAC output impedance
2000
−Ω
IOFDOUT
OFD output current drive
static
−−
100
µA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Similar Part No. - TDA9962HL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9964 PHILIPS-TDA9964 Datasheet
109Kb / 24P
   12-bit, 3.0 V, 30 Msps analog-to-digital interface for CCD cameras
2000 May 02
TDA9964HL PHILIPS-TDA9964HL Datasheet
109Kb / 24P
   12-bit, 3.0 V, 30 Msps analog-to-digital interface for CCD cameras
2000 May 02
TDA9965 PHILIPS-TDA9965 Datasheet
137Kb / 22P
   12-bit, 5.0 V, 30 Msps analog-to-digital interface for CCD cameras
2004 Jul 05
TDA9965A PHILIPS-TDA9965A Datasheet
136Kb / 22P
   12-bit, 5.0 V, 40 Msps analog-to-digital interface for CCD cameras
2004 Jul 05
TDA9965AHL PHILIPS-TDA9965AHL Datasheet
136Kb / 22P
   12-bit, 5.0 V, 40 Msps analog-to-digital interface for CCD cameras
2004 Jul 05
More results

Similar Description - TDA9962HL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9964 PHILIPS-TDA9964 Datasheet
109Kb / 24P
   12-bit, 3.0 V, 30 Msps analog-to-digital interface for CCD cameras
2000 May 02
TDA9952 PHILIPS-TDA9952 Datasheet
132Kb / 28P
   10-bit, 3.0 V, 25 Msps analog-to-digital interface for CCD cameras
2002 Aug 21
TDA9965A PHILIPS-TDA9965A Datasheet
136Kb / 22P
   12-bit, 5.0 V, 40 Msps analog-to-digital interface for CCD cameras
2004 Jul 05
TDA9965 PHILIPS-TDA9965 Datasheet
137Kb / 22P
   12-bit, 5.0 V, 30 Msps analog-to-digital interface for CCD cameras
2004 Jul 05
TDA8787 PHILIPS-TDA8787 Datasheet
106Kb / 20P
   10-bit, 3.0 V analog-to-digital interface for CCD cameras
1998 Oct 15
TDA8787A PHILIPS-TDA8787A Datasheet
114Kb / 24P
   10-bit, 3.0 V, up to 25 Msps analog-to-digital interface for CCD cameras
2000 Nov 14
TDA8783 PHILIPS-TDA8783 Datasheet
110Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Jun 25
TDA8784 PHILIPS-TDA8784 Datasheet
112Kb / 28P
   18 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Sep 21
TDA8783HLBE-T NXP-TDA8783HLBE-T Datasheet
111Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
2002 Oct 23
TDA8786 PHILIPS-TDA8786 Datasheet
186Kb / 28P
   10-bit analog-to-digital interface for CCD cameras
1997 Nov 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com