Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC25CPFB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC25CPFB
Description  LOW-POWER, HIGHLY-INTEGRATED, PROGRAMMABLE 16-Bit, 26-KSPS MONO CODEC
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC25CPFB Datasheet(HTML) 4 Page - Texas Instruments

  TLV320AIC25CPFB Datasheet HTML 1Page - Texas Instruments TLV320AIC25CPFB Datasheet HTML 2Page - Texas Instruments TLV320AIC25CPFB Datasheet HTML 3Page - Texas Instruments TLV320AIC25CPFB Datasheet HTML 4Page - Texas Instruments TLV320AIC25CPFB Datasheet HTML 5Page - Texas Instruments TLV320AIC25CPFB Datasheet HTML 6Page - Texas Instruments TLV320AIC25CPFB Datasheet HTML 7Page - Texas Instruments TLV320AIC25CPFB Datasheet HTML 8Page - Texas Instruments TLV320AIC25CPFB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 63 page
background image
www.ti.com
TLV320AIC12, TLV320AIC13
TLV320AIC14, TLV320AIC15
TLV320AIC12K, TLV320AIC14K
SLWS115E – OCTOBER 2001 – REVISED JANUARY 2007
Terminal Functions
TERMINAL
NAME
AIC12/13/12K
AIC14/15/14K
AIC12K
AIC14K
I/O
DESCRIPTION
DBT
DBT
RHB
RHB
NO.
NO.
NO.
NO.
IOVSS
1
1
5
5
I
Digital I/O ground
IOVDD
2
2
6
6
I
Digital I/O power supply
Frame sync delayed output. The FSD output synchronizes a slave
device to the frame sync of the master device. FSD is applied to the
slave FS input and is the same duration as the master FS signal. This
FSD
3
3
7
7
O
pin must be pulled low if AIC1x is a stand-alone slave. It must be
pulled high if the AIC1x is a stand-alone master or the last slave in the
cascade.
Frame sync. When FS goes low, DIN begins receiving data bits and
FS
4
4
8
8
I/O
DOUT begins transmitting data bits. In master mode, FS is internally
generated. In slave mode, FS is externally generated.
Data output. DOUT transmits the ADC output bits and registers data,
DOUT
5
5
9
9
O
and is synchronized to SCLK and FS. Data is sent out at the rising
edge of SCLK. Outside data/control frame, DOUT is put in 3-state.
Data input. DIN receives the DAC input data and register data from the
DIN
6
6
10
10
I
external DSP (digital signal processor) and is synchronized to SCLK
and FS. Data is latched at the falling edge of SCLK.
Master/slave select input. When M/S is high, the device is the master,
M/S
7
7
11
11
I
and when low it is a slave.
Power down. When PWRDN is pulled low, the device goes into a
power-down mode, the serial interface is disabled, and most of the
high-speed clocks are disabled. However, all the register values are
PWRDN
8
8
12
12
I
sustained and the device resumes full-power operation without
reinitialization when PWRDN is pulled high again. PWRDN resets the
counters only and preserves the programmed register contents.
Inverting output of the DAC. OUTM1 is functionally identical with and
complementary to OUTP1. This differential output can drive a
OUTM1
9
9
13
13
O
maximum load of 600
Ω. This output can also be used alone for
single-ended operation.
Noninverting output of the DAC. This differential output can drive a
OUTP1
10
10
14
14
O
maximum load of 600
Ω. This output can also be used alone for
single-ended operation.
DRVDD
11
11
15
15
I
Analog power supply for the 16-
Ω drivers OUTP2 and OUTP3
DRVSS
12
12
17
17
I
Analog ground for the 16-
Ω drivers OUTP2 and OUTP3
Analog output number 2 from the 16-
Ω driver. This output can drive a
OUTP2
13
18
O
maximum load of 16
Ω, and also can be configured as either
single-ended output or differential output by the control register 6.
Programmable virtual ground for the output of OUTP2 and OUTP3
OUTMV
14
19
O
(see the Register Map).
Analog output number 3 from the 16-
Ω driver. This output can drive a
OUTP3
15
20
O
maximum load of 16
Ω, and also be configured as either single-ended
output or differential output by the control register 6.
AVSS
16
16
21
21
I
Analog ground
AVDD
17
17
22
22
I
Analog power supply
MICIN
18
18
23
23
I
MIC preamplifier input. It must be connected to AVSS if not used.
INP2
19
19
24
24
I
Noninverting analog input 2. It must be connected to AVSS if not used.
INM2
20
20
25
25
I
Inverting analog input 2. It must be connected to AVSS if not used.
Bias output voltage is software selectable between 1.35 V and 2.35 V.
BIAS
21
21
27
27
O
Its output current is 5 mA.
INM1
22
22
28
28
I
Inverting analog input 1. It must be connected to AVSS if not used.
INP1
23
23
29
29
I
Noninverting analog input 1. It must be connected to AVSS if not used.
Hardware reset. The reset function is provided to initialize all of the
RESET
24
24
30
30
I
internal registers to their default values. The serial port is configured to
the default state accordingly.
Master clock. MCLK derives the internal clocks of the sigma-delta
MCLK
25
25
31
31
I
analog interface circuit.
SCL
26
26
32
32
I
Programmable host port (I2C or S2C) clock input.
SDA
27
27
1
1
I/O
Programmable host port (I2C or S2C) data line.
4
Submit Documentation Feedback


Similar Part No. - TLV320AIC25CPFB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC25CPFB TI-TLV320AIC25CPFB Datasheet
983Kb / 53P
[Old version datasheet]   Layout and Grounding Guidelines for TLV320AIC2x
TLV320AIC25CPFB TI1-TLV320AIC25CPFB Datasheet
1Mb / 56P
[Old version datasheet]   Low-Power, Highly-Integrated, Programmable 16-Bit, 26-KSPS, Dual-Channel CODEC
TLV320AIC25CPFBG4 TI-TLV320AIC25CPFBG4 Datasheet
983Kb / 53P
[Old version datasheet]   Layout and Grounding Guidelines for TLV320AIC2x
TLV320AIC25CPFBG4 TI1-TLV320AIC25CPFBG4 Datasheet
1Mb / 56P
[Old version datasheet]   Low-Power, Highly-Integrated, Programmable 16-Bit, 26-KSPS, Dual-Channel CODEC
TLV320AIC25CPFBR TI-TLV320AIC25CPFBR Datasheet
983Kb / 53P
[Old version datasheet]   Layout and Grounding Guidelines for TLV320AIC2x
More results

Similar Description - TLV320AIC25CPFB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC20 TI1-TLV320AIC20 Datasheet
1Mb / 56P
[Old version datasheet]   Low-Power, Highly-Integrated, Programmable 16-Bit, 26-KSPS, Dual-Channel CODEC
TLV320AIC21 TI-TLV320AIC21 Datasheet
379Kb / 62P
[Old version datasheet]   Low Power,Low Voltage 1.1V to 3.6V I/O Highly-Integrated Programmable 16-Bit 26-KSPS Dual Channel Codec
logo
Burr-Brown (TI)
PCM3501 BURR-BROWN-PCM3501 Datasheet
182Kb / 24P
   Low Voltage, Low Power, 16-Bit, Mono VOICE/MODEM CODEC
logo
Texas Instruments
PCM3500 TI-PCM3500 Datasheet
218Kb / 26P
[Old version datasheet]   Low Voltage, Low Power, 16-Bit, Mono VOICE/MODEM CODEC
logo
Analog Devices
AD7173-8 AD-AD7173-8 Datasheet
1Mb / 64P
   Low Power, 8-/16-Channel, 31.25 kSPS, 24-Bit, Highly Integrated Sigma-Delta ADC
REV. 0
logo
Cirrus Logic
CS47L90 CIRRUS-CS47L90 Datasheet
207Kb / 2P
   Low Power, Highly Integrated Smart Audio Codec
logo
Maxim Integrated Produc...
MAX9860 MAXIM-MAX9860_09 Datasheet
931Kb / 40P
   16-Bit Mono Audio Voice Codec
Rev 1; 9/09
MAX9860 MAXIM-MAX9860_12 Datasheet
822Kb / 38P
   16-Bit Mono Audio Voice Codec
Rev 2; 2/12
MAX9860 MAXIM-MAX9860 Datasheet
920Kb / 39P
   16-Bit Mono Audio Voice Codec
Rev 0; 10/08
logo
Suzhou Everest Semicond...
ES8311 EVEREST-ES8311 Datasheet
556Kb / 12P
   Low Power Mono Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com