Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24314DSJ Datasheet(PDF) 8 Page - Texas Instruments

Part # BQ24314DSJ
Description  OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24314DSJ Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ24314DSJ Datasheet HTML 4Page - Texas Instruments BQ24314DSJ Datasheet HTML 5Page - Texas Instruments BQ24314DSJ Datasheet HTML 6Page - Texas Instruments BQ24314DSJ Datasheet HTML 7Page - Texas Instruments BQ24314DSJ Datasheet HTML 8Page - Texas Instruments BQ24314DSJ Datasheet HTML 9Page - Texas Instruments BQ24314DSJ Datasheet HTML 10Page - Texas Instruments BQ24314DSJ Datasheet HTML 11Page - Texas Instruments BQ24314DSJ Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
www.ti.com
POWER-ON RESET
OPERATION
Input Overvoltage Protection
Input Overcurrent Protection
Battery Overvoltage Protection
THERMAL PROTECTION
bq24314
bq24316
SLUS763 – JULY 2007
The device resets when the input voltage at the IN pin exceeds the UVLO threshold. All internal counters and
other circuit blocks are reset.
The device continuously monitors the input voltage, the input current, and the battery voltage.
If the input voltage rises above VOVP, the internal FET is turned off, removing power from the circuit. The FAULT
pin is driven low. When the input voltage returns below VOVP – VHYS-OVP (but is still above VUVLO), the FET is
turned on again after a deglitch time of tON(OVP) to ensure that the input supply has stabilized.
The overcurrent threshold is programmed by a resistor RILIM connected from the ILIM pin to VSS. The
overcurrent threshold is given by IOCP = KILIM ÷ RILIM.
If the load current tries to exceed the IOCP threshold, the device limits the current for a blanking duration of
tBLANK(OCP). If the load current returns to less than IOCP before tBLANK(OCP) times out, the device continues to
operate. However, if the overcurrent situation persists for tBLANK(OCP), the FET is turned off for a duration of
tON(OCP), and the FAULT pin is driven low. The FET is then turned on again after tON(OCP) and the current is
monitored all over again. Each time an OCP fault occurs, an internal counter is incremented. If 15 OCP faults
occur in one charge cycle, the FET is turned off permanently. The counter is cleared either by removing and
re-applying input power, or by disabling and re-enabling the device with the CE pin.
The battery overvoltage threshold BVOVP is internally set to 4.35V. If the battery voltage exceeds the BVOVP
threshold, the FET is turned off, and the FAULT pin is driven low. The FET is turned back on once the battery
voltage drops to BVOVP – VHYS-BOVP. Each time a battery overvoltage fault occurs, an internal counter is
incremented. If 15 such faults occur in one charge cycle, the FET is turned off permanently. The counter is
cleared either by removing and re-applying input power, or by disabling and re-enabling the device with the CE
pin.
If the junction temperature of the device exceeds TJ(OFF), the FET is turned off, and the FAULT pin is driven low.
The FET is turned back on when the junction temperature falls below TJ(OFF) – TJ(OFF-HYS).
8
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): bq24314 bq24316


Similar Part No. - BQ24314DSJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24314DSJ TI-BQ24314DSJ Datasheet
1Mb / 25P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314DSJR TI-BQ24314DSJR Datasheet
1Mb / 25P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314DSJR TI1-BQ24314DSJR Datasheet
1Mb / 26P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC
BQ24314DSJRG4 TI1-BQ24314DSJRG4 Datasheet
1Mb / 26P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC
BQ24314DSJT TI-BQ24314DSJT Datasheet
1Mb / 25P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
More results

Similar Description - BQ24314DSJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24314 TI-BQ24314_1 Datasheet
1Mb / 25P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24300 TI-BQ24300_08 Datasheet
872Kb / 23P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24308 TI-BQ24308 Datasheet
1Mb / 24P
[Old version datasheet]   Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC
BQ24312 TI-BQ24312 Datasheet
868Kb / 21P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314ADSGT TI1-BQ24314ADSGT Datasheet
630Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24300 TI-BQ24300 Datasheet
836Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24315 TI-BQ24315 Datasheet
1Mb / 20P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24313 TI-BQ24313 Datasheet
1Mb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314A TI-BQ24314A Datasheet
856Kb / 21P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314ADSGR TI1-BQ24314ADSGR Datasheet
630Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com