Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7490ARQZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADT7490ARQZ
Description  dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7490ARQZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADT7490ARQZ Datasheet HTML 4Page - Analog Devices ADT7490ARQZ Datasheet HTML 5Page - Analog Devices ADT7490ARQZ Datasheet HTML 6Page - Analog Devices ADT7490ARQZ Datasheet HTML 7Page - Analog Devices ADT7490ARQZ Datasheet HTML 8Page - Analog Devices ADT7490ARQZ Datasheet HTML 9Page - Analog Devices ADT7490ARQZ Datasheet HTML 10Page - Analog Devices ADT7490ARQZ Datasheet HTML 11Page - Analog Devices ADT7490ARQZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 76 page
background image
ADT7490
Rev. 0 | Page 8 of 76
Pin No.
Mnemonic
Type
Description
20
+5VIN
Analog Input
Monitors 5 V Supply Using Internal Resistor Dividers.
21
+12VIN
Analog Input
Monitors 12 V Supply Using Internal Resistor Dividers.
22
+2.5VIN/
Analog Input
Monitors 2.5 V Supply Using Internal Resistor Dividers.
THERM
Alternatively, this pin can be reconfigured as a bidirectional THERM pin. Can be
connected to PROCHOT output of processor to time and monitor PROCHOT assertions.
Can be used as an output to signal overtemperature conditions or for clock modulation
purposes.
23
VCCP
Analog Input
Monitors CPU VCC Voltage (to maximum of 3.0 V). All voltage inputs can have their
resistor dividers removed allowing for full-scale input of 2.25 V of ADC channel.
24
PWM1/
Digital Output
Pulse Width Modulated Output to Control FAN 1 Speed. Open drain requires 10 kΩ
typical pull-up.
XTO
Also functions as the output for the XNOR tree test enable mode.
Table 5. Comparison of ADT7490 and ADT7476A Configurations
Pin Number
ADT7490
ADT7476A
1
SDA
SDA
2
SCL
SCL
3
GND
GND
4
VCC
VCC
5
GPIO1
VID0/GPIO0
6
GPIO2
VID1/GPIO1
7
PECI
VID2/GPIO2
8
VTT
VID3/GPIO3
9
TACH3
TACH3
10
PWM2/SMBALERT
PWM2/SMBALERT
11
TACH1
TACH1
12
TACH2
TACH2
13
PWM3/ADDREN
PWM3/ADDREN
14
TACH4/THERM/SMBALERT/ADDR SELECT
TACH4/THERM/SMBALERT/GPIO6/ADDR SELECT
15
D2−
D2−
16
D2+
D2+
17
D1−
D1−
18
D1+
D1+
19
IMON
VID4/GPIO4
20
+5VIN
+5VIN
21
+12VIN
+12VIN/VID5
22
+2.5VIN/THERM
+2.5VIN/THERM
23
VCCP
VCCP
24
PWM1/XTO
PWM1/XTO


Similar Part No. - ADT7490ARQZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADT7490ARQZ ONSEMI-ADT7490ARQZ Datasheet
663Kb / 75P
   dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
December, 2009 ??Rev. 4
ADT7490ARQZ-R7 ONSEMI-ADT7490ARQZ-R7 Datasheet
663Kb / 75P
   dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
December, 2009 ??Rev. 4
ADT7490ARQZ-REEL ONSEMI-ADT7490ARQZ-REEL Datasheet
663Kb / 75P
   dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
December, 2009 ??Rev. 4
ADT7490ARQZ-REEL ONSEMI-ADT7490ARQZ-REEL Datasheet
763Kb / 75P
   Remote Thermal Monitor and Fan Controller
January, 2016 ??Rev. 6
More results

Similar Description - ADT7490ARQZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7490 AD-ADT7490_15 Datasheet
1Mb / 76P
   dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
Rev. 0
logo
ON Semiconductor
ADT7490 ONSEMI-ADT7490 Datasheet
663Kb / 75P
   dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
December, 2009 ??Rev. 4
logo
Analog Devices
ADT7467 AD-ADT7467 Datasheet
1Mb / 80P
   dBCool Remote Thermal Monitor and Fan Controller
REV. 0
logo
ON Semiconductor
ADT7475_1110 ONSEMI-ADT7475_1110 Datasheet
639Kb / 58P
   dbCOOL Remote Thermal Monitor and Fan Controller
October, 2011 ??Rev. 5
logo
Analog Devices
ADT7473 AD-ADT7473 Datasheet
1Mb / 76P
   dBCool Remote Thermal Monitor and Fan Controller
REV. A
logo
ON Semiconductor
ADT7460 ONSEMI-ADT7460 Datasheet
645Kb / 46P
   dBCOOL Remote Thermal Monitor and Fan Controller
June, 2010 ??Rev. 5
ADT7475 ONSEMI-ADT7475 Datasheet
654Kb / 58P
   dBCOOL Remote Thermal Monitor and Fan Controller
June, 2009 ??Rev. 4
ADT7467 ONSEMI-ADT7467 Datasheet
938Kb / 77P
   dBCool Remote Thermal Monitor and Fan Controller
January 2008 ??Rev. 3
logo
Analog Devices
ADT7475 AD-ADT7475 Datasheet
1Mb / 68P
   dBCool Remote Thermal Monitor and Fan Controller
REV. A
logo
ON Semiconductor
ADT7473 ONSEMI-ADT7473 Datasheet
1Mb / 74P
   dBCOOL Remote Thermal Monitor and Fan Control
April, 2009 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com