Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA1067 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TEA1067
Description  Low voltage versatile telephone transmission circuit with dialler interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1067 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TEA1067 Datasheet HTML 3Page - NXP Semiconductors TEA1067 Datasheet HTML 4Page - NXP Semiconductors TEA1067 Datasheet HTML 5Page - NXP Semiconductors TEA1067 Datasheet HTML 6Page - NXP Semiconductors TEA1067 Datasheet HTML 7Page - NXP Semiconductors TEA1067 Datasheet HTML 8Page - NXP Semiconductors TEA1067 Datasheet HTML 9Page - NXP Semiconductors TEA1067 Datasheet HTML 10Page - NXP Semiconductors TEA1067 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
June 1990
7
Philips Semiconductors
Product specification
Low voltage versatile telephone
transmission circuit with dialler interface
TEA1067
Automatic gain control input (AGC)
Automatic line loss compensation is achieved by
connecting a resistor (R6) between AGC and VEE. The
automatic gain control varies the gain of the microphone
amplifier and the receiving amplifier in accordance with the
DC line current. The control range is 5.9 dB. This
corresponds to a line length of 5 km for a 0.5 mm diameter
copper twisted-pair cable with a DC resistance of
176
Ω/km and an average attenuation 1.2 dB/km. Resistor
R6 should be chosen in accordance with the exchange
supply voltage and its feeding bridge resistance (see
Fig.13 and Table 1). The ratio of start and stop currents of
the AGC curve is independent of the value of R6. If no
automatic line loss compensation is required the AGC may
be left open-circuit. The amplifiers, in this condition, will
give their maximum specified gain.
Power-down input (PD)
During pulse dialling or register recall (timed loop break)
the telephone line is interrupted. During these interruptions
the telephone line provides no power for the transmission
circuit or circuits supplied by VCC. The charge held on C1
will bridge these gaps. This bridging is made easier by a
HIGH level on the PD input which reduces the typical
supply current from 1 mA to 55
µA and switches off the
voltage regulator preventing discharge through LN. When
PD is HIGH the capacitor at REG is disconnected with the
effect that the voltage stabilizer will have no switch-on
delay after line interruptions. This minimizes the
contribution of the IC to the current waveform during pulse
dialling or register recall. When this facility is not required
PD may be left open-circuit.
Side-tone suppression
The anti-sidetone network, R1//Zline, R2, R3, R9 and Zbal,
(see Fig.5) suppresses transmitted signal in the earpiece.
Compensation is maximum when the following conditions
are fulfilled:
(a) R9
× R2 = R1 (R3 + [R8//Zbal]);
(b) (Zbal / [Zbal + R8]) = (Zline / [Zline + R1])
If fixed values are chosen for R1, R2, R3, and R9 then
condition (a) will always be fulfilled when
 R8//Zbal << R3.
To obtain optimum side-tone suppression condition (b)
has to be fulfilled resulting in:
Zbal = (R8/R1) Zline = k.Zline where k is a scale factor;
k = (R8/R1)
The scale factor (k), dependent on the value of R8, is
chosen to meet the following criteria:
(a) Compatibility with a standard capacitor from the E6 or
E12 range for Zbal
(b)
 Zbal//R8 << R3 to fulfil condition (a) and thus
ensuring correct anti-sidetone bridge operation
(c)
 Zbal + R8 >> R9 to avoid influencing the transmitter
gain
In practice Zline varies considerably with the line type and
length. The value chosen for Zbal should therefore be for
an average line length thus giving optimum setting for
short or long lines.


Similar Part No. - TEA1067

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TEA1060 ETC-TEA1060 Datasheet
757Kb / 16P
   VERSATILE TELEPHONE TRANSMISSION CIRCUITS WITH DIALLER INTERFACE
TEA1061 ETC-TEA1061 Datasheet
757Kb / 16P
   VERSATILE TELEPHONE TRANSMISSION CIRCUITS WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1062 PHILIPS-TEA1062 Datasheet
211Kb / 28P
   Low voltage transmission circuits with dialler interface
1997 Sep 03
TEA1062A PHILIPS-TEA1062A Datasheet
211Kb / 28P
   Low voltage transmission circuits with dialler interface
1997 Sep 03
TEA1062AM1 PHILIPS-TEA1062AM1 Datasheet
211Kb / 28P
   Low voltage transmission circuits with dialler interface
1997 Sep 03
More results

Similar Description - TEA1067

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1113 PHILIPS-TEA1113 Datasheet
181Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Mar 27
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A_10 Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1110A PHILIPS-TEA1110A Datasheet
187Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Apr 22
TEA1066T PHILIPS-TEA1066T Datasheet
133Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 04
logo
List of Unclassifed Man...
ILA1068 ETC-ILA1068 Datasheet
352Kb / 11P
   Versatile Telephone Transmission Circuit with Dialler Interface
logo
NXP Semiconductors
TEA1068 PHILIPS-TEA1068 Datasheet
168Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 23
TEA1065 PHILIPS-TEA1065 Datasheet
154Kb / 28P
   Versatile telephone transmission circuit with dialler interface
March 1994
TEA1112 PHILIPS-TEA1112 Datasheet
154Kb / 20P
   Low voltage versatile telephone transmission circuits with dialler interface
1997 Mar 26
logo
List of Unclassifed Man...
TEA1060 ETC-TEA1060 Datasheet
757Kb / 16P
   VERSATILE TELEPHONE TRANSMISSION CIRCUITS WITH DIALLER INTERFACE
logo
Unisonic Technologies
UTCTEA1062N UTC-UTCTEA1062N Datasheet
177Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com