Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA1068 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TEA1068
Description  Versatile telephone transmission circuit with dialler interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1068 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TEA1068 Datasheet HTML 6Page - NXP Semiconductors TEA1068 Datasheet HTML 7Page - NXP Semiconductors TEA1068 Datasheet HTML 8Page - NXP Semiconductors TEA1068 Datasheet HTML 9Page - NXP Semiconductors TEA1068 Datasheet HTML 10Page - NXP Semiconductors TEA1068 Datasheet HTML 11Page - NXP Semiconductors TEA1068 Datasheet HTML 12Page - NXP Semiconductors TEA1068 Datasheet HTML 13Page - NXP Semiconductors TEA1068 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
1996 Apr 23
10
Philips Semiconductors
Product specification
Versatile telephone transmission circuit
with dialler interface
TEA1068
CHARACTERISTICS
Iline = 10 to 140 mA; VEE = 0 V; f = 800 Hz; Tamb =25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies: LN and VCC
VLN
voltage drop over circuit between
LN and VEE
microphone inputs open
Iline = 5 mA
3.95
4.25
4.55
V
Iline = 15 mA
4.2
4.45
4.7
V
Iline = 100 mA
5.4
6.1
6.7
V
Iline = 140 mA
−−
7.5
V
∆V
LN/∆T
voltage drop variation with
temperature
Iline =15mA
−4
−2
0
mV/K
VLN
voltage drop over circuit, between
LN and VEE with external resistor
RVA
Iline =15mA
RVA (LN to REG) = 68 kΩ
3.45
3.8
4.1
V
RVA (REG to SLPE) = 39 kΩ
4.65
5
5.35
V
ICC
supply current
VCC = 2.8 V
PD = LOW
0.96
1.3
mA
PD = HIGH
55
82
µA
VCC
supply voltage available for
peripheral circuitry
Iline = 15 mA; MUTE = HIGH
Ip = 1.2 mA
2.8
3.05
V
Ip = 0 mA
3.5
3.75
V
Microphone inputs MIC+ and MIC
Zi
input impedance
differential between
MIC+ and MIC
51
64
77
k
single-ended MIC+ or
MIC
− to V
EE
25.5
32
38.5
k
CMRR
common mode rejection ratio
82
dB
Gv
voltage gain from MIC+/MIC
− to LN Iline = 15 mA; R7 = 68 kΩ;51
52
53
dB
∆G
vf
gain variation with frequency at
f = 300 Hz and f = 3400 Hz
with respect to 800 Hz
−0.5
±0.2
+0.5
dB
∆G
vT
gain variation with temperature at
−25 °C and +75 °C
Iline =50mA;
with respect to 25
°C; without
R6
−±0.2
dB
Dual-tone multi-frequency input DTMF
Zi
input impedance
16.8
20.7
24.6
k
Gv
voltage gain from DTMF to LN
Iline = 15 mA; R7 = 68 kΩ
24.5
25.5
26.5
dB
∆G
vf
gain variation with frequency at
f = 300 Hz and f = 3400 Hz
with respect to 800 Hz
−0.5
±0.2
+0.5
dB
∆G
vT
gain variation with temperature at
Tamb =−25 °C and +75 °C
Iline =50mA;
with respect to 25
°C
−±0.5
dB
Gain adjustment connections GAS1 and GAS2
∆Gv
gain variation with R7, transmitting
amplifier
−8
+8
dB


Similar Part No. - TEA1068

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TEA1060 ETC-TEA1060 Datasheet
757Kb / 16P
   VERSATILE TELEPHONE TRANSMISSION CIRCUITS WITH DIALLER INTERFACE
TEA1061 ETC-TEA1061 Datasheet
757Kb / 16P
   VERSATILE TELEPHONE TRANSMISSION CIRCUITS WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1062 PHILIPS-TEA1062 Datasheet
211Kb / 28P
   Low voltage transmission circuits with dialler interface
1997 Sep 03
TEA1062A PHILIPS-TEA1062A Datasheet
211Kb / 28P
   Low voltage transmission circuits with dialler interface
1997 Sep 03
TEA1062AM1 PHILIPS-TEA1062AM1 Datasheet
211Kb / 28P
   Low voltage transmission circuits with dialler interface
1997 Sep 03
More results

Similar Description - TEA1068

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1066T PHILIPS-TEA1066T Datasheet
133Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 04
logo
List of Unclassifed Man...
ILA1068 ETC-ILA1068 Datasheet
352Kb / 11P
   Versatile Telephone Transmission Circuit with Dialler Interface
logo
NXP Semiconductors
TEA1065 PHILIPS-TEA1065 Datasheet
154Kb / 28P
   Versatile telephone transmission circuit with dialler interface
March 1994
TEA1113 PHILIPS-TEA1113 Datasheet
181Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Mar 27
logo
List of Unclassifed Man...
TEA1060 ETC-TEA1060 Datasheet
757Kb / 16P
   VERSATILE TELEPHONE TRANSMISSION CIRCUITS WITH DIALLER INTERFACE
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A_10 Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1110A PHILIPS-TEA1110A Datasheet
187Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Apr 22
TEA1067 PHILIPS-TEA1067 Datasheet
175Kb / 28P
   Low voltage versatile telephone transmission circuit with dialler interface
June 1990
TEA1112 PHILIPS-TEA1112 Datasheet
154Kb / 20P
   Low voltage versatile telephone transmission circuits with dialler interface
1997 Mar 26
logo
Unisonic Technologies
UTCTEA1062N UTC-UTCTEA1062N Datasheet
177Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com