Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA1083 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TEA1083
Description  Call progress monitor for line powered telephone sets
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1083 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TEA1083 Datasheet HTML 6Page - NXP Semiconductors TEA1083 Datasheet HTML 7Page - NXP Semiconductors TEA1083 Datasheet HTML 8Page - NXP Semiconductors TEA1083 Datasheet HTML 9Page - NXP Semiconductors TEA1083 Datasheet HTML 10Page - NXP Semiconductors TEA1083 Datasheet HTML 11Page - NXP Semiconductors TEA1083 Datasheet HTML 12Page - NXP Semiconductors TEA1083 Datasheet HTML 13Page - NXP Semiconductors TEA1083 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
March 1994
10
Philips Semiconductors
Product specification
Call progress monitor for line powered
telephone sets
TEA1083; TEA1083A
CHARACTERISTICS
VSUP = 3.6 V; VSS = 0 V; ISUP = 15 mA; VSUP = 0 V (RMS); f = 800 Hz; Tamb = 25 °C; PD = LOW; LSE = HIGH;
loudspeaker amplifier load = 50
Ω; all measurements taken in test circuit Fig.10; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VSUP
Minimum DC input voltage
VBB + 0.6
V
VSUP−SREF
Internal reference voltage
400
500
600
mV
VBB
Stabilized supply voltage
ISUP = 15 mA
2.75
2.95
3.15
V
∆V
BB
Variation of supply voltage
from ISUP = 15 to 120 mA −
15
mV
∆V
BB/∆T
Variation of supply voltage with
temperature, referred to 25
°C
Tamb = −25 to +75 °C;
Isup = 15 mA
−±0.2
mV/K
ISUP
Minimum operating current
2.5
4.0
mA
THD
Distortion of AC signal between
SUP and VEE
VSUP(RMS) = 1 V
0.3
%
Vno(RMS)
Noise between SUP and VEE
(RMS value)
psophometrically
weighted (P53 curve)
−−71
dBmp
Current consumption in
power-down condition
PD = HIGH
ISUP
VSUP = 3.6 V
50
75
µA
IBB
VBB = 2.95 V
400
550
µA
Loudspeaker amplifier inputs LSI1 and LSI2
Zi
input impedance (LSI1 and LSI2) single ended
7.5
9.5
11.5
k
differential (LSI1 to LSI2)
15
19
23
k
Gv
Voltage gain from LSI1/2 to QLS
ISUP = 15 mA;
Vi = 2 mV (RMS)
34
35
36
dB
∆G
v
Total gain variation with input
signal from 2 mV(RMS) to
10 mV(RMS)
0.2
dB
∆G/∆T
Total gain variation with
temperature referred to 25
°C
Tamb = −25 to +75 °C
−±0.4
dB
Output capabilities
VO(p-p)
Maximum output voltage
(peak-to-peak value)
THD = 3%; 50
Ω load
2.0
2.5
V
VO(p-p)
Output voltage (peak-to-peak
value)
Vi = 10 mV(RMS);
ISUP = 15 mA;
VSUP−VEE = 1 V (RMS)
1.6
V
Vno(RMS)
Noise output voltage (RMS
value)
1k
Ω between inputs
LSI1 and LSI2;
psophometrically
weighted (P53 curve)
250
−µV
Power-down input (PD) (TEA1083A only)
VIL
LOW level input voltage
0
0.3
V
VIH
HIGH level input voltage
1.5
VBB
V
IPD
Input current
PD = HIGH
2.3
2.8
µA


Similar Part No. - TEA1083

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1081 PHILIPS-TEA1081 Datasheet
77Kb / 16P
   Supply circuit with power-down for telephone set peripherals
September 1994
TEA1081T PHILIPS-TEA1081T Datasheet
77Kb / 16P
   Supply circuit with power-down for telephone set peripherals
September 1994
TEA1085 PHILIPS-TEA1085 Datasheet
199Kb / 32P
   Listening-in circuit for line-powered telephone sets
March 1992
TEA1085A PHILIPS-TEA1085A Datasheet
199Kb / 32P
   Listening-in circuit for line-powered telephone sets
March 1992
TEA1085AT PHILIPS-TEA1085AT Datasheet
199Kb / 32P
   Listening-in circuit for line-powered telephone sets
March 1992
More results

Similar Description - TEA1083

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MX623 ETC-MX623 Datasheet
59Kb / 6P
   Line-Powered Call Progress Tone Detector
BU8877 ETC-BU8877 Datasheet
102Kb / 3P
   Call Progress Tone Decoder for Telephone
logo
NXP Semiconductors
TEA1085 PHILIPS-TEA1085 Datasheet
199Kb / 32P
   Listening-in circuit for line-powered telephone sets
March 1992
logo
CML Microcircuits
FX643 CMLMICRO-FX643 Datasheet
274Kb / 14P
   Call Progress Tone Detector
FX663 CMLMICRO-FX663 Datasheet
304Kb / 17P
   Call Progress Decoder
logo
NXP Semiconductors
NE5900 PHILIPS-NE5900 Datasheet
50Kb / 7P
   Call progress decoder
1986 May 8
logo
List of Unclassifed Man...
FX623 ETC-FX623 Datasheet
49Kb / 6P
   Call Progress Tone Decoder
logo
CML Microcircuits
FX633 CMLMICRO-FX633 Datasheet
299Kb / 13P
   Call Progress Tone Detector
logo
Holtek Semiconductor In...
HT9020B HOLTEK-HT9020B Datasheet
120Kb / 7P
   Call Progress Tone Detector
logo
CML Microcircuits
FX623 CMLMICRO-FX623 Datasheet
50Kb / 6P
   Call Progress Tone Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com