Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38034ME-XXXSP Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # M38034ME-XXXSP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38034ME-XXXSP Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button M38034ME-XXXSP Datasheet HTML 6Page - Renesas Technology Corp M38034ME-XXXSP Datasheet HTML 7Page - Renesas Technology Corp M38034ME-XXXSP Datasheet HTML 8Page - Renesas Technology Corp M38034ME-XXXSP Datasheet HTML 9Page - Renesas Technology Corp M38034ME-XXXSP Datasheet HTML 10Page - Renesas Technology Corp M38034ME-XXXSP Datasheet HTML 11Page - Renesas Technology Corp M38034ME-XXXSP Datasheet HTML 12Page - Renesas Technology Corp M38034ME-XXXSP Datasheet HTML 13Page - Renesas Technology Corp M38034ME-XXXSP Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 119 page
background image
Rev.1.00
Apr 2, 2007
Page 10 of 117
REJ03B0212-0100
3803 Group (Spec.L)
Fig 8.
Register push and pop at interrupt generation and subroutine call
Interrupt request(1)
M(S)
←(PCH)
(S)
←(S) − 1
M(S)
←(PCL)
(
S)
(S) − 1
Execute RTS
Subroutine
(S)
←(S) + 1
(PCL)
←M(S)
(S)
←(S) + 1
(PCH)
←M(S)
M(S)
←(PCH)
(S)
←(S) − 1
M(S)
←(PCL)
(S)
←(S) − 1
M(S)
←(PS)
(S)
←(S) − 1
Interrupt
Service Routine
(S)
←(S) + 1
(PS)
←M(S)
(S)
←(S) + 1
(PCL)
←M(S)
(S)
←(S) + 1
(PCH)
←M(S)
Execute JSR
Execute RTI
Push Return Address
on Stack
Push Contents of
Processor
Status Register on Stack
I Flag is Set from
“0” to “1”
Fetch the Jump
Vector
POP Contents of
Processor Status Register
from Stack
POP Return
Address from Stack
POP Return
Address from
Stack
Push Return
Address
on Stack
Note 1 : Condition for acceptance of an interrupt
→ Interrupt enable flag is “1”
Interrupt disable flag is “0”
On-going Routine
Table 4
Push and pop instructions of accumulator or processor status register
Push instruction to stack
Pop instruction from stack
Accumulator
PHA
PLA
Processor status register
PHP
PLP


Similar Part No. - M38034ME-XXXSP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38034ME-XXXSP RENESAS-M38034ME-XXXSP Datasheet
2Mb / 119P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38034ME-XXXSP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com