Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA1102TS Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TEA1102TS
Description  Fast charge ICs for NiCd, NiMH, SLA and LiIon
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1102TS Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TEA1102TS Datasheet HTML 2Page - NXP Semiconductors TEA1102TS Datasheet HTML 3Page - NXP Semiconductors TEA1102TS Datasheet HTML 4Page - NXP Semiconductors TEA1102TS Datasheet HTML 5Page - NXP Semiconductors TEA1102TS Datasheet HTML 6Page - NXP Semiconductors TEA1102TS Datasheet HTML 7Page - NXP Semiconductors TEA1102TS Datasheet HTML 8Page - NXP Semiconductors TEA1102TS Datasheet HTML 9Page - NXP Semiconductors TEA1102TS Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
1999 Jan 27
6
Philips Semiconductors
Preliminary specification
Fast charge ICs for NiCd, NiMH, SLA and
LiIon
TEA1102; TEA1102T;
TEA1102TS
INTRODUCTION
All battery types are initially fast charged with an
adjustable high current. Fast charge termination depends
upon the battery type. With NiCd and NiMH batteries the
main fast charge termination will be the
∆T/∆t (temperature
detection) and/or peak voltage detection and with SLA and
LiIon batteries when the battery voltage reaches
2.45 or 4.1 V respectively.
The fast charge period is followed by a top-off period for
NiCd and NiMH batteries and by a fill-up period for SLA
and LiIon batteries. During the top-off period the NiCd and
NiMH batteries are charged to maximum capacity by
reduced adjustable charge current.
During the fill-up period the SLA and LiIon batteries are
charged to maximum capacity by a constant voltage and a
gradually decreasing current. The fill-up and top-off period
ends after time-out or one hour respectively.
After the fill-up or top-off period, the TEA1102x switches
over to the standby mode. For NiCd and NiMH batteries
either the voltage regulation or trickle charge mode can be
selected. The voltage regulation mode is selected when
the battery includes a fixed load. Trickle charge prevents a
discharge of the battery over a long period of time.
For SLA and LiIon batteries the charge current is disabled
during standby. The fast charge mode is entered again
when the battery voltage reaches 1.5 V (SLA) or 3 V
(LiIon).
Charging principles
CHARGING NiCd/NiMH BATTERIES
Fast charging of the battery begins when the power supply
voltage is applied and at battery insertion.
During fast charge of NiCd and NiMH batteries, the battery
temperature and voltage are monitored. Outside the
initialized temperature and voltage window, the system
switches over to the top-off charge current.
The TEA1102x supports detection of fully charged NiCd
and NiMH batteries by either of the following criteria:
•∆T/∆t
• Voltage peak detection.
If the system is programmed with
∆T/∆t and Vpeak or, ∆T/∆t
or Vpeak as the main fast charge termination, it
automatically switches to voltage peak detection if the
battery pack is not provided with a temperature sensing
input (NTC). In this way both packages, with and without
temperature sensor, can be used randomly independent of
the applied full detection method. Besides
∆T/∆t and/or
voltage peak detection, fast charging is also protected by
temperature cut-off and time-out.
To avoid false fast charge termination by peak voltage
detection or
∆T/∆t, full detection is disabled during a short
hold-off period at the start of a fast charge session. After
fast charge termination, the battery is extra charged by a
top-off period. During this period of approximately one
hour, the charge current is lowered thus allowing the
battery to be charged to nearly 100% before the system
switches over to standby.
After the battery has been charged to nearly 100% by the
top-off period, discharge of the battery (caused by a load
or by the self-discharge) can be avoided by voltage
regulation or by trickle charge.
If batteries are charged in combination with a load, the
TEA1102x can be programmed to apply voltage regulation
during the standby mode. In this way, discharge of the
battery caused by self-discharge or by an eventual load is
avoided. The regulating voltage is adjustable to the
voltage characteristic of the battery. For battery safety the
charge current is limited and the temperature is monitored
during voltage regulation. If a trickle charge is applied, the
self-discharge of the battery will be compensated by a
pulsating charge current.
To avoid the so called ‘memory effect’ in NiCd batteries, a
refresh can be manually activated.The discharge current is
regulated by the IC in combination with an external power
transistor. After discharging the battery to 1 V per cell, the
system automatically switches over to fast charge.
CHARGING LiION/SLA BATTERIES
Charging these types of batteries differs considerably from
charging NiCd and NiMH batteries. The batteries will be
charged with a charge current of 0.15 CA if their cell
voltage is below the minimum voltage of 0.9 V for Lilon or
0.45 V for SLA. With batteries in good condition the battery
voltage will rise above 0.9 V in a short period of time.
When the batteries are short-circuited the voltage will not
rise above 0.9 V within one hour and the system will
change over to cut-off, which means that the output drivers
AO and PWM are fixed to zero and that battery charge can
only be started again after a power-on reset. If the battery
voltage of a good condition battery is above the minimum
level of 0.9 V the battery will be charged with the
programmed fast charge current.
If Lilon or SLA batteries are used, ‘full’ is detected when
the battery voltage reaches 4.1 and 2.45 V respectively.
At this point the TEA1102x switches from current
regulation to voltage regulation (fill-up mode).


Similar Part No. - TEA1102TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1100 PHILIPS-TEA1100 Datasheet
628Kb / 19P
   Battery monitor for Nicd and NiMH chargers
TEA1100T PHILIPS-TEA1100T Datasheet
628Kb / 19P
   Battery monitor for Nicd and NiMH chargers
TEA1101 PHILIPS-TEA1101 Datasheet
748Kb / 20P
   Battery monitor for Nicd and NiMH chargers
May 1993
TEA1101T PHILIPS-TEA1101T Datasheet
748Kb / 20P
   Battery monitor for Nicd and NiMH chargers
May 1993
TEA1103 PHILIPS-TEA1103 Datasheet
302Kb / 28P
   Fast charge ICs for NiCd and NiMH batteries
1999 Jan 27
More results

Similar Description - TEA1102TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1103 PHILIPS-TEA1103 Datasheet
302Kb / 28P
   Fast charge ICs for NiCd and NiMH batteries
1999 Jan 27
logo
Texas Instruments
BQ2002 TI-BQ2002 Datasheet
134Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 1999
BQ2002D TI-BQ2002D Datasheet
117Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 2000
BQ2002FSNTRG4 TI-BQ2002FSNTRG4 Datasheet
688Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
BQ2002E TI-BQ2002E Datasheet
78Kb / 13P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
2/99
BQ2002D TI1-BQ2002D_14 Datasheet
553Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
BQ2002ESNTR TI1-BQ2002ESNTR Datasheet
273Kb / 15P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
logo
TEMIC Semiconductors
U2402B TEMIC-U2402B Datasheet
317Kb / 17P
   Fast Charge Controller for NiCd/NiMH Batteries
logo
Maxim Integrated Produc...
MAX712 MAXIM-MAX712_02 Datasheet
777Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 5; 4/02
logo
Texas Instruments
BQ2002C TI-BQ2002C Datasheet
76Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management IC
9/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com