Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA1104 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TEA1104
Description  Cost effective battery monitor and fast charge IC for NiCd and NiMH chargers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1104 Datasheet(HTML) 2 Page - NXP Semiconductors

  TEA1104 Datasheet HTML 1Page - NXP Semiconductors TEA1104 Datasheet HTML 2Page - NXP Semiconductors TEA1104 Datasheet HTML 3Page - NXP Semiconductors TEA1104 Datasheet HTML 4Page - NXP Semiconductors TEA1104 Datasheet HTML 5Page - NXP Semiconductors TEA1104 Datasheet HTML 6Page - NXP Semiconductors TEA1104 Datasheet HTML 7Page - NXP Semiconductors TEA1104 Datasheet HTML 8Page - NXP Semiconductors TEA1104 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1996 Feb 26
2
Philips Semiconductors
Objective specification
Cost effective battery monitor and fast
charge IC for NiCd and NiMH chargers
TEA1104; TEA1104T
FEATURES
• Accurate detection of fully charged batteries by
currentless peak voltage sensing
• Switch-over from fast to safe trickle charge current at
battery full detection
• Fast charge termination back-up by maximum time and
maximum temperature detection
• Several trickle charge drive possibilities for mains
isolated and non-mains isolated systems
• Battery checking to protect against short-circuited and
open batteries
• Battery monitor allows recharging of different battery
packs in the same charger
• Dual LED indicator provision
• External regulator not required because of large input
voltage range
• Few low cost external components required.
APPLICATIONS
• Portable telephone
• Portable computer
• Portable audio
• Portable video.
GENERAL DESCRIPTION
The TEA1104 is manufactured in a BiCMOS process
intended to be used as a battery monitor circuit in charge
systems for NiCd and NiMH batteries. It is especially
designed for cost effective compact consumer
applications.
The circuit is able to detect fully charged batteries by
currentless battery voltage sensing. Several output drive
functions are available to control the (reduced) trickle
charge current to keep the batteries full with maximum life
expectations.
The battery full detection is backed up by two independent
mechanisms to make the system fail safe; maximum time
and maximum temperature.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
supply voltage
5.45
11.5
V
IP
supply current
outputs off
−−
3mA
Vbat
voltage range of battery full detection
0.81
3.6
V
∆V
bat/Vbat
voltage peak detection level with
respect to top value
0.25
%
Ibat
battery monitor input current
−−
1nA
Vbat(l)
battery voltage protection low
0.81
0.91
V
Vbat(h)
battery voltage protection high
3.5
3.6
V
fosc
oscillator frequency
10
100
kHz
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TEA1104
DIP8
plastic dual in-line package; 8 leads (300 mil)
SOT97-1
TEA1104T
SO8
plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1


Similar Part No. - TEA1104

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1100 PHILIPS-TEA1100 Datasheet
628Kb / 19P
   Battery monitor for Nicd and NiMH chargers
TEA1100T PHILIPS-TEA1100T Datasheet
628Kb / 19P
   Battery monitor for Nicd and NiMH chargers
TEA1101 PHILIPS-TEA1101 Datasheet
748Kb / 20P
   Battery monitor for Nicd and NiMH chargers
May 1993
TEA1101T PHILIPS-TEA1101T Datasheet
748Kb / 20P
   Battery monitor for Nicd and NiMH chargers
May 1993
TEA1102 PHILIPS-TEA1102 Datasheet
306Kb / 28P
   Fast charge ICs for NiCd, NiMH, SLA and LiIon
1999 Jan 27
More results

Similar Description - TEA1104

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1101 PHILIPS-TEA1101 Datasheet
748Kb / 20P
   Battery monitor for Nicd and NiMH chargers
May 1993
TEA1100 PHILIPS-TEA1100 Datasheet
628Kb / 19P
   Battery monitor for Nicd and NiMH chargers
74LV4799 PHILIPS-74LV4799 Datasheet
162Kb / 18P
   Timer for NiCd and NiMH chargers
1998 Apr 20
logo
Maxim Integrated Produc...
MAX712 MAXIM-MAX712_02 Datasheet
777Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 5; 4/02
MAX712 MAXIM-MAX712_08 Datasheet
229Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 6; 12/08
logo
NXP Semiconductors
TEA1103 PHILIPS-TEA1103 Datasheet
302Kb / 28P
   Fast charge ICs for NiCd and NiMH batteries
1999 Jan 27
logo
Maxim Integrated Produc...
MAX2003 MAXIM-MAX2003 Datasheet
211Kb / 20P
   NiCd/NiMH Battery Fast-Charge Controllers
MAX712 MAXIM-MAX712_V01 Datasheet
264Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
2013
logo
Texas Instruments
BQ2002C TI-BQ2002C Datasheet
76Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management IC
9/97
logo
Maxim Integrated Produc...
MAX712 MAXIM-MAX712 Datasheet
168Kb / 18P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 3; 1/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com