Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA1110A Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TEA1110A
Description  Low voltage versatile telephone transmission circuit with dialler interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1110A Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TEA1110A Datasheet HTML 7Page - NXP Semiconductors TEA1110A Datasheet HTML 8Page - NXP Semiconductors TEA1110A Datasheet HTML 9Page - NXP Semiconductors TEA1110A Datasheet HTML 10Page - NXP Semiconductors TEA1110A Datasheet HTML 11Page - NXP Semiconductors TEA1110A Datasheet HTML 12Page - NXP Semiconductors TEA1110A Datasheet HTML 13Page - NXP Semiconductors TEA1110A Datasheet HTML 14Page - NXP Semiconductors TEA1110A Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
1997 Apr 22
11
Philips Semiconductors
Product specification
Low voltage versatile telephone
transmission circuit with dialler interface
TEA1110A
CHARACTERISTICS
Iline = 15 mA; VEE =0V; RSLPE =20 Ω; AGC pin connected to VEE; Zline = 600 Ω; f = 1 kHz; Tamb =25 °C;
unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies (pins VLN, VCC, SLPE and REG)
Vref
stabilized voltage between LN and
SLPE
3.1
3.35
3.6
V
VLN
DC line voltage
Iline =1mA
1.6
V
Iline =4mA
2.3
V
Iline = 15 mA
3.35
3.65
3.95
V
Iline = 140 mA
−−
6.9
V
VLN(exR)
DC line voltage with an external
resistor RVA
RVA(SLPE−REG) =27kΩ−
4.4
V
∆V
LN(T)
DC line voltage variation with
temperature referred to 25
°C
Tamb = −25 to +75 °C
−±30
mV
ICC
internal current consumption
VCC = 2.9 V
1.1
1.4
mA
VCC
supply voltage for peripherals
IP =0mA
2.9
V
RCCint
equivalent supply voltage resistance IP = 0.5 mA
550
620
Microphone amplifier (pins MIC+ and MIC
−)
Zi
input impedance
differential between pins
MIC+ and MIC
64
k
single-ended between pins
MIC+/MIC
− and VEE
32
k
Gvtx
voltage gain from MIC+/MIC
− to LN VMIC = 4 mV (RMS)
42.7
43.7
44.7
dB
∆Gvtx(f)
gain variation with frequency
referred to 1 kHz
f = 300 to 3400 Hz
−±0.2
dB
∆Gvtx(T)
gain variation with temperature
referred to 25
°C
Tamb = −25 to +75 °C
−±0.3
dB
CMRR
common mode rejection ratio
80
dB
VLN(max)(rms) maximum sending signal
(RMS value)
Iline = 15 mA; THD = 2%
1.4
1.7
V
Iline = 4 mA, THD = 10%
0.8
V
Vnotx
noise output voltage at pin LN; pins
MIC+/MIC
− shorted through 200 Ω
psophometrically
weighted (P53 curve)
−−78.5 −
dBmp
Receiving amplifier (pins IR, QR and GAR)
Z
i
input impedance
20
k
Gvrx
voltage gain from IR to QR
VIR = 4 mV (RMS)
32
33
34
dB
∆G
vrx(f)
gain variation with frequency
referred to 1 kHz
f = 300 to 3400 Hz
−±0.2
dB
∆Gvrx(T)
gain variation with temperature
referred to 25
°C
Tamb = −25 to +75 °C
−±0.3
dB


Similar Part No. - TEA1110A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A Datasheet
249Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION TELEPHONE TRANSMISSION INTERFACE
TEA1110A UTC-TEA1110A Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
TEA1110AG-D14-T UTC-TEA1110AG-D14-T Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
TEA1110AG-D14-T UTC-TEA1110AG-D14-T Datasheet
275Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT
TEA1110AG-S14-R UTC-TEA1110AG-S14-R Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
More results

Similar Description - TEA1110A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1113 PHILIPS-TEA1113 Datasheet
181Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Mar 27
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A_10 Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1066T PHILIPS-TEA1066T Datasheet
133Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 04
TEA1067 PHILIPS-TEA1067 Datasheet
175Kb / 28P
   Low voltage versatile telephone transmission circuit with dialler interface
June 1990
logo
List of Unclassifed Man...
ILA1068 ETC-ILA1068 Datasheet
352Kb / 11P
   Versatile Telephone Transmission Circuit with Dialler Interface
logo
NXP Semiconductors
TEA1068 PHILIPS-TEA1068 Datasheet
168Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 23
TEA1065 PHILIPS-TEA1065 Datasheet
154Kb / 28P
   Versatile telephone transmission circuit with dialler interface
March 1994
TEA1112 PHILIPS-TEA1112 Datasheet
154Kb / 20P
   Low voltage versatile telephone transmission circuits with dialler interface
1997 Mar 26
logo
List of Unclassifed Man...
TEA1060 ETC-TEA1060 Datasheet
757Kb / 16P
   VERSATILE TELEPHONE TRANSMISSION CIRCUITS WITH DIALLER INTERFACE
logo
Unisonic Technologies
UTCTEA1062N UTC-UTCTEA1062N Datasheet
177Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com