Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHV2710-QJ-0G0T Datasheet(PDF) 7 Page - Mimix Broadband

Part # CHV2710-QJ-0G0T
Description  2.5 GHz InGaP HBT 5W Linear Power Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CHV2710-QJ-0G0T Datasheet(HTML) 7 Page - Mimix Broadband

  CHV2710-QJ-0G0T Datasheet HTML 1Page - Mimix Broadband CHV2710-QJ-0G0T Datasheet HTML 2Page - Mimix Broadband CHV2710-QJ-0G0T Datasheet HTML 3Page - Mimix Broadband CHV2710-QJ-0G0T Datasheet HTML 4Page - Mimix Broadband CHV2710-QJ-0G0T Datasheet HTML 5Page - Mimix Broadband CHV2710-QJ-0G0T Datasheet HTML 6Page - Mimix Broadband CHV2710-QJ-0G0T Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Page 7 of 7
CHV2710-QJ
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
2.5 GHz InGaP HBT
5W Linear Power Amplifier
August 2007 - Rev 30-Aug-07
Ordering Information
Description
CHV2710-QJ-0G00
Matte Tin plated RoHs compliant 6X6 QFN surface mount package in bulk tested for WiMAX 2.5 GHz
CHV2710-QJ-0G0T
Matte Tin Plated RoHs compliant 6X6 QFN surface mount package in tape and reel tested for WiMAX 2.5 GHz
CHV2710-QJ-0GA0
Matte Tin plated RoHs compliant 6X6 QFN surface mount package in bulk tested for WiBRO
CHV2710-QJ-0GAT
Matte Tin Plated RoHs compliant 6X6 QFN surface mount package in tape and reel tested for WiBRO
PB-CHV2710-0000
Evaluation Board with SMA connectors for WiMAX 2.5 GHz
PB-CHV2710-00A0
Evaluation Board with SMA connectors for WiBRO
We also offer the plastic package with SnPb (Tin-Lead) or NiPdAu plating. Please contact your regional sales manager
for more information regarding different plating types.
Handling and Assembly Information
Do not ingest.
Do not alter the form of this product into a gas, powder, or liquid through burning, crushing, or chemical
processing as these by-products are dangerous to the human body if inhaled, ingested, or swallowed.
Observe government laws and company regulations when discarding this product. This product must be
discarded in accordance with methods specified by applicable hazardous waste procedures.
- Mimix Broadband's products are not authorized for use as critical components in life support
devices or systems without the express written approval of the President and General Counsel of Mimix Broadband. As
used herein: (1) Life support devices or systems are devices or systems which, (a) are intended for surgical implant into
the body, or (b) support or sustain life, and whose failure to perform when properly used in accordance with instructions
for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. (2) A critical
component is any component of a life support device or system whose failure to perform can be reasonably expected
to cause the failure of the life support device or system, or to affect its safety or effectiveness.
Package Attachment
- This packaged product from Mimix Broadband is provided as a rugged surface mount package
compatible with high volume solder installation. Care should be taken not to apply heavy pressure to the top or base
material to avoid package damage. Vacuum tools or other suitable pick and place equipment may be used to pick and
place this part. Care should be taken to ensure that there are no voids or gaps in the solder connection so that good RF,
DC and ground connections are maintained. Voids or gaps can eventually lead not only to RF performance degradation,
but reduced reliability and life of the product due to thermal stress.
Mimix Lead-Free RoHS Compliant Program -
Mimix has an active program in place to meet customer and governmental
requirements for eliminating lead (Pb) and other environmentally hazardous materials from our products. All Mimix
RoHS compliant components are form, fit and functional replacements for their non-RoHS equivalents. Lead plating of
our RoHS compliant parts is 100% matt tin (Sn) over copper alloy and is backwards compatible with current standard
SnPb low-temperature reflow processes as well as higher temperature (260°C reflow) “Pb Free” processes.
CAUTION!
- Mimix Broadband MMIC Products contain gallium arsenide (GaAs) which can be hazardous to the human
body and the environment. For safety, observe the following procedures:


Similar Part No. - CHV2710-QJ-0G0T

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CHV2710-QJ-0G0T MIMIX-CHV2710-QJ-0G0T Datasheet
229Kb / 6P
   2.5 GHz InGaP HBT 5W Linear Power Amplifier
CHV2710-QJ-0G0T MIMIX-CHV2710-QJ-0G0T Datasheet
375Kb / 7P
   2.5 GHz InGaP HBT 5W Linear Power Amplifier
More results

Similar Description - CHV2710-QJ-0G0T

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CHV2710-QJ MIMIX-CHV2710-QJ Datasheet
229Kb / 6P
   2.5 GHz InGaP HBT 5W Linear Power Amplifier
CHV2710-QJ_0610 MIMIX-CHV2710-QJ_0610 Datasheet
375Kb / 7P
   2.5 GHz InGaP HBT 5W Linear Power Amplifier
CHV2711-QJ MIMIX-CHV2711-QJ Datasheet
365Kb / 6P
   3.5 GHz InGaP HBT 5W Linear Power Amplifier
logo
Fairchild Semiconductor
RMPA2453 FAIRCHILD-RMPA2453 Datasheet
299Kb / 10P
   2.4-2.5 GHz InGaP HBT Linear Power Amplifier
RMPA2456 FAIRCHILD-RMPA2456 Datasheet
935Kb / 8P
   2.4-2.5 GHz InGaP HBT Low Current Linear Power Amplifier
RMPA2458 FAIRCHILD-RMPA2458 Datasheet
944Kb / 8P
   2.4-2.5 GHz InGaP HBT Low Current Linear Power Amplifier
RMPA2455 FAIRCHILD-RMPA2455 Datasheet
596Kb / 10P
   2.4-2.5 GHz 1 Watt InGaP HBT Linear Power Amplifier
RMPA2458_059 FAIRCHILD-RMPA2458_059 Datasheet
955Kb / 9P
   2.4-2.5 GHz InGaP HBT Low Current Linear Power Amplifier
logo
Microsemi Corporation
LX5512B MICROSEMI-LX5512B_05 Datasheet
553Kb / 8P
   InGaP HBT 2.4 ??2.5 GHz Power Amplifier
LX5514 MICROSEMI-LX5514 Datasheet
92Kb / 2P
   InGaP HBT 2.3 - 2.5 GHz Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com