Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA1112A Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TEA1112A
Description  Low voltage versatile telephone transmission circuits with dialler interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1112A Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TEA1112A Datasheet HTML 3Page - NXP Semiconductors TEA1112A Datasheet HTML 4Page - NXP Semiconductors TEA1112A Datasheet HTML 5Page - NXP Semiconductors TEA1112A Datasheet HTML 6Page - NXP Semiconductors TEA1112A Datasheet HTML 7Page - NXP Semiconductors TEA1112A Datasheet HTML 8Page - NXP Semiconductors TEA1112A Datasheet HTML 9Page - NXP Semiconductors TEA1112A Datasheet HTML 10Page - NXP Semiconductors TEA1112A Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
1997 Mar 26
7
Philips Semiconductors
Product specification
Low voltage versatile telephone
transmission circuits with dialler interface
TEA1112; TEA1112A
Receiving amplifier (pins IR, GAR and QR)
The receiving amplifier has one input (IR) and one output
(QR). The input impedance between pin IR and pin VEE is
20 k
Ω. The voltage gain from pin IR to pin QR is set at
31.2 dB (typ). The gain can be decreased by connecting
an external resistor RGAR between pins GAR and QR; the
adjustment range is 12 dB. Two external capacitors CGAR
(connected between GAR and QR) and CGARS (connected
between GAR and VEE) ensure stability. The CGAR
capacitor provides a first-order low-pass filter. The cut-off
frequency corresponds to the time constant
CGAR × (RGARint // RGAR). RGARint is the internal resistor
which sets the gain with a typical value of 100 k
Ω.
The relationship CGARS =10 × CGAR must be fulfilled to
ensure stability.
The output voltage of the receiving amplifier is specified for
continuous wave drive. The maximum output swing
depends on the DC line voltage, the RCC resistor, the ICC
current consumption of the circuit, the Ip current
consumption of the peripheral circuits and the load
impedance.
Automatic gain control is provided on this amplifier for line
loss compensation.
Automatic gain control (pin AGC)
The TEA1112; TEA1112A perform automatic line loss
compensation. The automatic gain control varies the gain
of the microphone amplifier and the gain of the receiving
amplifier in accordance with the DC line current.
The control range is 5.8 dB (which corresponds
approximately to a line length of 5 km for a 0.5 mm
diameter twisted-pair copper cable with a DC resistance of
176
Ω/km and an average attenuation of 1.2 dB/km).
The ICs can be used with different configurations of
feeding bridge (supply voltage and bridge resistance) by
connecting an external resistor RAGC between pins AGC
and VEE. This resistor enables the Istart and Istop line
currents to be increased (the ratio between Istart and Istop is
not affected by the resistor). The AGC function is disabled
when pin AGC is left open-circuit.
Mute function (pin MUTE; TEA1112)
The mute function performs the switching action between
the speech mode and the dialling mode. When MUTE is
LOW or open-circuit, the microphone and receiving
amplifiers inputs are enabled while the DTMF input is
disabled, depending on the MMUTE level (see Table 1).
When MUTE is HIGH, the DTMF input is enabled and the
microphone and receiving amplifiers inputs are disabled.
Mute function (pin MUTE; TEA1112A)
The mute function performs the switching between the
speech mode and the dialling mode. When MUTE is LOW
or open-circuit, the DTMF input is enabled and the
microphone and receiving amplifiers inputs are disabled.
When MUTE is HIGH, the microphone and receiving
amplifiers inputs are enabled while the DTMF input is
disabled, depending on the MMUTE level (see Table 1).
DTMF amplifier (pin DTMF)
When the DTMF amplifier is enabled, dialling tones may
be sent on line. These tones can be heard in the earpiece
at a low level (confidence tone).
The TEA1112; TEA1112A have an asymmetrical DTMF
input. The input impedance between DTMF and VEE is
20 k
Ω. The voltage gain from pin DTMF to pin LN is
25.5 dB. When an external resistor is connected between
pins REG and GAS to decrease the microphone gain, the
DTMF gain varies in the same way (the DTMF gain is
26.3 dB lower than the microphone gain with no AGC
control).
The automatic gain control has no effect on the DTMF
amplifier.


Similar Part No. - TEA1112A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1110 PHILIPS-TEA1110 Datasheet
187Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Apr 22
TEA1110A PHILIPS-TEA1110A Datasheet
187Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Apr 22
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A Datasheet
249Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION TELEPHONE TRANSMISSION INTERFACE
TEA1110A UTC-TEA1110A Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
TEA1110AG-D14-T UTC-TEA1110AG-D14-T Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
More results

Similar Description - TEA1112A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TEA1060 ETC-TEA1060 Datasheet
757Kb / 16P
   VERSATILE TELEPHONE TRANSMISSION CIRCUITS WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1113 PHILIPS-TEA1113 Datasheet
181Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Mar 27
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A_10 Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1110A PHILIPS-TEA1110A Datasheet
187Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Apr 22
TEA1067 PHILIPS-TEA1067 Datasheet
175Kb / 28P
   Low voltage versatile telephone transmission circuit with dialler interface
June 1990
TEA1066T PHILIPS-TEA1066T Datasheet
133Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 04
logo
List of Unclassifed Man...
ILA1068 ETC-ILA1068 Datasheet
352Kb / 11P
   Versatile Telephone Transmission Circuit with Dialler Interface
logo
NXP Semiconductors
TEA1068 PHILIPS-TEA1068 Datasheet
168Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 23
TEA1065 PHILIPS-TEA1065 Datasheet
154Kb / 28P
   Versatile telephone transmission circuit with dialler interface
March 1994
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A Datasheet
249Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION TELEPHONE TRANSMISSION INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com