Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHV2710-QJ-0GAT Datasheet(PDF) 5 Page - Mimix Broadband

Part # CHV2710-QJ-0GAT
Description  2.5 GHz InGaP HBT 5W Linear Power Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CHV2710-QJ-0GAT Datasheet(HTML) 5 Page - Mimix Broadband

  CHV2710-QJ-0GAT Datasheet HTML 1Page - Mimix Broadband CHV2710-QJ-0GAT Datasheet HTML 2Page - Mimix Broadband CHV2710-QJ-0GAT Datasheet HTML 3Page - Mimix Broadband CHV2710-QJ-0GAT Datasheet HTML 4Page - Mimix Broadband CHV2710-QJ-0GAT Datasheet HTML 5Page - Mimix Broadband CHV2710-QJ-0GAT Datasheet HTML 6Page - Mimix Broadband CHV2710-QJ-0GAT Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Page 5 of 7
CHV2710-QJ
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
2.5 GHz InGaP HBT
5W Linear Power Amplifier
Recommended Board Layout:
We recommend that all N/C pins be grounded and
sufficient number of vias to be present under the ground
plane to insure good RF and thermal grounding.
Pins 13 and 18 are connected to the RFout trace.
Physical Dimensions:
August 2007 - Rev 30-Aug-07


Similar Part No. - CHV2710-QJ-0GAT

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CHV2710-QJ-0GAT MIMIX-CHV2710-QJ-0GAT Datasheet
375Kb / 7P
   2.5 GHz InGaP HBT 5W Linear Power Amplifier
More results

Similar Description - CHV2710-QJ-0GAT

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CHV2710-QJ MIMIX-CHV2710-QJ Datasheet
229Kb / 6P
   2.5 GHz InGaP HBT 5W Linear Power Amplifier
CHV2710-QJ_0610 MIMIX-CHV2710-QJ_0610 Datasheet
375Kb / 7P
   2.5 GHz InGaP HBT 5W Linear Power Amplifier
CHV2711-QJ MIMIX-CHV2711-QJ Datasheet
365Kb / 6P
   3.5 GHz InGaP HBT 5W Linear Power Amplifier
logo
Fairchild Semiconductor
RMPA2453 FAIRCHILD-RMPA2453 Datasheet
299Kb / 10P
   2.4-2.5 GHz InGaP HBT Linear Power Amplifier
RMPA2456 FAIRCHILD-RMPA2456 Datasheet
935Kb / 8P
   2.4-2.5 GHz InGaP HBT Low Current Linear Power Amplifier
RMPA2458 FAIRCHILD-RMPA2458 Datasheet
944Kb / 8P
   2.4-2.5 GHz InGaP HBT Low Current Linear Power Amplifier
RMPA2455 FAIRCHILD-RMPA2455 Datasheet
596Kb / 10P
   2.4-2.5 GHz 1 Watt InGaP HBT Linear Power Amplifier
RMPA2458_059 FAIRCHILD-RMPA2458_059 Datasheet
955Kb / 9P
   2.4-2.5 GHz InGaP HBT Low Current Linear Power Amplifier
logo
Microsemi Corporation
LX5512B MICROSEMI-LX5512B_05 Datasheet
553Kb / 8P
   InGaP HBT 2.4 ??2.5 GHz Power Amplifier
LX5514 MICROSEMI-LX5514 Datasheet
92Kb / 2P
   InGaP HBT 2.3 - 2.5 GHz Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com